Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRE304-6 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # VRE304-6
Description  Low Cost Precision Reference
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VRE304-6 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  VRE304-6 Datasheet HTML 1Page - List of Unclassifed Manufacturers VRE304-6 Datasheet HTML 2Page - List of Unclassifed Manufacturers VRE304-6 Datasheet HTML 3Page - List of Unclassifed Manufacturers VRE304-6 Datasheet HTML 4Page - List of Unclassifed Manufacturers VRE304-6 Datasheet HTML 5Page - List of Unclassifed Manufacturers VRE304-6 Datasheet HTML 6Page - List of Unclassifed Manufacturers VRE304-6 Datasheet HTML 7Page - List of Unclassifed Manufacturers VRE304-6 Datasheet HTML 8Page - List of Unclassifed Manufacturers VRE304-6 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
VRE302
Low Cost
Precision Reference
DESCRIPTION
FEATURES
The VRE302 is a low cost, high precision 2.5V
reference. Packaged in the industry standard 8
pin DIP, the device is ideal for upgrading systems
that use lower performance references.
The device provides ultrastable +2.500V output
with ±0.2500 mV (.01%) initial accuracy and a
temperature coefficient of 0.6 ppm/°C.
This
improvement in accuracy is made possible by a
unique, patented multipoint laser compensation
technique developed by Thaler Corporation.
Significant improvements have been made in
other performance parameters as well, including
initial accuracy, warm-up drift, line regulation, and
long-term stability, making the VRE302 series the
most accurate reference available in the standard
8 pin DIP package.
For enhanced performance, the VRE302 has an
external trim option for users who want less than
0.01% initial error.
A reference ground pin is
provided to eliminate socket contact resistance
errors.
PIN CONFIGURATION
The VRE302 is recommended for use as a
reference for 14, 16, or 18 bit D/A converters
which require an external precision reference.
The device is also ideal for calibrating scale factor
on high resolution A/D converters. The VRE302
offers superior performance over monolithic
references.
• 2.500 V OUTPUT ± 0.250 mV (.01%)
• TEMPERATURE DRIFT: 0.6 ppm/°C
• LOW NOISE: 1.5µV
p-p (0.1-10Hz)
• INDUSTRY STD PINOUT- 8 PIN DIP OR
SURFACE MOUNT PACKAGE
•EXCELLENT LINE REGULATION: 6ppm/V Typ.
• OUTPUT TRIM CAPABILITY
FIGURE 1
VRE302DS REV. F MAY 2001
SELECTION GUIDE
Model
Temp.
Range
°C
Temp.
Coeff.
ppm/°C
VRE302A
0.25
0.6
0°C to +70°C
VRE302B
0.40
1.0
0°C to +70°C
VRE302C
0.50
2.0
0°C to +70°C
VRE302J
0.25
0.6
-40°C to +85°C
VRE302K
0.40
1.0
-40°C to +85°C
VRE302L
0.50
2.0
-40°C to +85°C
For package option add D for DIP or S for Surface Mount
to end of model number.
Initial
Error
mV
THALER CORPORATION • 2015 N. FORBES BOULEVARD • TUCSON, AZ. 85745 • (520) 882-4000
5
6
7
8
VRE302
TOP
VIEW
1
2
3
4
N.C.
+V
IN
TEMP
GND
NOISE
REF. GND
V
OUT
TRIM


Similar Part No. - VRE304-6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRE304 ETC1-VRE304 Datasheet
330Kb / 5P
   Low Cost Precision Reference
logo
Cirrus Logic
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
   Precision Voltage Reference
logo
List of Unclassifed Man...
VRE3041 ETC1-VRE3041 Datasheet
187Kb / 8P
   Low Cost Precision Reference
VRE3041A ETC1-VRE3041A Datasheet
187Kb / 8P
   Low Cost Precision Reference
VRE3041B ETC1-VRE3041B Datasheet
187Kb / 8P
   Low Cost Precision Reference
More results

Similar Description - VRE304-6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRE3041 ETC1-VRE3041 Datasheet
187Kb / 8P
   Low Cost Precision Reference
VRE3021 ETC-VRE3021 Datasheet
188Kb / 8P
   Low Cost Precision Reference
VRE306 ETC-VRE306 Datasheet
320Kb / 5P
   Low Cost Precision Reference
VRE3025 ETC1-VRE3025 Datasheet
199Kb / 8P
   Low Cost Precision Reference
VRE310 ETC-VRE310 Datasheet
420Kb / 5P
   Low Cost Precision Reference
VRE304 ETC1-VRE304 Datasheet
330Kb / 5P
   Low Cost Precision Reference
VRE3050 ETC-VRE3050 Datasheet
188Kb / 8P
   VRE3050 Low Cost Precision Reference
logo
Maxim Integrated Produc...
MAX6120 MAXIM-MAX6120 Datasheet
86Kb / 6P
   Low-Cost, Micropower, Precision, 3-Terminal, 1.2V Voltage Reference
Rev 1; 9/96
logo
ON Semiconductor
MC1403 ONSEMI-MC1403 Datasheet
125Kb / 8P
   PRECISION LOW VOLTAGE REFERENCE
REV 1
logo
Analog Devices
AD680ARZ-REEL AD-AD680ARZ-REEL Datasheet
399Kb / 12P
   Low Power, Low Cost 2.5 V Reference
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com