Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRE405J Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # VRE405J
Description  Precision Dual Reference
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VRE405J Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button VRE405J Datasheet HTML 5Page - List of Unclassifed Manufacturers VRE405J Datasheet HTML 6Page - List of Unclassifed Manufacturers VRE405J Datasheet HTML 7Page - List of Unclassifed Manufacturers VRE405J Datasheet HTML 8Page - List of Unclassifed Manufacturers VRE405J Datasheet HTML 9Page - List of Unclassifed Manufacturers VRE405J Datasheet HTML 10Page - List of Unclassifed Manufacturers VRE405J Datasheet HTML 11Page - List of Unclassifed Manufacturers VRE405J Datasheet HTML 12Page - List of Unclassifed Manufacturers VRE405J Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
DISCUSSION OF PERFORMANCE
VRE404DS REV. A MAY 1996
VRE404
FIGURE 2
THEORY OF OPERATION
The following discussion refers to the schematic in
figure 2 below. A FET current source is used to bias
a 6.3V zener diode. The zener voltage is divided by
the resistor network R1 and R2. This voltage is then
applied to the noninverting input of the operational
amplifier which amplifies the voltage to produce a
4.500V output. The gain is determined by the
resistor networks R3 and R4: G=1 + R4/R3. The
6.3V zener diode is used because it is the most
stable diode over time and temperature.
The current source provides a closely regulated
zener current, which determines the slope of the
references’ voltage vs. temperature function.
By
trimming the zener current a lower drift over
temperature can be achieved. But since the voltage
vs.
temperature
function
is
nonlinear
this
compensation technique is not well suited for wide
temperature ranges.
Thaler Corporation has developed a nonlinear
compensation network of thermistors and resistors
that is used in the VRE series voltage references.
This proprietary network eliminates most of the
nonlinearity in the voltage vs. temperature function.
By adjusting the slope, Thaler Corporation produces
a very stable voltage over wide temperature ranges.
This network is less than 2% of the overall network
resistance so it has a negligible effect on long term
stability.
The VRE404 reference has it’s ground brought out
on two pins (pin 6 and 7) which are connected
internally. This allows the user to achieve greater
accuracy when using a socket. Voltage references
have a voltage drop across their power supply
ground pin due to quiescent current flowing through
the contact resistance. If the contact resistance was
constant with time and temperature, this voltage
drop could be trimmed out. When the reference is
plugged into a socket, this source of error can be as
high as 20ppm. By connecting pin 7 to the power
supply ground and pin 6 to a high impedance
ground point in the measurement circuit, the error
due to the contact resistance can be eliminated. If
the
unit
is
soldered
into
place,
the
contact
resistance is sufficiently small that it does not effect
performance.


Similar Part No. - VRE405J

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
VRE405 CIRRUS-VRE405 Datasheet
699Kb / 5P
   Precision Dual Voltage Reference
VRE405AD CIRRUS-VRE405AD Datasheet
699Kb / 5P
   Precision Dual Voltage Reference
VRE405AS CIRRUS-VRE405AS Datasheet
699Kb / 5P
   Precision Dual Voltage Reference
VRE405BD CIRRUS-VRE405BD Datasheet
699Kb / 5P
   Precision Dual Voltage Reference
VRE405BS CIRRUS-VRE405BS Datasheet
699Kb / 5P
   Precision Dual Voltage Reference
More results

Similar Description - VRE405J

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
VRE410 CIRRUS-VRE410 Datasheet
676Kb / 5P
   Precision Dual Voltage Reference
VRE405 CIRRUS-VRE405 Datasheet
699Kb / 5P
   Precision Dual Voltage Reference
logo
Linear Technology
LT1021DCS8 LINER-LT1021DCS8 Datasheet
218Kb / 3P
   Precision Reference?
LT1236 LINER-LT1236_15 Datasheet
230Kb / 12P
   Precision Reference
LM399 LINER-LM399_15 Datasheet
171Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1021DCN8-10 LINEAR_DIMENSIONS-LT1021DCN8-10 Datasheet
238Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM199 NSC-LM199_05 Datasheet
651Kb / 10P
   Precision Reference
logo
Linear Technology
LM199 LINER-LM199 Datasheet
296Kb / 5P
   Precision Reference
logo
National Semiconductor ...
LM329 NSC-LM329_08 Datasheet
197Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1236ACS8-5PBF LINEAR_DIMENSIONS-LT1236ACS8-5PBF Datasheet
230Kb / 12P
   Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com