Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRE405 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # VRE405
Description  Precision Dual Reference
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VRE405 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button VRE405 Datasheet HTML 3Page - List of Unclassifed Manufacturers VRE405 Datasheet HTML 4Page - List of Unclassifed Manufacturers VRE405 Datasheet HTML 5Page - List of Unclassifed Manufacturers VRE405 Datasheet HTML 6Page - List of Unclassifed Manufacturers VRE405 Datasheet HTML 7Page - List of Unclassifed Manufacturers VRE405 Datasheet HTML 8Page - List of Unclassifed Manufacturers VRE405 Datasheet HTML 9Page - List of Unclassifed Manufacturers VRE405 Datasheet HTML 10Page - List of Unclassifed Manufacturers VRE405 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
MODEL
A/J
B/K
C/L
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
ABSOLUTE RATINGS
Power Supply
±13.5
±15
±22
*
*
*
*
*
*
V
Operating Temp. (A,B,C)
0
+70
*
*
*
*
°C
Operating Temp. (J,K,L)
-40
+85
*
*
*
*
°C
Storage Temperature
-65
+150
*
*
*
*
°C
Short Circuit Protection
Continuous
*
*
OUTPUT VOLTAGE
VRE404
±4.5
*
*
V
OUTPUT VOLTAGE ERRORS
Initial Error
0.45
0.70
0.90
mV
Warmup Drift
1
2
3
ppm
Tmin - Tmax
0.6
1.0
2.0
ppm/
°C
Tracking Error
0.3
0.4
0.5
mV
Long-Term Stability
6
*
*
ppm/1000hrs
Noise (.1-10Hz)
3
*
*
µVpp
OUTPUT CURRENT
Range
±10
*
*
mA
REGULATION
Line
3
10
*
*
*
*
ppm/V
Load
3
*
*
ppm/mA
POWER SUPPLY CURRENTS
+PS
7
9
*
*
*
*
mA
-PS
4
6
*
*
*
*
mA
VRE404
NOTES:
*Same as A/J Models.
1. The specified values are without external trim.
2. The temperature coefficient (tc) is determined by the
box method using the following formula:
Vmax - Vmin
tc =
x 106
Vnominal x (Tmax-Tmin)
3. The tracking error is the deviation between the
positive and negative output over the operating temp.
range.
(1)
(4)
(2)
(3)
VRE404DS REV. A MAY 1996
Vps =
±15V, T = 25°C, RL = 10K
Ω unless otherwise noted.
ELECTRICAL SPECIFICATIONS
4. The specified values are unloaded.


Similar Part No. - VRE405

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
VRE405 CIRRUS-VRE405 Datasheet
699Kb / 5P
   Precision Dual Voltage Reference
VRE405AD CIRRUS-VRE405AD Datasheet
699Kb / 5P
   Precision Dual Voltage Reference
VRE405AS CIRRUS-VRE405AS Datasheet
699Kb / 5P
   Precision Dual Voltage Reference
VRE405BD CIRRUS-VRE405BD Datasheet
699Kb / 5P
   Precision Dual Voltage Reference
VRE405BS CIRRUS-VRE405BS Datasheet
699Kb / 5P
   Precision Dual Voltage Reference
More results

Similar Description - VRE405

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
VRE410 CIRRUS-VRE410 Datasheet
676Kb / 5P
   Precision Dual Voltage Reference
VRE405 CIRRUS-VRE405 Datasheet
699Kb / 5P
   Precision Dual Voltage Reference
logo
Linear Technology
LT1021DCS8 LINER-LT1021DCS8 Datasheet
218Kb / 3P
   Precision Reference?
LT1236 LINER-LT1236_15 Datasheet
230Kb / 12P
   Precision Reference
LM399 LINER-LM399_15 Datasheet
171Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1021DCN8-10 LINEAR_DIMENSIONS-LT1021DCN8-10 Datasheet
238Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM199 NSC-LM199_05 Datasheet
651Kb / 10P
   Precision Reference
logo
Linear Technology
LM199 LINER-LM199 Datasheet
296Kb / 5P
   Precision Reference
logo
National Semiconductor ...
LM329 NSC-LM329_08 Datasheet
197Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1236ACS8-5PBF LINEAR_DIMENSIONS-LT1236ACS8-5PBF Datasheet
230Kb / 12P
   Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com