Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB89P568 Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MB89P568
Description  8-bit Proprietary Microcontroller CMOS
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89P568 Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MB89P568 Datasheet HTML 1Page - Fujitsu Component Limited. MB89P568 Datasheet HTML 2Page - Fujitsu Component Limited. MB89P568 Datasheet HTML 3Page - Fujitsu Component Limited. MB89P568 Datasheet HTML 4Page - Fujitsu Component Limited. MB89P568 Datasheet HTML 5Page - Fujitsu Component Limited. MB89P568 Datasheet HTML 6Page - Fujitsu Component Limited. MB89P568 Datasheet HTML 7Page - Fujitsu Component Limited. MB89P568 Datasheet HTML 8Page - Fujitsu Component Limited. MB89P568 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
MB89560A Series
3
s PRODUCT LINEUP
(Continued)
Part number
Parameter
MB89567A
MB89567AC
MB89P568
MB89PV560
Classification
Mass production products
(mask ROM products)
OTP
Piggy-back
ROM size
32 K x 8-bit
(internal mask ROM)
48 K x 8-bit
(internal PROM)
56 K x 8-bit
(external ROM)
RAM size
1 K x 8-bit
1 K x 8-bit
CPU functions
Number of instructions
: 136
Instruction bit length
: 8-bit
Instruction length
: 1 to 3 bytes
Data bit length
: 1-, 8-, 16-bit
Minimum execution time
: 0.32
µs/12.5 MHz
Minimum interrupt processing time
: 2.88
µs/12.5 MHz
Ports
General-purpose I/O ports (N-channel open drain): 20 pins (2 shared with I2C inputs,
16 shared with LCD, 2 shared with other
resources)
General-purpose I/O ports (CMOS)
: 30 pins (shared with resources)
Total
: 50 pins
21-bit timebase
timer
21-bit
Interrupt cycle: (213, 215, 218 or 222)/FCH*7
Watchdog timer
Reset generate cycle: Min 221/FCH*7 for main clock, Min 214/FCL*7 for sub clock
Watch prescaler
17-bit
Interrupt cycle: 31.25 ms, 0.25 s, 0.50 s, 1.00 s, 2.00 s, 4.00 s/32.768 kHz for subclock
8/16-bit timer/
counter
Can be operated either as a 2-channel 8-bit timer/counter (Timer 1 and Timer 2, each with its
own independent operating clock cycle), or as one 16-bit timer/counter
In Timer 1 or 16-bit timer/counter operation, event counter operation (external clock-triggered)
and square wave output capable
8-bit PWM 2 ch
timer
8-bit interval timer operation (square wave output capable, operating clock cycle: 1 tinst, 8 tinst,
16 tinst, 64 tinst)
8-bit resolution PWM operation (conversion cycle: 128 x 1 tinst to 256 x 64 tinst)
8/16-bit timer/counter output for counter clock selectability
PWC timer
8-bit timer operation (count clock cycle: 1 tinst, 4 tinst, 32 tinst)
8-bit reload timer operation (toggle output possible, operating clock cycle: 1 to 32 tinst)
8-bit pulse width measurement (continuous measurement possible: H-width, L-width, rising
edge to rising edge, falling edge to falling edge, and rising edge to falling edge)
10-bit A/D
converter *2
10-bit resolution × 8 channels
A/D conversion function (conversion time: 60 tinst)
Continuous activation by an 8/16-bit timer/counter output or a timebase timer output capable.
6-bit PPG
Internal 6-bit counter
Pulse width and cycle are program selectable
12-bit PPG
Internal 12-bit counter
Pulse width and cycle are program selectable


Similar Part No. - MB89P568

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89P568 FUJITSU-MB89P568 Datasheet
985Kb / 52P
   8-bit Proprietary Microcontroller CMOS
MB89P568PF-101 FUJITSU-MB89P568PF-101 Datasheet
985Kb / 52P
   8-bit Proprietary Microcontroller CMOS
MB89P568PF-102 FUJITSU-MB89P568PF-102 Datasheet
985Kb / 52P
   8-bit Proprietary Microcontroller CMOS
MB89P568PFM-101 FUJITSU-MB89P568PFM-101 Datasheet
985Kb / 52P
   8-bit Proprietary Microcontroller CMOS
MB89P568PFM-102 FUJITSU-MB89P568PFM-102 Datasheet
985Kb / 52P
   8-bit Proprietary Microcontroller CMOS
More results

Similar Description - MB89P568

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89190 FUJITSU-MB89190 Datasheet
399Kb / 41P
   8-bit Proprietary Microcontroller CMOS
MB89560H FUJITSU-MB89560H Datasheet
985Kb / 52P
   8-bit Proprietary Microcontroller CMOS
MB89143A FUJITSU-MB89143A_01 Datasheet
284Kb / 31P
   8-bit Proprietary Microcontroller CMOS
MB89490 FUJITSU-MB89490_03 Datasheet
564Kb / 57P
   8-bit Proprietary Microcontroller CMOS
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com