Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS96F174MW Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS96F174MW
Description  EIA-485/EIA-422 Quad Differential Drivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS96F174MW Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS96F174MW Datasheet HTML 1Page - National Semiconductor (TI) DS96F174MW Datasheet HTML 2Page - National Semiconductor (TI) DS96F174MW Datasheet HTML 3Page - National Semiconductor (TI) DS96F174MW Datasheet HTML 4Page - National Semiconductor (TI) DS96F174MW Datasheet HTML 5Page - National Semiconductor (TI) DS96F174MW Datasheet HTML 6Page - National Semiconductor (TI) DS96F174MW Datasheet HTML 7Page - National Semiconductor (TI) DS96F174MW Datasheet HTML 8Page - National Semiconductor (TI) DS96F174MW Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DS96F172M/DS96F174C/DS96F174M
EIA-485/EIA-422 Quad Differential Drivers
General Description
The DS96F172 and the DS96F174 are high speed quad
differential line drivers designed to meet EIA-485 Standards.
The DS96F172 and the DS96F174 offer improved perfor-
mance due to the use of L-FAST bipolar technology. The use
of LFAST technology allows the DS96F172 and DS96F174
to operate at higher speeds while minimizing power con-
sumption.
The DS96F172 and the DS96F174 have TRI-STATE® out-
puts and are optimized for balanced multipoint data bus
transmission at rates up to 15 Mbps. The drivers have wide
positive and negative common mode range for multipoint
applications in noisy environments. Positive and negative
current-limiting is provided which protects the drivers from
line fault conditions over a +12V to −7.0V common mode
range. A thermal shutdown feature is also provided. The
DS96F172 features an active high and active low Enable,
common to all four drivers. The DS96F174 features separate
active high Enables for each driver pair.
Features
n
Meets EIA-485 and EIA-422 standards
n
Monotonic differential output switching
n
TRI-STATE outputs
n
Designed for multipoint bus transmission
n
Common mode output voltage range: −7.0V to +12V
n
Operates from single +5.0V supply
n
Reduced power consumption
n
Thermal shutdown protection
n
DS96F172 and DS96F174 are lead and function
compatible with the SN75172/174 or the
AM26LS31/MC3487
n
Military temperature range available
n
Qualified for MIL-STD-883C
n
Standard military drawings available (SMD)
n
Available in DIP (J), LCC (E), and Flatpak (W) packages
Logic Diagrams
DS96F172
00962514
DS96F174
00962515
Function Tables (Each Driver)
DS96F172
Input
Enable
Outputs
AE
E
YZ
HH
X
H
L
LH
X
L
H
HX
L
H
L
LX
L
L
H
XL
H
Z
Z
DS96F174
Input
Enable
Outputs
AE
Y
Z
HH
H
L
LH
L
H
XL
Z
Z
H = High Level
L = Low Level
X = Don’t Care
Z = High Impedance (Off)
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
July 2000
© 2004 National Semiconductor Corporation
DS009625
www.national.com


Similar Part No. - DS96F174MW

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96F174MW/883 NSC-DS96F174MW/883 Datasheet
328Kb / 12P
   Quad Differential Drivers
DS96F174MW/883 NSC-DS96F174MW/883 Datasheet
223Kb / 10P
   RS-485 COMPARABLE QUAD DIFFERENTIAL DRIVER
More results

Similar Description - DS96F174MW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
[Old version datasheet]   EIA-485/EIA-422 Quad Differential Drivers
DS96F172MQML TI1-DS96F172MQML Datasheet
381Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
DS96F174MQML TI-DS96F174MQML_15 Datasheet
445Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
DS96F173MQML TI1-DS96F173MQML Datasheet
467Kb / 14P
[Old version datasheet]   DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
DS96F173MQML TI1-DS96F173MQML_13 Datasheet
445Kb / 14P
[Old version datasheet]   DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
DS96F173M TI1-DS96F173M_13 Datasheet
280Kb / 12P
[Old version datasheet]   DS96F173M/DS96F175C/DS96F175M EIA-485/EIA-422 Quad Differential Receivers
logo
Motorola, Inc
MC75172B MOTOROLA-MC75172B Datasheet
115Kb / 12P
   Quad EIA-485 Line Drivers
logo
ON Semiconductor
MC75172B ONSEMI-MC75172B Datasheet
180Kb / 12P
   QUAD EIA-485 LINE DRIVERS
1996 REV 1
MC26LS30 ONSEMI-MC26LS30_05 Datasheet
117Kb / 14P
   Dual Differential (EIA-422-A)/Quad Single-Ended (EIA-423-A) Line Drivers
March, 2005 ??Rev. 2
logo
National Semiconductor ...
DS16F95QML NSC-DS16F95QML Datasheet
745Kb / 16P
   EIA-485/EIA-422A Differential Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com