Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMP-3893 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HSMP-3893
Description  Surface Mount RF PIN Switch Diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMP-3893 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HSMP-3893 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMP-3893 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMP-3893 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMP-3893 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMP-3893 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMP-3893 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSMP-3893 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSMP-3893 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HSMP-3893 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Assembly Information
0.026
0.075
0.016
0.035
Figure 22. PCB Pad Layout, SOT-363.
(dimensions in inches).
0.026
0.035
0.07
0.016
Figure 23. PCB Pad Layout, SOT-323.
(dimensions in inches).
0.037
0.95
0.037
0.95
0.079
2.0
0.031
0.8
DIMENSIONS IN
inches
mm
0.035
0.9
Figure 24. PCB Pad Layout, SOT-23.
DIMENSIONS IN
inches
mm
0.075
1.9
0.071
1.8
0.112
2.85
0.079
2
0.033
0.85
0.041
1.05
0.108
2.75
0.033
0.85
0.047
1.2
0.031
0.8
0.033
0.85
Figure 25. PCB Pad Layout, SOT-143.
TIME (seconds)
T
MAX
0
0
50
100
150
200
250
60
Preheat
Zone
Cool Down
Zone
Reflow
Zone
120
180
240
300
Figure 26. Surface Mount Assembly Profile.
SMT Assembly
Reliable assembly of surface
mount components is a complex
process that involves many
material, process, and equipment
factors, including: method of
heating (e.g., IR or vapor phase
reflow, wave soldering, etc.)
circuit board material, conductor
thickness and pattern, type of
solder alloy, and the thermal
conductivity and thermal mass of
components. Components with a
low mass, such as the SOT
package, will reach solder reflow
temperatures faster than those
with a greater mass.
Agilent’s diodes have been
qualified to the time-temperature
profile shown in Figure 26. This
profile is representative of an IR
reflow type of surface mount
assembly process.
After ramping up from room
temperature, the circuit board
with components attached to it
(held in place with solder paste)
passes through one or more
preheat zones. The preheat zones
increase the temperature of the
board and components to prevent
thermal shock and begin evaporat-
ing solvents from the solder paste.
The reflow zone briefly elevates
the temperature sufficiently to
produce a reflow of the solder.
The rates of change of tempera-
ture for the ramp-up and cool-
down zones are chosen to be low
enough to not cause deformation
of the board or damage to compo-
nents due to thermal shock. The
maximum temperature in the
reflow zone (TMAX) should not
exceed 235
°C.
These parameters are typical for a
surface mount assembly process
for Agilent diodes. As a general
guideline, the circuit board and
components should be exposed
only to the minimum tempera-
tures and times necessary to
achieve a uniform reflow of
solder.


Similar Part No. - HSMP-3893

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMP-3893 HP-HSMP-3893 Datasheet
99Kb / 12P
   Surface Mount PIN Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3893 AVAGO-HSMP-3893 Datasheet
332Kb / 13P
   Surface Mount RF PIN Switch Diodes Matched Diodes for Consistent Performance
HSMP-3893 AVAGO-HSMP-3893 Datasheet
332Kb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-3893 AVAGO-HSMP-3893 Datasheet
332Kb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-3893 AVAGO-HSMP-3893 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
More results

Similar Description - HSMP-3893

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMP-389C BOARDCOM-HSMP-389C Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-3890 BOARDCOM-HSMP-3890 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389B BOARDCOM-HSMP-389B Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389F BOARDCOM-HSMP-389F Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389E BOARDCOM-HSMP-389E Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389L BOARDCOM-HSMP-389L Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389T BOARDCOM-HSMP-389T Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-3892 BOARDCOM-HSMP-3892 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3890 AVAGO-HSMP-3890_15 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
logo
Broadcom Corporation.
HSMP-3893 BOARDCOM-HSMP-3893 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com