Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS96F172ME Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS96F172ME
Description  EIA-485/EIA-422 Quad Differential Drivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS96F172ME Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS96F172ME Datasheet HTML 1Page - National Semiconductor (TI) DS96F172ME Datasheet HTML 2Page - National Semiconductor (TI) DS96F172ME Datasheet HTML 3Page - National Semiconductor (TI) DS96F172ME Datasheet HTML 4Page - National Semiconductor (TI) DS96F172ME Datasheet HTML 5Page - National Semiconductor (TI) DS96F172ME Datasheet HTML 6Page - National Semiconductor (TI) DS96F172ME Datasheet HTML 7Page - National Semiconductor (TI) DS96F172ME Datasheet HTML 8Page - National Semiconductor (TI) DS96F172ME Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
COMMERCIAL
Switching Characteristics
V
CC = 5.0V, TA = 25˚C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
DD
Differential Output Delay Time
R
L =60
Ω, Figure 3
15
20
ns
t
TD
Differential Output Transition Time
15
22
ns
t
PLH
Propagation Delay Time,
R
L =27
Ω, Figure 4
12
16
ns
Low-to-High Level Output
t
PHL
Propagation Delay Time,
12
16
ns
High-to-Low Level Output
t
ZH
Output Enable Time to High Level
R
L = 110
Ω, FIgure 4
25
32
ns
t
ZL
Output Enable Time to Low Level
R
L = 110
Ω, Figure 6
25
32
ns
t
HZ
Output Disable Time from High Level
R
L = 110
Ω, Figure 5
25
30
ns
t
LZ
Output Disable Time from Low Level
R
L = 110
Ω, Figure 6
20
25
ns
t
LZL
Output Disable Time from Low Level
Figure 6
300
ns
with Load Resistor to GND (Note 8)
t
SKEW
Driver Output to Output
R
L =60
1.0
4.0
ns
Note 2: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The tables of “Electrical Characteristics” provide conditions for actual device operation.
Note 3: Unless otherwise specified min/max limits apply across the 0˚C to +70˚C range for the DS96F174C. All typicals are given for VCC = 5V and TA = 25˚C.
Note 4: All currents into the device pins are positive; all currents out of the device pins are negative. All voltages are reference to ground unless otherwise specified.
Note 5:
∆|VOD| and ∆|VOC| are the changes in magnitude of VOD and VOC respectively, that occur when the input is changed from a high level to a low level.
Note 6: In EIA-422A and EIA-485 standards, VOC, which is the average of the two output voltages with respect to ground, is called output offset voltage, VOS.
Note 7: Only one output at a time should be shorted.
Note 8: For more information see Application Bulletin, contact Product Marketing.
Order Number: DS96F174CJ
DS96F174CN
NS Package Number J16A or N16E
www.national.com
3


Similar Part No. - DS96F172ME

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96F172ME/883 NSC-DS96F172ME/883 Datasheet
328Kb / 12P
   Quad Differential Drivers
logo
Texas Instruments
DS96F172ME/883 TI1-DS96F172ME/883 Datasheet
472Kb / 14P
[Old version datasheet]   EIA-485/EIA-422 Quad Differential Drivers
More results

Similar Description - DS96F172ME

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
[Old version datasheet]   EIA-485/EIA-422 Quad Differential Drivers
DS96F172MQML TI1-DS96F172MQML Datasheet
381Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
DS96F174MQML TI-DS96F174MQML_15 Datasheet
445Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
DS96F173MQML TI1-DS96F173MQML Datasheet
467Kb / 14P
[Old version datasheet]   DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
DS96F173MQML TI1-DS96F173MQML_13 Datasheet
445Kb / 14P
[Old version datasheet]   DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
DS96F173M TI1-DS96F173M_13 Datasheet
280Kb / 12P
[Old version datasheet]   DS96F173M/DS96F175C/DS96F175M EIA-485/EIA-422 Quad Differential Receivers
logo
Motorola, Inc
MC75172B MOTOROLA-MC75172B Datasheet
115Kb / 12P
   Quad EIA-485 Line Drivers
logo
ON Semiconductor
MC75172B ONSEMI-MC75172B Datasheet
180Kb / 12P
   QUAD EIA-485 LINE DRIVERS
1996 REV 1
MC26LS30 ONSEMI-MC26LS30_05 Datasheet
117Kb / 14P
   Dual Differential (EIA-422-A)/Quad Single-Ended (EIA-423-A) Line Drivers
March, 2005 ??Rev. 2
logo
National Semiconductor ...
DS16F95QML NSC-DS16F95QML Datasheet
745Kb / 16P
   EIA-485/EIA-422A Differential Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com