Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTA201-600B Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BTA201-600B
Description  Triacs logic level
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BTA201-600B Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BTA201-600B Datasheet HTML 4Page - NXP Semiconductors BTA201-600B Datasheet HTML 5Page - NXP Semiconductors BTA201-600B Datasheet HTML 6Page - NXP Semiconductors BTA201-600B Datasheet HTML 7Page - NXP Semiconductors BTA201-600B Datasheet HTML 8Page - NXP Semiconductors BTA201-600B Datasheet HTML 9Page - NXP Semiconductors BTA201-600B Datasheet HTML 10Page - NXP Semiconductors BTA201-600B Datasheet HTML 11Page - NXP Semiconductors BTA201-600B Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
BTA201_SER_B_E_ER_2
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 13 January 2006
8 of 12
Philips Semiconductors
BTA201 series B, E and ER
Triacs logic level
Vo = 1.02 V; Rs = 0.358 Ω
(1) Tj = 125 °C; typical values
(2) Tj = 125 °C; maximum values
(3) Tj =25 °C; maximum values
Fig 9.
On-state current as a function of on-state
voltage
Fig 10. Normalized latching current as a function of
junction temperature
Gate open circuit
(1) BTA201 series B
(2) BTA201 series E and ER
Fig 11. Normalized holding current as a function of
junction temperature
Fig 12. Critical rate of rise of off-state voltage as a
function of junction temperature; minimum
values
VT (V)
0
0.4
0.8
1.2
1.6
2
0
0.4
0.8
1.2
1.6
2
(A)
IT
(1)
(2)
(3)
003aaa960
Tj (°C)
−50
150
100
050
001aab100
1
2
3
0
IL(Tj)
IL(25°C)
Tj (°C)
−50
150
100
050
001aab099
1
2
3
0
IH(Tj)
IH(25°C)
0
50
100
150
10
102
103
104
dVD/dt
Tj °C
(V/
µs)
(1)
(2)
003aaa962


Similar Part No. - BTA201-600B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA201-600B NXP-BTA201-600B Datasheet
76Kb / 12P
   1 A Three-quadrant triacs high commutation
Rev. 03-10 September 2007
BTA201-600B NXP-BTA201-600B Datasheet
76Kb / 12P
   1 A Three-quadrant triacs high commutation
Rev. 04-4 February 2008
logo
WeEn Semiconductors
BTA201-600B WEEN-BTA201-600B Datasheet
267Kb / 13P
   3Q Hi-Com Triac
More results

Similar Description - BTA201-600B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT131 UTC-UT131 Datasheet
189Kb / 5P
   TRIACS LOGIC LEVEL
logo
NXP Semiconductors
BT131 PHILIPS-BT131 Datasheet
49Kb / 6P
   Triacs logic level
April 1998 Rev 1.000
BT131W PHILIPS-BT131W Datasheet
53Kb / 7P
   Triacs logic level
July 1998 Rev 1.000
BT137D PHILIPS-BT137D Datasheet
49Kb / 6P
   Triacs logic level
September 1997 Rev 1.200
logo
Unisonic Technologies
UT131 UTC-UT131_12 Datasheet
297Kb / 5P
   TRIACS LOGIC LEVEL
logo
NXP Semiconductors
BT134-600D127 NXP-BT134-600D127 Datasheet
107Kb / 8P
   Triacs logic level
October 1997
logo
Suntac Electronic Corp.
BT134 SUNTAC-BT134 Datasheet
130Kb / 4P
   Triacs logic level
logo
Tiger Electronic Co.,Lt...
BT137S-600 TGS-BT137S-600 Datasheet
321Kb / 1P
   Triacs logic level
logo
NXP Semiconductors
BT137S-600D PHILIPS-BT137S-600D Datasheet
42Kb / 6P
   Triacs logic level
June 2001-Rev 1.400
BT134W PHILIPS-BT134W Datasheet
56Kb / 7P
   Triacs logic level
September 1997 Rev 1.200
BT136B PHILIPS-BT136B Datasheet
49Kb / 6P
   Triacs logic level
October 1997 Rev 1.100
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com