Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP3163 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP3163
Description  3.4 A, Step-Up/Down/ Inverting 50−300 kHz Switching Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3163 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP3163 Datasheet HTML 6Page - ON Semiconductor NCP3163 Datasheet HTML 7Page - ON Semiconductor NCP3163 Datasheet HTML 8Page - ON Semiconductor NCP3163 Datasheet HTML 9Page - ON Semiconductor NCP3163 Datasheet HTML 10Page - ON Semiconductor NCP3163 Datasheet HTML 11Page - ON Semiconductor NCP3163 Datasheet HTML 12Page - ON Semiconductor NCP3163 Datasheet HTML 13Page - ON Semiconductor NCP3163 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
NCP3163
http://onsemi.com
10
When configured for step−down or voltage−inverting
applications (see application notes at the end of this
document) the inductor will forward bias the output rectifier
when the switch turns off. Rectifiers with a high forward
voltage drop or long turn−on delay time should not be used.
If the emitter is allowed to go sufficiently negative, collector
current will flow, causing additional device heating and
reduced conversion efficiency.
Figure 12 shows that by clamping the emitter to 0.5 V, the
collector current will be in the range 10
mA over
temperature. A 1N5822 or equivalent Schottky barrier
rectifier is recommended to fulfill these requirements.
A bootstrap input is provided to reduce the output switch
saturation voltage in step−down and voltage−inverting
converter applications. This input is connected through a
series resistor and capacitor to the switch emitter and is used
to raise the internal 2.0 mA bias current source above VCC.
An internal zener limits the bootstrap input voltage to VCC
+7.0 V. The capacitor’s equivalent series resistance must
limit the zener current to less than 100 mA. An additional
series resistor may be required when using tantalum or other
low ESR capacitors. The equation below is used to calculate
a minimum value bootstrap capacitor based on a minimum
zener voltage and an upper limit current source.
CB(min) + I D
t
DV +
4.0 mA
ton
4.0 V
+ 0.001 ton
Parametric operation of the NCP3163 is guaranteed over
a supply voltage range of 2.5 V to 40 V. When operating
below 3.0 V, the Bootstrap Input should be connected to
VCC. Figure 18 shows that functional operation down to
1.7 V at room temperature is possible.
Package
The NCP3163 is contained in a heatsinkable 16−lead
plastic package in which the die is mounted on a special heat
tab copper alloy pad. This pad is designed to be soldered
directly to a GND connection on the printed circuit board to
improve thermal conduction. Since this pad directly
contacts the substrate of the die, it is important that this pad
be always soldered to GND, even if surface mount heat
sinking is not being used. Figure 21 shows recommended
layout techniques for this package.
Figure 21. Layout Guidelines to Obtain Maximum
Package Power Dissipation
Flare Metal for Maximum Heat Sinking
0.145
0.175
Exposed Pad
0.188
Vias to 2nd Layer Metal
for Maximum Heat Sinking
Minimum
Recommended
Exposed Copper
APPLICATIONS
Figures 23 through 30 show the simplicity and flexibility
of the NCP3163. Three main converter topologies are
demonstrated with actual test data shown below each of the
circuit diagrams. Figure 22 gives the relevant design
equations for the key parameters. Additionally, a complete
application design aid for the NCP3163 can be found at
www.onsemi.com.


Similar Part No. - NCP3163

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3163 ONSEMI-NCP3163 Datasheet
210Kb / 20P
   3.4 A, Step-Up/Down/ Inverting 50−300 kHz Switching Regulator
January, 2007-Rev. 4
NCP3163 ONSEMI-NCP3163 Datasheet
254Kb / 20P
   3.4 A, Step-Up/Down/ Inverting 50-300 kHz Switching Regulator
April, 2010-Rev. 7
NCP3163BMNR2G ONSEMI-NCP3163BMNR2G Datasheet
210Kb / 20P
   3.4 A, Step-Up/Down/ Inverting 50−300 kHz Switching Regulator
January, 2007-Rev. 4
NCP3163BMNR2G ONSEMI-NCP3163BMNR2G Datasheet
254Kb / 20P
   3.4 A, Step-Up/Down/ Inverting 50-300 kHz Switching Regulator
April, 2010-Rev. 7
NCP3163BPWG ONSEMI-NCP3163BPWG Datasheet
210Kb / 20P
   3.4 A, Step-Up/Down/ Inverting 50−300 kHz Switching Regulator
January, 2007-Rev. 4
More results

Similar Description - NCP3163

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3163 ONSEMI-NCP3163_10 Datasheet
254Kb / 20P
   3.4 A, Step-Up/Down/ Inverting 50-300 kHz Switching Regulator
April, 2010-Rev. 7
NCP3163 ONSEMI-NCP3163_07 Datasheet
210Kb / 20P
   3.4 A, Step-Up/Down/ Inverting 50−300 kHz Switching Regulator
January, 2007-Rev. 4
MC34163 ONSEMI-MC34163_08 Datasheet
262Kb / 16P
   3.4 A, Step-Up/Down/ Inverting Switching Regulators
August, 2008 ??Rev. 6
MC34163 ONSEMI-MC34163_05 Datasheet
248Kb / 16P
   3.4 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 5
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063A ONSEMI-MC33063A Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063A ONSEMI-MC34063A_16 Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063LBBEVB ONSEMI-MC34063LBBEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063LBKEVB ONSEMI-MC34063LBKEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
NCV33163 ONSEMI-NCV33163 Datasheet
203Kb / 16P
   2.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2002 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com