Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE24A Datasheet(PDF) 2 Page - STMicroelectronics

Part # 1.5KE24A
Description  TRANSIL UNIAND BIDIRECTIONALTYPES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

1.5KE24A Datasheet(HTML) 2 Page - STMicroelectronics

  1.5KE24A Datasheet HTML 1Page - STMicroelectronics 1.5KE24A Datasheet HTML 2Page - STMicroelectronics 1.5KE24A Datasheet HTML 3Page - STMicroelectronics 1.5KE24A Datasheet HTML 4Page - STMicroelectronics 1.5KE24A Datasheet HTML 5Page - STMicroelectronics 1.5KE24A Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1.5KExx
2/6
I
I F
V F
V
VCL
VBR
VRM
I PP
I RM
V
Symbol
Parameter
VRM
Stand-off voltage
VBR
Breakdown voltage
VCL
Clamping voltage
IRM
Leakage current @ VRM
IPP
Peak pulse current
αT
Voltage temperature coefficient
VF
Forward voltage drop
ELECTRICAL CHARACTERISTICS (Tamb = 25°C)
Types
IRM @VRM
VBR
@IR
VCL @IPP
VCL @IPP
αTC
max
min
nom
max
max
max
max
typ
note2
10/1000
µs
8/20
µs
note3
note4
Unidirectional
Bidirectional
µA
V
V
V
V
mA
VAVA
10
-4/°C
pF
1.5KE6V8A
1.5KE6V8CA
1000
5.8
6.45
6.8
7.14
10
10.5
143
13.4
746
5.7
9500
1.5KE7V5A
1.5KE7V5CA
500
6.4
7.13
7.5
7.88
10
11.3
132
14.5
690
6.1
8500
1.5KE10A
1.5KE10CA
10
8.55
9.5
10
10.5
1
14.5
100
18.6
538
7.3
7000
1.5KE12A
1.5KE12CA
5
10.2
11.4
12
12.6
1
16.7
90
21.7
461
7.8
6000
1.5KE15A
1.5KE15CA
1
12.8
14.3
15
15.8
1
21.2
71
27.2
368
8.4
5000
1.5KE18A
1.5KE18CA
1
15.3
17.1
18
18.9
1
25.2 59.5 32.5
308
8.8
4300
1.5KE22A
1.5KE22CA
1
18.8
20.9
22
23.1
1
30.6
49
39.3
254
9.2
3700
1.5KE24A
1.5KE24CA
1
20.5
22.8
24
25.2
1
33.2
45
42.8
234
9.4
3500
1.5KE27A
1.5KE27CA
1
23.1
25.7
27
28.4
1
37.5
40
48.3
207
9.6
3200
1.5KE30A
1.5KE30CA
1
25.6
28.5
30
31.5
1
41.5
36
53.5
187
9.7
2900
1.5KE33A
1.5KE33CA
1
28.2
31.4
33
34.7
1
45.7
33
59.0
169
9.8
2700
1.5KE36A
1.5KE36CA
1
30.8
34.2
36
37.8
1
49.9
30
64.3
156
9.9
2500
1.5KE39A
1.5KE39CA
1
33.3
37.1
39
41.0
1
53.9
28
69.7
143
10.0
2400
1.5KE47A
1.5KE47CA
1
40.2
44.7
47
49.4
1
64.8 23.2
84
119
10.1
2050
1.5KE56A
1.5KE56CA
1
47.8
53.2
56
58.8
1
77
19.5
100
100
10.3
1800
1.5KE62A
1.5KE62CA
1
53.0
58.9
62
65.1
1
85
17.7
111
90
10.4
1700
1.5KE68A
1.5KE68CA
1
58.1
64.6
68
71.4
1
92
16.3
121
83
10.4
1550
1.5KE82A
1.5KE82CA
1
70.1
77.9
82
86.1
1
113
13.3
146
69
10.5
1350
1.5KE100A
1.5KE100CA
1
85.5
95.0
100
105
1
137
11
178
56
10.6
1150
1.5KE120A
1.5KE120CA
1
102
114
120
126
1
165
9.1
212
47
10.7
1000
1.5KE150A
1.5KE150CA
1
128
143
150
158
1
207
7.2
265
38
10.8
850
1.5KE180A
1.5KE180CA
1
154
171
180
189
1
246
6.1
317
31.5
10.8
725


Similar Part No. - 1.5KE24A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE24A TRSYS-1.5KE24A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Ruilongyuan Electronics...
1.5KE24A RUILON-1.5KE24A Datasheet
713Kb / 7P
   Transient Voltage Suppressors
logo
UNIOHM CORPORATION
1.5KE24A UNIOHM-1.5KE24A Datasheet
87Kb / 4P
   1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
1.5KE24A TSC-1.5KE24A Datasheet
201Kb / 6P
   1500W, 6.8V - 440V Transient Voltage Suppressor
logo
Diotech Company.
1.5KE24A DIOTECH-1.5KE24A Datasheet
1Mb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 1.5KE24A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMAJ STMICROELECTRONICS-SMAJ Datasheet
152Kb / 6P
   TRANSIL
SMBJ5.0A-TR STMICROELECTRONICS-SMBJ5.0A-TR Datasheet
133Kb / 10P
   Transil
P6KE6V8A STMICROELECTRONICS-P6KE6V8A_04 Datasheet
96Kb / 6P
   TRANSIL
BZW04-13 STMICROELECTRONICS-BZW04-13 Datasheet
124Kb / 6P
   TRANSIL
SM2T STMICROELECTRONICS-SM2T_05 Datasheet
54Kb / 6P
   TRANSIL?
SMCJ STMICROELECTRONICS-SMCJ Datasheet
129Kb / 10P
   Transil?
July 2010 Rev 8
15KE250CA STMICROELECTRONICS-15KE250CA Datasheet
142Kb / 10P
   Transil
SM6T56CA STMICROELECTRONICS-SM6T56CA Datasheet
125Kb / 10P
   Transil
SM4T6V8 STMICROELECTRONICS-SM4T6V8 Datasheet
126Kb / 7P
   TRANSIL
BZW06-28B STMICROELECTRONICS-BZW06-28B Datasheet
176Kb / 6P
   TRANSIL
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com