Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC145170P1 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC145170P1
Description  PLL Frequency Synthesizer with Serial Interface CMOS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145170P1 Datasheet(HTML) 3 Page - Motorola, Inc

  MC145170P1 Datasheet HTML 1Page - Motorola, Inc MC145170P1 Datasheet HTML 2Page - Motorola, Inc MC145170P1 Datasheet HTML 3Page - Motorola, Inc MC145170P1 Datasheet HTML 4Page - Motorola, Inc MC145170P1 Datasheet HTML 5Page - Motorola, Inc MC145170P1 Datasheet HTML 6Page - Motorola, Inc MC145170P1 Datasheet HTML 7Page - Motorola, Inc MC145170P1 Datasheet HTML 8Page - Motorola, Inc MC145170P1 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
MC145170–1
MOTOROLA
3
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS, TA = – 40 to + 85°C)
Symbol
Parameter
Test Condition
VDD
V
Guaranteed
Limit
Unit
VDD
Power Supply Voltage Range
2.5 to 5.5
V
VIL
Maximum Low–Level Input Voltage*
(Din, CLK, ENB, fin)
dc Coupling to fin
2.5
4.5
5.5
0.50
1.35
1.65
V
VIH
Minimum High–Level Input Voltage*
(Din, CLK, ENB, fin)
dc Coupling to fin
2.5
4.5
5.5
2.00
3.15
3.85
V
VHys
Minimum Hysteresis Voltage (CLK, ENB)
2.5
5.5
0.15
0.20
V
VOL
Maximum Low–Level Output Voltage
(Any Output)
Iout = 20 µA
2.5
5.5
0.1
0.1
V
VOH
Minimum High–Level Output Voltage
(Any Output)
Iout = – 20 µA
2.5
5.5
2.4
5.4
V
IOL
Minimum Low–Level Output Current
(PDout, REFout, fR, fV, LD, φR, φV)
Vout = 0.3 V
Vout = 0.4 V
Vout = 0.5 V
2.5
4.5
5.5
0.12
0.36
0.36
mA
IOH
Minimum High–Level Output Current
(PDout, REFout, fR, fV, LD, φR, φV)
Vout = 2.2 V
Vout = 4.1 V
Vout = 5.0 V
2.5
4.5
5.5
– 0.12
– 0.36
– 0.36
mA
IOL
Minimum Low–Level Output Current
(Dout)
Vout = 0.4 V
4.5
1.6
mA
IOH
Minimum High–Level Output Current
(Dout)
Vout = 4.1 V
4.5
– 1.6
mA
Iin
Maximum Input Leakage Current
(Din, CLK, ENB, OSCin)
Vin = VDD or VSS
5.5
± 1.0
µA
Iin
Maximum Input Current
(fin)
Vin = VDD or VSS
5.5
± 120
µA
IOZ
Maximum Output Leakage Current (PDout) Vin = VDD or VSS,
Output in High–Impedance State
5.5
± 100
nA
(Dout)
5.5
± 5
µA
IDD
Maximum Quiescent Supply Current
Vin = VDD or VSS; Outputs Open;
Excluding fin Amp Input Current Component
5.5
100
µA
Idd
Maximum Operating Supply Current
fin = 500 mV p–p;
OSCin = 1 MHz @ 1 V p–p;
LD, fR, fV, REFout = Inactive and No Connect;
OSCout, φV, φR, PDout = No Connect;
Din, ENB, CLK = VDD or VSS
**
mA
* When dc coupling to the OSCin pin is used, the pin must be driven rail–to–rail. In this case, OSCout should be floated.
** The nominal values at 3 V are 0.6 mA @ 30 MHz, and 1.5 mA @ 100 MHz. The nominal values at 5 V are 3.0 mA @ 50 MHz, and 5.8 mA
@ 185 MHz. These are not guaranteed limits.


Similar Part No. - MC145170P1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145170P MOTOROLA-MC145170P Datasheet
486Kb / 16P
   PLL Frequency Synthesizer with Serial Interface CMOS
MC145170P2 MOTOROLA-MC145170P2 Datasheet
871Kb / 32P
   PLL Frequency Synthesizer with Serial Interface
logo
LANSDALE Semiconductor ...
MC145170P2 LANSDALE-MC145170P2 Datasheet
13Mb / 26P
   Phase-Frequency Detector PLL Frequency Synthesizer with Serial Interface
logo
Freescale Semiconductor...
MC145170P2 FREESCALE-MC145170P2 Datasheet
1Mb / 32P
   PLL Frequency Synthesizer with Serial Interface
More results

Similar Description - MC145170P1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145170 MOTOROLA-MC145170 Datasheet
486Kb / 16P
   PLL Frequency Synthesizer with Serial Interface CMOS
MC14570 MOTOROLA-MC14570 Datasheet
486Kb / 16P
   PLL FREQUENCY SYNTHESIZER WITH SERIAL INTERFACE
logo
Freescale Semiconductor...
MC145170-2 FREESCALE-MC145170-2 Datasheet
1Mb / 32P
   PLL Frequency Synthesizer with Serial Interface
logo
Motorola, Inc
MC145170-2 MOTOROLA-MC145170-2 Datasheet
871Kb / 32P
   PLL Frequency Synthesizer with Serial Interface
logo
LANSDALE Semiconductor ...
ML145170 LANSDALE-ML145170 Datasheet
13Mb / 26P
   Phase-Frequency Detector PLL Frequency Synthesizer with Serial Interface
ML145106 LANSDALE-ML145106 Datasheet
389Kb / 8P
   PLL Frequency Synthesizer CMOS
logo
Fujitsu Component Limit...
MB87001A FUJITSU-MB87001A Datasheet
339Kb / 12P
   CMOS PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC145106 MOTOROLA-MC145106 Datasheet
119Kb / 8P
   PLL FREQUENCY SYNTHESIZER CMOS
logo
Fujitsu Component Limit...
MB87014A FUJITSU-MB87014A Datasheet
658Kb / 12P
   CMOS PLL Frequency Synthesizer
MB87073 FUJITSU-MB87073 Datasheet
409Kb / 12P
   CMOS PLL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com