Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LVS32260C300301 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LVS32260C300301
Description  Chip varistor provides high reliability on surface mounting
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LVS32260C300301 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LVS32260C300301 Datasheet HTML 1Page - List of Unclassifed Manufacturers LVS32260C300301 Datasheet HTML 2Page - List of Unclassifed Manufacturers LVS32260C300301 Datasheet HTML 3Page - List of Unclassifed Manufacturers LVS32260C300301 Datasheet HTML 4Page - List of Unclassifed Manufacturers LVS32260C300301 Datasheet HTML 5Page - List of Unclassifed Manufacturers LVS32260C300301 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LVS 10 033 B 200 401
Chip Varistor
DESCRIPTION
The LVS series is metal oxide based chip varistor for transient
voltage suppression. They have non-linear voltage-current
behavior, similar to zener diode. Multilayer structured varistor,
however, shows superiority in electrical reliability than zener
diode, since each grain exhibits small p-n junction. In addition,
LVS series shows better electrical properties such as high
clamping voltage and low leakage current.
FEATURES
*
Chip varistor provides high reliability on surface mounting
*
Wide range of working voltage (VW = 5.6V˜30V)
*
Good clamping ratio and low leakage current
*
Electroplating of Ni and solder gives higher solderability
*
Wide operating temperature (-55˜125°C )
*
Various capacitance is available
APPLICATIONS
*
Protection from transient voltage noise in all kinds of IC
*
Protection from ESD, EFT and surge in power I/O port
*
Replacement of zener diode
1
ORDERING INFORMATION
Series
LVS
= Standard
LVSL = Low
Capacitance
Size
10
= 1005(0402)
16
= 1608(0603)
20
= 2012(0805)
32
= 3216(1206)
Working voltage
056 = 5.6V
090 = 9.0V
260 = 26V
Transient energy
Z
=
0.005J
A
=
0.02J
B
=
0.05J
C
=
0.1J
D
=
0.2J
E
=
0.3J
F
=
0.4J
G
=
0.6J
H
=
0.8J
I
=
1.0J
J
=
1.3J
K
=
1.5J
Clamping voltage
100 = 10V
300 = 30V
Capacitance
030
= 3pF
300
= 30pF
301
= 300pF
www.rhopointcomponents.com Tel: +44 (0) 870 608 1188 Fax: +44 (0) 870 241 2255


Similar Part No. - LVS32260C300301

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LVS ETC2-LVS Datasheet
542Kb / 16P
   Sealed Power Inductors
LVS2100N ETC1-LVS2100N Datasheet
148Kb / 5P
   N-Channel PowerJFET
LVS2201N ETC1-LVS2201N Datasheet
138Kb / 5P
   Dual N-Channel PowerJFET
logo
Siemens Semiconductor G...
LVS260-DO SIEMENS-LVS260-DO Datasheet
441Kb / 7P
   SOT-23 MULTILED, Diffused
logo
List of Unclassifed Man...
LVS404012 ETC2-LVS404012 Datasheet
542Kb / 16P
   Sealed Power Inductors
More results

Similar Description - LVS32260C300301

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DSH104C TOKO-DSH104C Datasheet
56Kb / 1P
   High Reliability Fixed Inductors for Surface Mounting
DSH126C TOKO-DSH126C Datasheet
57Kb / 1P
   High Reliability Fixed Inductors for Surface Mounting
DH63LCB TOKO-DH63LCB Datasheet
58Kb / 1P
   High Reliability Fixed Inductors for Surface Mounting
DH10F TOKO-DH10F Datasheet
85Kb / 1P
   High Reliability Fixed Inductors for Surface Mounting
DH124C TOKO-DH124C Datasheet
69Kb / 1P
   High Reliability Fixed Inductors for Surface Mounting
DH75C TOKO-DH75C Datasheet
52Kb / 1P
   High Reliability Fixed Inductors for Surface Mounting
logo
Level One
IES-0522 LVL1-IES-0522 Datasheet
2Mb / 2P
   Provides wall and desktop mounting
logo
List of Unclassifed Man...
NRC04ZOTRF ETC2-NRC04ZOTRF Datasheet
135Kb / 6P
   METAL GLAZED THICK FILM ON HIGH PURITY ALUMINA SUBSTRATE ..(CERMET) PROVIDES UNIFORM QUALITY AND HIGH RELIABILITY
NRC10ZOTRF ETC2-NRC10ZOTRF Datasheet
135Kb / 6P
   METAL GLAZED THICK FILM ON HIGH PURITY ALUMINA SUBSTRATE ..(CERMET) PROVIDES UNIFORM QUALITY AND HIGH RELIABILITY
logo
Copal Electronics
T2710 COPAL-T2710 Datasheet
197Kb / 2P
   Gold-plated contact provides excellent reliability
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com