Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM188R71H102KA01 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # GRM188R71H102KA01
Description  High Dielectric Constant Type 6.3/16/25/50V
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GRM188R71H102KA01 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  GRM188R71H102KA01 Datasheet HTML 1Page - List of Unclassifed Manufacturers GRM188R71H102KA01 Datasheet HTML 2Page - List of Unclassifed Manufacturers GRM188R71H102KA01 Datasheet HTML 3Page - List of Unclassifed Manufacturers GRM188R71H102KA01 Datasheet HTML 4Page - List of Unclassifed Manufacturers GRM188R71H102KA01 Datasheet HTML 5Page - List of Unclassifed Manufacturers GRM188R71H102KA01 Datasheet HTML 6Page - List of Unclassifed Manufacturers GRM188R71H102KA01 Datasheet HTML 7Page - List of Unclassifed Manufacturers GRM188R71H102KA01 Datasheet HTML 8Page - List of Unclassifed Manufacturers GRM188R71H102KA01 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
No.
Item
Specifications
Test Method
Temperature
Compensating Type
No removal of the terminations or other defect should occur
Fig. 1a
Adhesive Strength
of Termination
10
Solder the capacitor to the test jig (glass epoxy board) shown in
Fig. 1a using an eutectic solder. Then apply 10N* force in
parallel with the test jig for 10
T1 sec.
The soldering should be done either with an iron or using the
reflow method and should be conducted with care so that the
soldering is uniform and free of defects such as heat shock.
*2N (GRp03), 5N (GRp15, GRM18)
High Dielectric Type
c
Baked electrode or
copper foil
Solder resist
(in mm)
Type
a
b
c
GRp03
GRp15
GRM18
GRM21
GRM31
GRM32
GRM43
GRM55
0.3
0.4
1.0
1.2
2.2
2.2
3.5
4.5
0.9
1.5
3.0
4.0
5.0
5.0
7.0
8.0
0.3
0.5
1.2
1.65
2.0
2.9
3.7
5.6
Continued from the preceding page.
Continued on the following page.
Within the specified tolerance
(Table A-1)
Capacitance
Temperature
Characteristics
9
(2) High Dielectric Constant Type
The ranges of capacitance change compared with the 20
D
value over the temperature ranges shown in the table should
be within the specified ranges.
*
In case of applying voltage, the capacitance change should be
measured after 1 more min. with applying voltage in
equilibration of each temp. stage.
The capacitance change should be measured after 5min. at
each specified temp. stage.
(1)Temperature Compensating Type
The temperature coefficient is determind using the capacitance
measured in step 3 as a reference.
When cycling the temperature sequentially from step 1 through
5 (5C :
W25D to W125D/∆C : W20D to W125D : other temp.
coeffs. :
W25D to W85D/W20D to W85D) the capacitance
should be within the specified tolerance for the temperature
coefficient and capacitance change as Table A-1.
The capacitance drift is caluculated by dividing the differences
between the maximum and minimum measured values in the
step 1, 3 and 5 by the cap. value in step 3.
B1, B3 : Within
T10%
(
Y25D to W85D)
R1, R7 : Within±15%
(
Y55D to W125D)
R6 : Within
T15%
(
Y55D to W85D)
E4 : Within
W22/Y56%
(
W10D to W85D)
F1 : Within
W30/Y80%
(
Y25D to W85D)
F5 : Within
W22/Y82%
(
Y30D to W85D)
No bias
50% of
the Rated
Voltage
Step
1
Reference Temperature
T2
Temperature (
D)
2
Y55T3 (for ∆C)/Y25T3 (for other TC)
3
Reference Temperature
T2
4
125
T3 (for ∆C)/85T3 (for other TC)
5
Reference Temperature
T2
Capacitance
Drift
Within
T0.2% or T0.05pF
(Whichever is larger.)
*Not apply to 1X/25V
B1 : Within
W10/–30%
R1 : Within
W15/–40%
F1 : Within
W30/–95%
*Initial measurement for high
dielectric constant type
Perform a heat treatment at
150
W0/–10°C for one hour
and then set for 48
T4 hours
at room temperature.
Perform the initial
measurement.
Step
Temperature (°C)
Applying Voltage (V)
1
3
5
7
4
6
8
2
Reference Tempereture
T2
Reference Tempereture
T2
Reference Tempereture
T2
Reference Tempereture
T2
–55
T3 (for R1, R7, R6)
–25
T3 (for B1, B3, F1)
–30
T3 (for F5)/10T3 (for E4)
125
T3 (for R1, R7)/
85
T3 (for B1, B3, R6
F1, F5, E4)
–55
T3 (for R1)/
–25
T3 (for B1, F1)
125
T3 (for R1)/
85
T3 (for B1, F1)
No bias
50% of the rated
voltage
!Note • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specification or transact the approval sheet for product specification
before ordering. Especially, please read rating and !CAUTION (for storage and operating, rating, soldering and mounting, handling) in them to prevent smoking and/or burning, etc.
• You are able to read a detailed specification in the website (http://search.murata.co.jp/) before to require our product specification or to transact the approval sheet for product specification.
Capacitors


Similar Part No. - GRM188R71H102KA01

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GRM188R71H102KA01B IRF-GRM188R71H102KA01B Datasheet
2Mb / 45P
   6A HIGHLY INTERGRATED SUPLRBUCK
GRM188R71H102KA01B IRF-GRM188R71H102KA01B Datasheet
2Mb / 43P
   9A HIGHLY INTEGRATED SUPLRBUCK
logo
Murata Manufacturing Co...
GRM188R71H102KA01D MURATA-GRM188R71H102KA01D Datasheet
90Kb / 2P
   GRM188R71H102KA01#
logo
International Rectifier
GRM188R71H102KA01D IRF-GRM188R71H102KA01D Datasheet
1Mb / 47P
   Dual output, 4A/Phase, Highly Integrated SupIRBuck
GRM188R71H102KA01D IRF-GRM188R71H102KA01D Datasheet
3Mb / 51P
   Dual output, 6A/Phase, Highly Integrated SupIRBuck
More results

Similar Description - GRM188R71H102KA01

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
HIK LSTD-HIK Datasheet
108Kb / 2P
   Adjusted dielectric constant
LOK LSTD-LOK Datasheet
134Kb / 2P
   Low dielectric constant
logo
Kemet Corporation
C1210C226Z4VACTU KEMET-C1210C226Z4VACTU Datasheet
1Mb / 18P
   Y5V Dielectric, 6.3- 50 VDC (Commercial Grade)
C0402C182K5RACTU KEMET-C0402C182K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 . 250 VDC (Commercial Grade)
C0402C181K5RACTU KEMET-C0402C181K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C1206C106M4RACTU KEMET-C1206C106M4RACTU_17 Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C1206C105Z4VACTU KEMET-C1206C105Z4VACTU Datasheet
1Mb / 17P
   Y5V Dielectric, 6.3 ??50 VDC (Commercial Grade)
C1210C226M3RACTU KEMET-C1210C226M3RACTU Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
logo
ERNI Electronics
100103210120 ERNI-100103210120 Datasheet
100Kb / 1P
   TMC-S 25-EESV-3.0-6.3-BA8-ZV
logo
Taiyo Yuden (U.S.A.), I...
EMK063BJ153KP-F TAIYO-YUDEN-EMK063BJ153KP-F Datasheet
407Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com