Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS21602 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DS21602
Description  3.3V/5V Clock Rate Adapter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS21602 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DS21602 Datasheet HTML 5Page - Maxim Integrated Products DS21602 Datasheet HTML 6Page - Maxim Integrated Products DS21602 Datasheet HTML 7Page - Maxim Integrated Products DS21602 Datasheet HTML 8Page - Maxim Integrated Products DS21602 Datasheet HTML 9Page - Maxim Integrated Products DS21602 Datasheet HTML 10Page - Maxim Integrated Products DS21602 Datasheet HTML 11Page - Maxim Integrated Products DS21602 Datasheet HTML 12Page - Maxim Integrated Products DS21602 Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
DS21600/DS21602/DS21604 3.3V/5V Clock Rate Adapter
10 of 13
Figure 4-4. DS21602 Low-to-High Frequency Conversion Frame-Sync Alignment
Figure 4-5. DS21604 Low-to-High Frequency Conversion Frame-Sync Alignment
tSP
tDH
tDF
tD
tPW
tSU
CLKOUT2
(8.192MHz)
SYNCOUT
CLKOUT1
(2.048MHz)
SYNCIN
CLKIN
(1.544MHz)
tHI
tDH
TSPW
tDF
tD
tPW
tSU
SYNCOUT
CLKOUT1
(4.096MHz)
SYNCIN
CLKIN
(1.544MHz)
tHI
CLKOUT2
(8.192MHz
)


Similar Part No. - DS21602

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS216 LUMILEDS-DS216 Datasheet
2Mb / 23P
   Perfected performance, built on a proven legacy
logo
Dallas Semiconductor
DS21610 DALLAS-DS21610 Datasheet
604Kb / 15P
   3.3V/5V Clock Rate Adapter
logo
Maxim Integrated Produc...
DS21610 MAXIM-DS21610 Datasheet
324Kb / 15P
   3.3V/5V Clock Rate Adapter
REV: 011606
logo
Dallas Semiconductor
DS21610-DS21610SN DALLAS-DS21610-DS21610SN Datasheet
604Kb / 15P
   3.3V/5V Clock Rate Adapter
DS21610QN DALLAS-DS21610QN Datasheet
604Kb / 15P
   3.3V/5V Clock Rate Adapter
More results

Similar Description - DS21602

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS21610-DS21610SN DALLAS-DS21610-DS21610SN Datasheet
604Kb / 15P
   3.3V/5V Clock Rate Adapter
logo
Maxim Integrated Produc...
DS21610 MAXIM-DS21610 Datasheet
324Kb / 15P
   3.3V/5V Clock Rate Adapter
REV: 011606
logo
Micrel Semiconductor
SY100EL14V MICREL-SY100EL14V_14 Datasheet
333Kb / 7P
   5V/3.3V 1:5 Clock Distribution
SY100EL14V MICREL-SY100EL14V Datasheet
67Kb / 4P
   5V/3.3V 1:5 CLOCK DISTRIBUTION
SY100EL14V MICREL-SY100EL14V_06 Datasheet
61Kb / 5P
   5V/3.3V 1:5 CLOCK DISTRIBUTION
logo
Level One
LXP610 LVL1-LXP610 Datasheet
815Kb / 12P
   Low-Jitter Multi-Rate Clock Adapter(CLAD)
logo
ON Semiconductor
NBC12430 ONSEMI-NBC12430_10 Datasheet
249Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
October, 2010 ??Rev. 13
NBC12439 ONSEMI-NBC12439_09 Datasheet
257Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 14
logo
Micrel Semiconductor
SY10E111AE MICREL-SY10E111AE_09 Datasheet
157Kb / 7P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER
logo
Pericom Semiconductor C...
PI6C18551 PERICOM-PI6C18551 Datasheet
294Kb / 5P
   3.3V/5V 1 to 4 Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com