Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-P5CN012W1 Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # FTR-P5CN012W1
Description  SILENT RELAY FOR AUTOMOTIVE APPLICATIONS 1 POLE-25 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-P5CN012W1 Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  FTR-P5CN012W1 Datasheet HTML 1Page - Fujitsu Component Limited. FTR-P5CN012W1 Datasheet HTML 2Page - Fujitsu Component Limited. FTR-P5CN012W1 Datasheet HTML 3Page - Fujitsu Component Limited. FTR-P5CN012W1 Datasheet HTML 4Page - Fujitsu Component Limited. FTR-P5CN012W1 Datasheet HTML 5Page - Fujitsu Component Limited. FTR-P5CN012W1 Datasheet HTML 6Page - Fujitsu Component Limited. FTR-P5CN012W1 Datasheet HTML 7Page - Fujitsu Component Limited. FTR-P5CN012W1 Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
FTR-P5 SERIES
3. COIL TEMPERATURE RISE
4. OPERATING COIL VOLTAGE RANGE
2. MAXIMUM BREAK CAPACITY
100
50
20
10
5
2
1
10
13
15 17 20
25
30
Voltage between contacts (VDC)
Motor lock load
FTR-P5CN
100
80
60
40
20
0
0
Ambient temperature:20C,
one coil energized, 0.45 W coil power
(3) Contact carrying current: 20A
(2) Contact carrying current: 10A
10
20
30
Applied time (minutes)
140
120
100
80
60
40
-30 -20
0
20
40
60
80
100
Intermittent coil operation with 10A
carrying current
Must-o
perate
voltag
e
Continuous coil
power range
Ambient temperature (C)


Similar Part No. - FTR-P5CN012W1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-P5CN012W1 FUJITSU-FTR-P5CN012W1 Datasheet
605Kb / 8P
   SILENT RELAY FOR AUTOMOTIVE APPLICATIONS 1 POLE-25 A
More results

Similar Description - FTR-P5CN012W1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-P5 FUJITSU-FTR-P5_08 Datasheet
605Kb / 8P
   SILENT RELAY FOR AUTOMOTIVE APPLICATIONS 1 POLE-25 A
FTR-P3 FUJITSU-FTR-P3_09 Datasheet
538Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FTR-P3 FUJITSU-FTR-P3 Datasheet
453Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FBR161 FUJITSU-FBR161 Datasheet
469Kb / 6P
   POWER RELAY 1 POLE-15 to 25 A (FOR AUTOMOTIVE APPLICATIONS)
FTR-P6 FUJITSU-FTR-P6 Datasheet
444Kb / 7P
   MICRO SURFACE MOUNT RELAY 1 POLE-25 A (For Automotive Applications)
FBR51ND12 FUJITSU-FBR51ND12 Datasheet
77Kb / 8P
   COMPACT POWER RELAY 1 POLE-25 A (FOR AUTOMOTIVE APPLICATIONS) FBR51, 52 SERIES
FBR-53 FUJITSU-FBR-53 Datasheet
61Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FRL274ND012-01CD-A FUJITSU-FRL274ND012-01CD-A Datasheet
59Kb / 6P
   HIGH POWER RELAY 1 POLE??0 A (FOR AUTOMOTIVE APPLICATIONS)
FBR53 FUJITSU-FBR53 Datasheet
315Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FBR53 FUJITSU-FBR53_08 Datasheet
532Kb / 5P
   COMPACT POWER RELAY 1 POLE-30 A(For Automotive Applications)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com