Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVCH322245AEC Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74LVCH322245AEC
Description  32-bit bus transceiver with direction pin; 30 ohm series termination resistors; 5 V tolerant; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVCH322245AEC Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74LVCH322245AEC Datasheet HTML 6Page - NXP Semiconductors 74LVCH322245AEC Datasheet HTML 7Page - NXP Semiconductors 74LVCH322245AEC Datasheet HTML 8Page - NXP Semiconductors 74LVCH322245AEC Datasheet HTML 9Page - NXP Semiconductors 74LVCH322245AEC Datasheet HTML 10Page - NXP Semiconductors 74LVCH322245AEC Datasheet HTML 11Page - NXP Semiconductors 74LVCH322245AEC Datasheet HTML 12Page - NXP Semiconductors 74LVCH322245AEC Datasheet HTML 13Page - NXP Semiconductors 74LVCH322245AEC Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
1999 Sep 01
10
Philips Semiconductors
Product specification
32-bit bus transceiver with direction pin; 30
series termination resistors; 5 V tolerant; 3-state
74LVC322245A;
74LVCH322245A
PACKAGE OUTLINE
ball A1
index area
0.8
A1
b
A2
UNIT
D
y
e
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
98-11-25
99-06-03
IEC
JEDEC
EIAJ
mm
1.5
0.41
0.31
1.2
0.9
5.6
5.4
ZD
0.93
0.58
ZE
0.93
0.58
13.6
13.4
0.51
0.41
0.1
DIMENSIONS (mm are the original dimensions)
SOT536-1
E
0.2
v
0.15
w
0
5
10 mm
scale
SOT536-1
LFBGA96: plastic low profile fine-pitch ball grid array package; 96 balls; body 13.5 x 5.5 x 1.05 mm
A
max.
A
A2
A1
detail X
y
vA
e
e
w
b
X
D
E
A
M
A
B
C
D
E
F
H
G
J
K
L
M
P
N
R
T
246
135
ZE
ZD


Similar Part No. - 74LVCH322245AEC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVCH322245AEC NXP-74LVCH322245AEC Datasheet
94Kb / 13P
   32-bit bus transceiver with direction pin; 30 W series
Rev. 03-20 August 2007
More results

Similar Description - 74LVCH322245AEC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVCH322245A PHILIPS-74LVCH322245A_15 Datasheet
119Kb / 15P
   32-bit bus transceiver with direction pin; 30 ??series termination resistors; 5 V tolerant; 3-state
Rev. 4-20 December 2011
74LVC32245A PHILIPS-74LVC32245A_15 Datasheet
162Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3-16 December 2011
74LVC32245A NXP-74LVC32245A Datasheet
88Kb / 12P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 01-20 August 2007
74LVCH32245A NXP-74LVCH32245A Datasheet
93Kb / 13P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 03-20 August 2007
74LVC32245A PHILIPS-74LVC32245A Datasheet
87Kb / 16P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
1999 Sep 01
74LVCH32245A PHILIPS-74LVCH32245A_15 Datasheet
175Kb / 15P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 5-15 December 2011
logo
Nexperia B.V. All right...
74LVC32245A NEXPERIA-74LVC32245A Datasheet
984Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3 - 16 December 2011
logo
NXP Semiconductors
74LVC2245A PHILIPS-74LVC2245A Datasheet
87Kb / 17P
   Octal transceiver with direction pin; 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
2003 Nov 17
74LVC_LVCH162245A PHILIPS-74LVC_LVCH162245A_15 Datasheet
237Kb / 16P
   16-bit transceiver with direction pin, 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6-23 November 2011
74LVC2245A PHILIPS-74LVC2245A_15 Datasheet
297Kb / 16P
   Octal transceiver with direction pin, 30 series termination resistors; 5 V tolerant input/output; 3-state
Rev. 5-4 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com