Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8310 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8310
Description  Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8310 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8310 Datasheet HTML 2Page - Analog Devices AD8310 Datasheet HTML 3Page - Analog Devices AD8310 Datasheet HTML 4Page - Analog Devices AD8310 Datasheet HTML 5Page - Analog Devices AD8310 Datasheet HTML 6Page - Analog Devices AD8310 Datasheet HTML 7Page - Analog Devices AD8310 Datasheet HTML 8Page - Analog Devices AD8310 Datasheet HTML 9Page - Analog Devices AD8310 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD8310
Rev. D | Page 6 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
INPUT LEVEL (dBV)
3.0
0
–120
20
–100
(–87dBm)
–80
–60
–40
–20
0
(+13dBm)
2.5
2.0
1.5
1.0
0.5
TA = +85°C
TA = +25°C
TA = –40°C
Figure 3. RSSI Output vs. Input Level, 100 MHz Sine Input at TA = −40°C, +25°C,
and +85°C, Single-Ended Input
INPUT LEVEL (dBV)
3.0
–120
–100
(–87dBm)
–80
–60
–40
–20
0
(+13dBm)
20
2.5
2.0
1.5
1.0
0.5
0
10MHz
50MHz
100MHz
Figure 4. RSSI Output vs. Input Level at TA = 25°C for Frequencies
of 10 MHz, 50 MHz, and 100 MHz
INPUT LEVEL (dBV)
3.0
0
–120
20
–100
(–87dBm)
–80
–60
–40
–20
0
(+13dBm)
2.5
2.0
1.5
1.0
0.5
200MHz
300MHz
440MHz
Figure 5. RSSI Output vs. Input Level at TA = 25°C for Frequencies
of 200 MHz, 300 MHz, and 440 MHz
PIN (dBm)
2.4
–90
–20
–80
–70
–60
–50
–40
–30
0.3
0
2.1
1.2
–10
0
10
–40°C
+25°C
+85°C
3.0
2.0
1.0
0
–2.0
–3.0
–4.0
–40°C
+25°C
+85°C
0.6
0.9
1.5
1.8
–1.0
4.0
Figure 6. Log Linearity of RSSI Output vs. Input Level, 100 MHz Sine Input
at TA = −40°C, +25°C, and +85°C
INPUT LEVEL (dBV)
5
–5
–120
20
–100
(–87dBm)
–80
–60
–40
–20
0
(+13dBm)
4
–1
–2
–3
–4
2
0
3
1
10MHz
50MHz
100MHz
Figure 7. Log Linearity of RSSI Output vs. Input Level, at TA = 25°C,
for Frequencies of 10 MHz, 50 MHz, and 100 MHz
INPUT LEVEL (dBV)
5
–5
–120
20
–100
(–87dBm)
–80
–60
–40
–20
0
(+13dBm)
4
–1
–2
–3
–4
2
0
3
1
200MHz
300MHz
440MHz
Figure 8. Log Linearity of RSSI Output vs. Input Level at TA = 25°C
for Frequencies of 200 MHz, 300 MHz, and 440 MHz


Similar Part No. - AD8310

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8310 AD-AD8310 Datasheet
530Kb / 24P
   Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
Rev. E
AD8310-EVAL AD-AD8310-EVAL Datasheet
530Kb / 24P
   Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
Rev. E
AD8310ARM AD-AD8310ARM Datasheet
530Kb / 24P
   Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
Rev. E
AD8310ARM-REEL7 AD-AD8310ARM-REEL7 Datasheet
530Kb / 24P
   Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
Rev. E
AD8310ARMZ AD-AD8310ARMZ Datasheet
530Kb / 24P
   Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
Rev. E
More results

Similar Description - AD8310

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8310 AD-AD8310_05 Datasheet
530Kb / 24P
   Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
Rev. E
AD8310 AD-AD8310_15 Datasheet
393Kb / 24P
   Fast, Voltage-Out, DC to 440 MHz, 95 dB Logarithmic Amplifier
Rev. F
AD8307 AD-AD8307 Datasheet
394Kb / 20P
   Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
REV. A
AD8307 AD-AD8307_06 Datasheet
508Kb / 24P
   Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
REV. C
AD8307 AD-AD8307_15 Datasheet
401Kb / 24P
   Low Cost, DC to 500 MHz, 92 dB Logarithmic Amplifier
Rev. D
AD8309ARUZ AD-AD8309ARUZ Datasheet
315Kb / 20P
   5 MHz??00 MHz 100 dB Demodulating Logarithmic Amplifier
REV. B
AD640 AD-AD640_15 Datasheet
240Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD640 AD-AD640 Datasheet
278Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD640JPZ AD-AD640JPZ Datasheet
240Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD640 AD-AD640_16 Datasheet
417Kb / 19P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com