Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRAH-05A100 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # VRAH-05A100
Description  NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRAH-05A100 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  VRAH-05A100 Datasheet HTML 1Page - Bel Fuse Inc. VRAH-05A100 Datasheet HTML 2Page - Bel Fuse Inc. VRAH-05A100 Datasheet HTML 3Page - Bel Fuse Inc. VRAH-05A100 Datasheet HTML 4Page - Bel Fuse Inc. VRAH-05A100 Datasheet HTML 5Page - Bel Fuse Inc. VRAH-05A100 Datasheet HTML 6Page - Bel Fuse Inc. VRAH-05A100 Datasheet HTML 7Page - Bel Fuse Inc. VRAH-05A100 Datasheet HTML 8Page - Bel Fuse Inc. VRAH-05A100 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2005 Bel Fuse Inc.
Specifications subject to change without notice. 03.05
POWER PRODUCTS
NON-ISOLATED DC/DC CONVERTERS
BP05xRAH-05A
12V Input / 0.9V – 5.0V Output / 5A
page 3
Output Specifications
Note: All specifications are typical at nominal input, full load at 25° C unless otherwise stated.
1. Vin = 12V, Iout = full load, Ta = 25° C.
r
e
t
e
m
a
r
a
P
e
l
u
d
o
M
l
o
b
m
y
S
n
i
M
l
a
c
i
p
y
T
x
a
M
s
t
i
n
U
t
n
i
o
P
t
e
S
e
g
a
t
l
o
V
t
u
p
t
u
O
1
V
0
.
5
V
3
.
3
V
5
.
2
V
8
.
1
V
5
.
1
V
2
.
1
V
0
.
1
V
9
.
0
t
u
o
V
9
.
4
7
4
2
.
3
0
6
4
.
2
1
7
7
.
1
6
7
4
.
1
1
8
1
.
1
4
8
9
.
0
6
8
8
.
0
5
3
.
3
5
.
2
8
.
1
5
.
1
2
.
1
0
.
1
9
.
0
1
.
5
3
5
3
.
3
0
4
5
.
2
9
2
8
.
1
4
2
5
.
1
9
1
2
.
1
6
1
0
.
1
4
1
9
.
0
V
n
o
i
t
a
l
u
g
e
R
d
a
o
L
V
0
.
5
V
3
.
3
V
5
.
2
V
8
.
1
V
5
.
1
V
2
.
1
V
0
.
1
V
9
.
0
5
1
8
8
5
5
5
5
4
0
3
0
2
0
2
5
1
5
1
5
1
5
1
5
1
V
m
n
o
i
t
a
l
u
g
e
R
e
n
i
L
V
0
.
5
V
3
.
3
V
5
.
2
V
8
.
1
V
5
.
1
V
2
.
1
V
0
.
1
V
9
.
0
3
3
3
2
2
2
1
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
V
m
e
r
u
t
a
r
e
p
m
e
T
r
e
v
O
n
o
i
t
a
l
u
g
e
R
)
C
°
5
8
o
t
°
0
4
-
(V
0
.
5
V
3
.
3
V
5
.
2
V
8
.
1
V
5
.
1
V
2
.
1
V
0
.
1
V
9
.
0
0
4
0
4
5
3
0
2
5
1
0
1
6
5
0
7
0
7
0
7
0
4
0
3
0
2
2
1
0
1
V
m
n
o
i
t
a
l
u
g
e
R
e
g
a
t
l
o
V
t
u
p
t
u
O
l
a
t
o
T
)
C
°
5
8
o
t
°
0
4
-
(V
0
.
5
V
3
.
3
V
5
.
2
V
8
.
1
V
5
.
1
V
2
.
1
V
0
.
1
V
9
.
0
8
5
1
5
6
4
7
2
2
2
7
1
2
1
0
1
0
1
1
0
0
1
0
0
1
5
6
5
4
5
4
7
3
5
3
V
m


Similar Part No. - VRAH-05A100

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
VRAH-05B120 BEL-VRAH-05B120 Datasheet
190Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 5A
VRAH-05B150 BEL-VRAH-05B150 Datasheet
190Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 5A
VRAH-05B180 BEL-VRAH-05B180 Datasheet
190Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 5A
VRAH-05B250 BEL-VRAH-05B250 Datasheet
190Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 5A
VRAH-05B330 BEL-VRAH-05B330 Datasheet
190Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 5A
More results

Similar Description - VRAH-05A100

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7AH-05A BEL-S7AH-05A Datasheet
504Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
S7AH-02A BEL-S7AH-02A Datasheet
329Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
SRAH-02A BEL-SRAH-02A Datasheet
336Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
X7PF-20A1A0 BEL-X7PF-20A1A0 Datasheet
203Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 12V Input 0.9V-5.0V/20A Output
V7PF-15A BEL-V7PF-15A Datasheet
74Kb / 2P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 15A
X7AH-03EXX0 BEL-X7AH-03EXX0 Datasheet
136Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/3A Output
V7PB-15E BEL-V7PB-15E Datasheet
179Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/15A Output
V7PB-10D BEL-V7PB-10D Datasheet
191Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 3.0V-13.2V Input 0.9V-5.0V/10A Output
S7AH-03A BEL-S7AH-03A Datasheet
165Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5V - 5.0V Output / 3A
SRAH-03A BEL-SRAH-03A Datasheet
173Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5V - 5.0V Output / 3A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com