Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRAH-08B120 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # VRAH-08B120
Description  NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 8A
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRAH-08B120 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  VRAH-08B120 Datasheet HTML 1Page - Bel Fuse Inc. VRAH-08B120 Datasheet HTML 2Page - Bel Fuse Inc. VRAH-08B120 Datasheet HTML 3Page - Bel Fuse Inc. VRAH-08B120 Datasheet HTML 4Page - Bel Fuse Inc. VRAH-08B120 Datasheet HTML 5Page - Bel Fuse Inc. VRAH-08B120 Datasheet HTML 6Page - Bel Fuse Inc. VRAH-08B120 Datasheet HTML 7Page - Bel Fuse Inc. VRAH-08B120 Datasheet HTML 8Page - Bel Fuse Inc. VRAH-08B120 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2006 Bel Fuse Inc.
Specifications subject to change without notice. 02.06
POWER PRODUCTS
NON-ISOLATED DC/DC CONVERTERS
BP06xRAH-08B
5V Input / 0.9V – 3.3V Output / 8A
Nonisolated
Compact, low profile surface mount package
Fixed frequency
High efficiency means less power dissipation
Excellent thermal performance
Optimized for cost
Remote on/off
Undervoltage lockout (UVLO)
Over current and short circuit protection
Description
The Bel SRAH-08B and VRAH-08B modules are a series of non-isolated, step down DC/DC power converters that operate
from a nominal 5V source. These converters are available in a range of output voltages from 0.9V to 3.3V. They are packaged
in a compact, overmolded package rated at 8A. Optional lead forming provides a vertical mount product for minimal footprint
or a surface mount option for a very low profile. Standard features include remote on/off, over current and short circuit
protection, output voltage adjust and industrial temperature range (-40° to +85° C). The output is closely regulated and the
efficiency is typically 92% at full load. These products may be used almost anywhere low voltage silicon is employed and a 5V
source is available. Typical applications include file servers, routers, line cards and other computing and communications
equipment.
Applications
page 1
SRAH-08B / VRAH-08B Series
Distributed power architectures
Data networking equipment
Telecommunications
Computers and peripherals
Part Number Selection
t
u
p
t
u
O
e
g
a
t
l
o
V
t
u
p
n
I
e
g
a
t
l
o
V
t
u
p
t
u
O
.
x
a
M
t
n
e
r
r
u
C
t
u
p
t
u
O
.
x
a
M
r
e
w
o
P
l
a
c
i
p
y
T
y
c
n
e
i
c
i
f
f
E
r
e
b
m
u
N
t
r
a
P
t
n
u
o
M
e
c
a
f
r
u
S
r
e
b
m
u
N
t
r
a
P
t
n
u
o
M
l
a
c
i
t
r
e
V
V
3
.
3V
5A
8W
4
.
6
2%
2
90
3
3
B
8
0
-
H
A
R
S0
3
3
B
8
0
-
H
A
R
V
V
5
.
2V
5A
8W
0
2%
0
90
5
2
B
8
0
-
H
A
R
S0
5
2
B
8
0
-
H
A
R
V
V
8
.
1V
5A
8W
4
.
4
1%
6
80
8
1
B
8
0
-
H
A
R
S0
8
1
B
8
0
-
H
A
R
V
V
5
.
1V
5A
8W
2
1%
4
80
5
1
B
8
0
-
H
A
R
S0
5
1
B
8
0
-
H
A
R
V
V
2
.
1V
5A
8W
6
.
9%
2
80
2
1
B
8
0
-
H
A
R
S0
2
1
B
8
0
-
H
A
R
V
V
0
.
1V
5A
8W
8%
0
80
0
1
B
8
0
-
H
A
R
S0
0
1
B
8
0
-
H
A
R
V
V
9
.
0V
5A
8W
2
.
7%
9
70
9
0
B
8
0
-
H
A
R
S0
9
0
B
8
0
-
H
A
R
V
V
3
.
3
-
V
9
.
0V
5A
8W
4
.
6
2%
2
90
A
1
B
8
0
-
H
A
R
S0
A
1
B
8
0
-
H
A
V
V
RoHS Compliant


Similar Part No. - VRAH-08B120

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
VRAH-08E1A0 BEL-VRAH-08E1A0 Datasheet
373Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS
VRAH-08E1A0 BEL-VRAH-08E1A0 Datasheet
379Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS
VRAH-08E500 BEL-VRAH-08E500 Datasheet
373Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS
VRAH-08E500 BEL-VRAH-08E500 Datasheet
379Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - VRAH-08B120

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7AH-08B BEL-S7AH-08B Datasheet
339Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 8A
V7PB-10B BEL-V7PB-10B Datasheet
242Kb / 18P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 10A
VRPB-10B BEL-VRPB-10B Datasheet
248Kb / 18P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 10A
SRDB-08B BEL-SRDB-08B Datasheet
420Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
S7DB-08B BEL-S7DB-08B Datasheet
289Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
S7AH-07C BEL-S7AH-07C Datasheet
254Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 7A
VRPB-10C BEL-VRPB-10C Datasheet
229Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 10A
X7AH-03C1A0 BEL-X7AH-03C1A0 Datasheet
155Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input 0.9V-2.5V/3A Output
V7PB-10C BEL-V7PB-10C Datasheet
222Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 10A
SRAH-02C BEL-SRAH-02C Datasheet
127Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 1.5A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com