Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRAH-02A1AF Datasheet(PDF) 8 Page - Bel Fuse Inc.

Part # VRAH-02A1AF
Description  NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRAH-02A1AF Datasheet(HTML) 8 Page - Bel Fuse Inc.

Back Button VRAH-02A1AF Datasheet HTML 4Page - Bel Fuse Inc. VRAH-02A1AF Datasheet HTML 5Page - Bel Fuse Inc. VRAH-02A1AF Datasheet HTML 6Page - Bel Fuse Inc. VRAH-02A1AF Datasheet HTML 7Page - Bel Fuse Inc. VRAH-02A1AF Datasheet HTML 8Page - Bel Fuse Inc. VRAH-02A1AF Datasheet HTML 9Page - Bel Fuse Inc. VRAH-02A1AF Datasheet HTML 10Page - Bel Fuse Inc. VRAH-02A1AF Datasheet HTML 11Page - Bel Fuse Inc. VRAH-02A1AF Datasheet HTML 12Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2005 Bel Fuse Inc.
Specifications subject to change without notice. 03.05
POWER PRODUCTS
NON-ISOLATED DC/DC CONVERTERS
BP05xRAH-02A
12V Input / 0.9V – 5.0V Output / 2A
page 8
Efficiency Data
MODULE5.0V
60%
65%
70%
75%
80%
85%
90%
0.20
0.50
1.00
1.50
2.00
OUTPUTCURRENT
10.8
12
13.2
MODULE 3.3V
55%
60%
65%
70%
75%
80%
85%
90%
95%
0.20
0.50
1.00
1.50
2.00
OUTPUT CURRENT
10.8
12
13.2
MODULE 2.5V
50%
60%
70%
80%
90%
100%
0.20
0.50
1.00
1.50
2.00
OUTPUT CURRENT
10.8
12
13.2
MODULE 1.8V
50%
55%
60%
65%
70%
75%
80%
85%
90%
0.20
0.50
1.00
1.50
2.00
OUTPUT CURRENT
10.8
12
13.2


Similar Part No. - VRAH-02A1AF

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
VRAH-02C500 BEL-VRAH-02C500 Datasheet
127Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 1.5A
VRAH-02C50X BEL-VRAH-02C50X Datasheet
130Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 3.0 Vdc - 3.6 Vdc Input 5.0 Vdc/1.5 A Output
VRAH-02C50X BEL-VRAH-02C50X Datasheet
130Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - VRAH-02A1AF

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7AH-02A BEL-S7AH-02A Datasheet
329Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
X7PF-20A1A0 BEL-X7PF-20A1A0 Datasheet
203Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 12V Input 0.9V-5.0V/20A Output
SRAH-05A BEL-SRAH-05A Datasheet
511Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
S7AH-05A BEL-S7AH-05A Datasheet
504Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
V7PF-15A BEL-V7PF-15A Datasheet
74Kb / 2P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 15A
X7AH-03EXX0 BEL-X7AH-03EXX0 Datasheet
136Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/3A Output
V7PB-15E BEL-V7PB-15E Datasheet
179Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/15A Output
V7PB-10D BEL-V7PB-10D Datasheet
191Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 3.0V-13.2V Input 0.9V-5.0V/10A Output
S7AH-03A BEL-S7AH-03A Datasheet
165Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5V - 5.0V Output / 3A
SRAH-03A BEL-SRAH-03A Datasheet
173Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5V - 5.0V Output / 3A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com