Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRAH-05B150 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # VRAH-05B150
Description  NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 5A
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRAH-05B150 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  VRAH-05B150 Datasheet HTML 1Page - Bel Fuse Inc. VRAH-05B150 Datasheet HTML 2Page - Bel Fuse Inc. VRAH-05B150 Datasheet HTML 3Page - Bel Fuse Inc. VRAH-05B150 Datasheet HTML 4Page - Bel Fuse Inc. VRAH-05B150 Datasheet HTML 5Page - Bel Fuse Inc. VRAH-05B150 Datasheet HTML 6Page - Bel Fuse Inc. VRAH-05B150 Datasheet HTML 7Page - Bel Fuse Inc. VRAH-05B150 Datasheet HTML 8Page - Bel Fuse Inc. VRAH-05B150 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2006 Bel Fuse Inc.
Specifications subject to change without notice. 02.06
POWER PRODUCTS
NON-ISOLATED DC/DC CONVERTERS
BP06xRAH-05B
5V Input / 1.2V – 3.3V Output / 5A
Nonisolated
Compact, low profile surface mount package
Fixed frequency
High efficiency means less power dissipation
Excellent thermal performance
Optimized for cost
Remote on/off
Undervoltage lockout (UVLO)
Over current and short circuit protection
Description
The Bel SRAH-05B and VRAH-05B modules are a series of non-isolated, step down DC/DC power converters that operate
from a nominal 5V source. These converters are available in a range of output voltages from 1.2V to 3.3V. They are packaged
in a compact, overmolded package rated at 5A. Optional lead forming provides a vertical mount product for minimal footprint
or a surface mount option for a very low profile. Standard features include remote on/off, over current and short circuit
protection, and output voltage adjust. These products may be used almost anywhere low voltage silicon is employed and a
5V source is available. Typical applications include file servers, routers, line cards and other computing and communications
equipment.
Applications
page 1
SRAH-05B / VRAH-05B Series
Distributed power architectures
Data networking equipment
Telecommunications
Computers and peripherals
Part Number Selection
t
u
p
t
u
O
e
g
a
t
l
o
V
t
u
p
n
I
e
g
a
t
l
o
V
t
u
p
t
u
O
.
x
a
M
t
n
e
r
r
u
C
t
u
p
t
u
O
.
x
a
M
r
e
w
o
P
l
a
c
i
p
y
T
y
c
n
e
i
c
i
f
f
E
r
e
b
m
u
N
t
r
a
P
t
n
u
o
M
e
c
a
f
r
u
S
r
e
b
m
u
N
t
r
a
P
t
n
u
o
M
l
a
c
i
t
r
e
V
V
3
.
3V
5A
5W
5
.
6
1%
2
90
3
3
B
5
0
-
H
A
R
S0
3
3
B
5
0
-
H
A
R
V
V
5
.
2V
5A
5W
5
.
2
1%
0
90
5
2
B
5
0
-
H
A
R
S0
5
2
B
5
0
-
H
A
R
V
V
8
.
1V
5A
5W
0
.
9%
6
80
8
1
B
5
0
-
H
A
R
S0
8
1
B
5
0
-
H
A
R
V
V
5
.
1V
5A
5W
5
.
7%
4
80
5
1
B
5
0
-
H
A
R
S0
5
1
B
5
0
-
H
A
R
V
V
2
.
1V
5A
5W
6%
2
80
2
1
B
5
0
-
H
A
R
S0
2
1
B
5
0
-
H
A
R
V
RoHS Compliant


Similar Part No. - VRAH-05B150

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
VRAH-05BT50 BEL-VRAH-05BT50 Datasheet
134Kb / 6P
   NON-ISOLATED DC/DC CONVERTER 5 V Input Vref/2 / 5 A Output
More results

Similar Description - VRAH-05B150

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7AH-05B BEL-S7AH-05B Datasheet
182Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 5A
SRAH-05C BEL-SRAH-05C Datasheet
210Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 5A
S7DB-12B BEL-S7DB-12B Datasheet
209Kb / 13P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 12A
SRDB-08B BEL-SRDB-08B Datasheet
420Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
S7DB-08B BEL-S7DB-08B Datasheet
289Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
V7PD-15B BEL-V7PD-15B Datasheet
245Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 15A
VRPD-15B BEL-VRPD-15B Datasheet
252Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 15A
S7DB-08C BEL-S7DB-08C Datasheet
179Kb / 13P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 8A
S7DB-12C BEL-S7DB-12C Datasheet
168Kb / 13P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 12A
VRPD-15C BEL-VRPD-15C Datasheet
350Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 15A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com