Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRAH-02A250 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # VRAH-02A250
Description  NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRAH-02A250 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  VRAH-02A250 Datasheet HTML 1Page - Bel Fuse Inc. VRAH-02A250 Datasheet HTML 2Page - Bel Fuse Inc. VRAH-02A250 Datasheet HTML 3Page - Bel Fuse Inc. VRAH-02A250 Datasheet HTML 4Page - Bel Fuse Inc. VRAH-02A250 Datasheet HTML 5Page - Bel Fuse Inc. VRAH-02A250 Datasheet HTML 6Page - Bel Fuse Inc. VRAH-02A250 Datasheet HTML 7Page - Bel Fuse Inc. VRAH-02A250 Datasheet HTML 8Page - Bel Fuse Inc. VRAH-02A250 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2005 Bel Fuse Inc.
Specifications subject to change without notice. 03.05
POWER PRODUCTS
NON-ISOLATED DC/DC CONVERTERS
BP05xRAH-02A
12V Input / 0.9V – 5.0V Output / 2A
page 2
Input Specifications
Absolute Maximum Ratings
Note: Use beyond the maximum ratings may cause a reliability degradation of the DC/DC
converter or may permanently damage the device.
Note: 1. Use a 47uF/25V tan capacitor at the input.
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
n
i
M
l
a
c
i
p
y
T
x
a
M
t
i
n
U
e
g
a
t
l
o
V
t
u
p
n
I
s
u
o
u
n
i
t
n
o
Cn
i
V3
.
0
-
5
1V
e
g
a
t
l
o
V
l
a
n
i
m
r
e
T
e
l
b
a
n
E
t
u
p
t
u
On
e
t
u
o
V3
.
0
-
5
1V
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
Ab
m
a
T0
4
-
5
8C
°
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sr
o
t
s
T5
5
-
5
2
1C
°
r
e
t
e
m
a
r
a
P
e
l
u
d
o
M
l
o
b
m
y
S
n
i
M
l
a
c
i
p
y
T
x
a
M
s
t
i
n
U
e
g
a
t
l
o
V
t
u
p
n
I
g
n
i
t
a
r
e
p
Oll
An
i
V8
.
0
1
2
.
3
1V
t
n
e
r
r
u
C
t
u
p
n
I
V
0
.
5
V
3
.
3
V
5
.
2
V
8
.
1
V
5
.
1
V
2
.
1
V
9
.
0
n
i
I
2
.
1
5
8
.
0
7
.
0
5
.
0
5
4
.
0
4
.
0
5
3
.
0
A
t
n
e
r
r
u
C
t
u
p
n
I
d
a
o
L
o
N
ll
A
0
5
A
m
t
n
e
r
r
u
C
t
u
p
n
I
f
f
O
e
t
o
m
e
Rll
A
30
1
A
m
t
n
e
r
r
u
C
e
l
p
p
i
R
d
e
t
c
e
l
f
e
R
t
u
p
n
I
1
ll
A
0
0
1
A
m
s
m
r
)
P
-
P
(
t
n
e
r
r
u
C
e
l
p
p
i
R
d
e
t
c
e
l
f
e
R
t
u
p
n
I
1
ll
A
0
0
3
k
p
A
m
I2
t
n
e
i
s
n
a
r
T
t
n
e
r
r
u
C
h
s
u
r
n
I
tll
A
1
0
.
02
0
.
0A2s
d
l
o
h
s
e
r
h
T
e
g
a
t
l
o
V
n
O
n
r
u
Tll
A
6
.
9
V
d
l
o
h
s
e
r
h
T
e
g
a
t
l
o
V
f
f
O
n
r
u
Tll
A8
.
8
8
.
9V


Similar Part No. - VRAH-02A250

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
VRAH-02C500 BEL-VRAH-02C500 Datasheet
127Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 1.5A
VRAH-02C50X BEL-VRAH-02C50X Datasheet
130Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 3.0 Vdc - 3.6 Vdc Input 5.0 Vdc/1.5 A Output
VRAH-02C50X BEL-VRAH-02C50X Datasheet
130Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - VRAH-02A250

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7AH-02A BEL-S7AH-02A Datasheet
329Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
X7PF-20A1A0 BEL-X7PF-20A1A0 Datasheet
203Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 12V Input 0.9V-5.0V/20A Output
SRAH-05A BEL-SRAH-05A Datasheet
511Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
S7AH-05A BEL-S7AH-05A Datasheet
504Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
V7PF-15A BEL-V7PF-15A Datasheet
74Kb / 2P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 15A
X7AH-03EXX0 BEL-X7AH-03EXX0 Datasheet
136Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/3A Output
V7PB-15E BEL-V7PB-15E Datasheet
179Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/15A Output
V7PB-10D BEL-V7PB-10D Datasheet
191Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 3.0V-13.2V Input 0.9V-5.0V/10A Output
S7AH-03A BEL-S7AH-03A Datasheet
165Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5V - 5.0V Output / 3A
SRAH-03A BEL-SRAH-03A Datasheet
173Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5V - 5.0V Output / 3A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com