Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S470-1500-25 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # S470-1500-25
Description  HIGH-SPEED 14 PIN SMD PASSIVE DELAY MODULES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S470-1500-25 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  S470-1500-25 Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.5 + 0.25 ns
1.0 + 0.25 ns
2.0 + 0.25 ns
3.0 + 0.25 ns
4.0 + 0.25 ns
5.0 + 0.25 ns
6.0 + 0.25 ns
7.0 + .025 ns
8.0 + 0.25 ns
9.0 + 0.25 ns
10.0 + 0.25 ns
11.0 + 0.25 ns
12.0 + 0.25 ns
13.0 + 0.25 ns
14.0 + 0.25 ns
15.0 + 0.25 ns
16.0 + 0.25 ns
17.0 + 0.25 ns
18.0 + 0.25 ns
19.0 + 0.25 ns
20.0 + 0.50 ns
25.0 + 0.50 ns
30.0 + 0.50 ns
35.0 + 0.50 ns
40.0 + 0.50 ns
Cat 43-R0
HIGH-SPEED 14 PIN SMD
PASSIVE DELAY MODULES
50% Levels
10%-90% Levels
+ 10%
10K Megohms Min.
50 Vdc
-55oC to +125oC
100 PPM/oC Max.
3 x Trout or 5 ns W.I.G.
60%
Delay Measurement
Rise Time Measurement
Distortion
Insulation Resistance @ 50 Vdc
Dielectric Withstanding Voltage
Operating Temperature Range
Temperature Coefficient of Delay
Minimum Input Pulse Width
Maximum Duty Cycle
Part Numbers
S470-1500-02
S470-1500-03
S470-1500-05
S470-1500-07
S470-1500-09
S470-1500-11
S470-1500-13
S470-1500-15
S470-1500-17
S470-1500-19
S470-1500-21
S470-1500-23
S470-1500-25
S470-1500-27
S470-1500-29
S470-1500-31
S470-1500-33
S470-1500-35
S470-1500-37
S470-1500-39
S470-1500-40
S470-1500-46
S470-1500-51
S470-1500-56
S470-1500-61
S470-1503-02
S470-1503-03
S470-1503-05
S470-1503-07
S470-1503-09
S470-1503-11
S470-1503-13
S470-1503-15
S470-1503-17
S470-1503-19
S470-1503-21
S470-1503-23
S470-1503-25
S470-1503-27
S470-1503-29
S470-1503-31
S470-1503-33
S470-1503-35
S470-1503-37
S470-1503-39
S470-1503-40
S470-1503-46
S470-1503-51
S470-1503-56
S470-1503-61
1.0 ns
1.0 ns
1.0 ns
1.0 ns
1.0 ns
1.1 ns
1.3 ns
1.5 ns
1.7 ns
1.9 ns
2.0 ns
2.2 ns
2.3 ns
2.5 ns
2.6 ns
2.8 ns
3.0 ns
3.2 ns
3.4 ns
3.6 ns
3.8 ns
4.5 ns
5.5 ns
6.4 ns
7.4 ns
1.0 Ohm
1.0 Ohm
1.0 Ohm
1.0 Ohm
1.0 Ohm
1.0 Ohm
1.0 Ohm
1.0 Ohm
1.0 Ohm
1.0 Ohm
1.0 Ohm
2.0 Ohms
2.0 Ohms
2.0 Ohms
2.0 Ohms
2.0 Ohms
2.5 Ohms
2.5 Ohms
2.5 Ohms
2.5 Ohms
2.5 Ohms
4.0 Ohms
4.5 Ohms
5.5 Ohms
6.0 Ohms
Electrical Characteristics
Ein
Trin
PW
PP
Pulse Voltage
Rise Time
Pulse Width
Pulse Period
1 Volt Typical
2.0 ns (10%-90%)
3 x Total Delay
4 x Pulse Width
Test Conditions @ 25oC
Other Delays and Impedances Available
Consult Sales
S470-1505-02
S470-1505-03
S470-1505-05
S470-1505-07
S470-1505-09
S470-1505-11
S470-1505-13
S470-1505-15
S470-1505-17
S470-1505-19
S470-1505-21
S470-1505-23
S470-1505-25
S470-1505-27
S470-1505-29
S470-1505-31
S470-1505-33
S470-1505-35
S470-1505-37
S470-1505-39
S470-1505-40
S470-1505-46
S470-1505-51
S470-1505-56
S470-1505-61
S470-1501-02
S470-1501-03
S470-1501-05
S470-1501-07
S470-1501-09
S470-1501-11
S470-1501-13
S470-1501-15
S470-1501-17
S470-1501-19
S470-1501-21
S470-1501-23
S470-1501-25
S470-1501-27
S470-1501-29
S470-1501-31
S470-1501-33
S470-1501-35
S470-1501-37
S470-1501-39
S470-1501-40
S470-1501-46
S470-1501-51
S470-1501-56
S470-1501-61
S470-1403-02
S470-1403-03
S470-1403-05
S470-1403-07
S470-1403-09
S470-1403-11
S470-1403-13
S470-1403-15
S470-1403-17
S470-1403-19
S470-1403-21
S470-1403-23
S470-1403-25
S470-1403-27
S470-1403-29
S470-1403-31
S470-1403-33
S470-1403-35
S470-1403-37
S470-1403-39
S470-1403-40
S470-1403-46
S470-1403-51
S470-1403-56
S470-1403-61
Total Delay
DCR
Maximum
Rise Time
(True)
36
Transfer molded for better reliability
Compatible with ECL & TTL circuits
Terminals: Electro-Tin plate phosphor bronze
Performance warranty is limited to specified parameters listed
Tape & Reel available
32mm Wide x 16mm Pitch, 500 pieces per 13" reel
Notes
T ime in Minutes
8
6
4
2
for 90 Seconds Max
> 185o C
225o C Max Temp.
Infra Red
0
100o C
200o C
300o C
Recommended Temperature Profile
100 Ohms + 10% 50 Ohms + 10%
75 Ohms + 10% 65 Ohms + 10%
80 Ohms + 10%
4o
.22 Max
.018
.015
bel (DC)
(P/N)
.375
.350
.285 Max
.008
.030
.004
.012
Coplanarity + .002
.60 + .02
.80 Max
Gnd 14
In 1
Gnd 8
Out 7
Corporate Office
Bel Fuse Inc.
198 Van Vorst Street, Jersey City, NJ 07302-4496
Tel: 201-432- 0463
Fax: 201-432-9542
E-Mail: BelFuse@belfuse.com
Internet: http://www.belfuse.com
Specifications subject to change without notice.
Far East Office
Bel Fuse Ltd.
8F/8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel: 852-2328-5515
Fax: 852-2352-3706
European Office
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Preston PR1 8UD
Lancashire, U.K.
Tel: 44-1772-556601
Fax: 44-1772-888366
defining a degree of excellence


Similar Part No. - S470-1500-25

ManufacturerPart #DatasheetDescription
logo
UMPCO, Inc.
S470 UMPCO-S470 Datasheet
132Kb / 1P
   CLAMP, LOOPCUSHIONED, MULTILINE, EQUAL DIAMETER, #8 & #10 MOUNTING HOLE
logo
Hamamatsu Corporation
S4707-01 HAMAMATSU-S4707-01 Datasheet
90Kb / 2P
   Si PIN photodiode
logo
Vishay Siliconix
S470J25SL0N6.J5 VISHAY-S470J25SL0N6.J5 Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S470J25SL0N6.J5. VISHAY-S470J25SL0N6.J5. Datasheet
389Kb / 11P
   Ceramic Disc Capacitors Class 1 and 2, 1/2/3/6 kV General Purpose
Revision: 26-Oct-06
S470J25SL0N6J5 VISHAY-S470J25SL0N6J5 Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2
Revision: 07-Jan-10
More results

Similar Description - S470-1500-25

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0401-1403-02 BEL-0401-1403-02 Datasheet
57Kb / 1P
   HIGH-SPEED 4 PIN SIP PASSIVE DELAY MODULES
S469-0005-XX BEL-S469-0005-XX Datasheet
49Kb / 1P
   10 TAP 14 PIN DIP PASSIVE DELAY MODULES
logo
PCA ELECTRONICS INC.
EPA3756G-5 PCA-EPA3756G-5 Datasheet
23Kb / 1P
   14 Pin Auto-Insertable/SMD Passive Delay Lines
EPA3756-XX PCA-EPA3756-XX_15 Datasheet
23Kb / 1P
   14 Pin Auto-Insertable/SMD Passive Delay Lines
logo
Rhombus Industries Inc.
SH6G-0105 RHOMBUS-IND-SH6G-0105 Datasheet
33Kb / 1P
   SH6G Series Mini 6-Pin SMD Passive Delay Modules / AML1 Series Mini 16-Pin 50-mil SMD Passive Delay Modules
logo
Bel Fuse Inc.
0402-00.5-55 BEL-0402-00.5-55 Datasheet
54Kb / 1P
   3 PIN SIP PASSIVE DELAY MODULES
0403-0001-50 BEL-0403-0001-50 Datasheet
55Kb / 1P
   4 PIN SIP PASSIVE DELAY MODULES
logo
PCA ELECTRONICS INC.
EP6400-1 PCA-EP6400-1 Datasheet
22Kb / 1P
   14 Pin DIP Passive Delay Lines
EP6400 PCA-EP6400_15 Datasheet
22Kb / 1P
   14 Pin DIP Passive Delay Lines
EP19830 PCA-EP19830 Datasheet
21Kb / 1P
   14 Pin DIP Passive Delay Lines
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com