Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S473-0025-06 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # S473-0025-06
Description  1 TAP LEADING EDGE CONTROL LOW VOLTAGE DELAY MODULES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S473-0025-06 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  S473-0025-06 Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
defining a degree of excellence
Corporate Office
Bel Fuse Inc.
198 Van Vorst Street, Jersey City, NJ 07302-4496
Tel: 201-432-0463
Fax: 201-432-9542
E-Mail: BelFuse@belfuse.com
Internet: http://www.belfuse.com
Specifications subject to change without notice.
Far East Office
Bel Fuse Ltd.
8F/8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel: 852-2328-5515
Fax: 852-2352-3706
European Office
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Preston PR1 8UD
Lancashire, U.K.
Tel: 44-1772-556601
Fax: 44-1772-888366
Cat 38-R0
24
1 TAP LEADING EDGE CONTROL
LOW VOLTAGE DELAY MODULES
Transfer molded for better reliability
Compatible with TTL & DTL circuits
Terminals: Electro-Tin plate phosphor bronze
Performance warranty is limited to specified parameters listed
SMD - Tape & Reel available:
24mm Wide x 12mm Pitch, 750 pieces per 13" reel
Test Conditions @ 25oC
Electrical Characteristics
Drive Capabilities
Nh Logic 1 Fanout
-
10 LSTTL Loads Max.
Nl
Logic 0 Fanout
-
10 LSTTL Loads Max.
3.0 Volts
3.0 ns (10%-90%)
1.2 x Total Delay
4 x Pulse Width
25 ma Typical
5.0 Volts
Max.
3.6
0.8
-20
20
-20
0.1
-0.5
1
-1
10
30
70o
50
Units
V
V
V
ma
ma
ma
V
V
V
ua
ua
ma
ma
C
%
%
Min.
3.0
2.4
2.9
0o
40
100 + (25000/TD) PPM/OC
Input to Output + 2 ns or 5% ,Unless otherwise specified
Delays measured @ 50% levels on Leading Edge only
wth no loads on Output
Rise and Fall Times measured from 10% to 90% levels
Tolerances
Part Numbers
300o C
T ime in Minutes
for 90 Seconds Max
> 185o C
225o C Max Temp.
Infra Red
0
200o C
100o C
8
6
4
2
SMD
Thru-Hole
Recommended Temperature Profile
Notes
Other Delays and Tolerances Available
Consult Sales
Ein
Trin
PW
PP
Iccl
Vcc
Vcc
Vih
Vil
Iik
Ioh
Iol
Voh
Vol
Vik
Iih
Iil
Icch
Iccl
Ta
PW
d
Tc
Pulse Voltage
Rise Time
Pulse Width
Pulse Period
Supply Current
Supply Voltage
Supply Voltage
Logic 1 Input Voltage
Logic 0 Input Voltage
Input Clamp Current
Logic 1 Output Current
Logic 0 Output Current
Logic 1 Output Voltage
Logic 0 Output voltage
Input Clamp Voltage
Logic 1 Input Current
Logic 0 Input Current
Logic 1 Supply Current
Logic 0 Supply Current
Operating Free Air Temperature
Min. Input Pulse Width of Total Delay
Maximum Duty Cycle
Temp. Coeff. of Total Delay (TD)
S473-0005-06
S473-0007-06
S473-0010-06
S473-0015-06
S473-0020-06
S473-0025-06
S473-0030-06
S473-0035-06
S473-0040-06
S473-0045-06
S473-0050-06
S473-0075-06
S473-0100-06
A473-0005-06
A473-0007-06
A473-0010-06
A473-0015-06
A473-0020-06
A473-0025-06
A473-0030-06
A473-0035-06
A473-0040-06
A473-0045-06
A473-0050-06
A473-0075-06
A473-0100-06
5 ns
7 ns
10 ns
15 ns
20 ns
25 ns
30 ns
35 ns
40 ns
45 ns
50 ns
75 ns
100 ns
Time
Delay
3 ns
3 ns
3 ns
3 ns
3 ns
3 ns
3 ns
3 ns
3 ns
3 ns
3 ns
3 ns
3 ns
Tolerance
+ 1.0 ns
+ 1.0 ns
+ 1.5 ns
+ 1.5 ns
+ 1.5 ns
+ 1.5 ns
+ 2.0 ns
+ 2.0 ns
+ 2.0 ns
+ 2.0 ns
+ 2.5 ns
+ 3.5 ns
+ 5.0 ns
Rise
Time
4o
.030
.015
.004
.012
.008
.285 Max
.018
.22 Max
.350
.375
.300
.50 Max
Coplanarity + .002
Vcc 8
In 1
Gnd 4
*
5 Out
.285 Max
.325
.50 Max
.300
.23 Max
.20 Max
.018
.12 Min
.015 Min
.045
.012
.008
100o
90o
bel (DC)
bel (DC)
(P/N)
(P/N)


Similar Part No. - S473-0025-06

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S473-0025-02 BEL-S473-0025-02 Datasheet
47Kb / 1P
   5 TAP LEADING EDGE CONTROL LOW VOLTAGE DELAY MODULES
More results

Similar Description - S473-0025-06

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S477-0010-06 BEL-S477-0010-06 Datasheet
46Kb / 1P
   1 TAP LEADING EDGE CONTROL LOW VOLTAGE DELAY MODULES
S473-0025-02 BEL-S473-0025-02 Datasheet
47Kb / 1P
   5 TAP LEADING EDGE CONTROL LOW VOLTAGE DELAY MODULES
S423-0005-06 BEL-S423-0005-06 Datasheet
60Kb / 1P
   1 TAP LEADING EDGE CONTROL STANDARD DELAY MODULES
S477-0025-02 BEL-S477-0025-02 Datasheet
48Kb / 1P
   5 TAP LEADING EDGE CONTROL LOW VOLTAGE DELAY MODULES
S477-0025-10 BEL-S477-0025-10 Datasheet
67Kb / 1P
   10 TAP LEADING EDGE CONTROL LOW VOLTAGE DELAY MODULES
S497-0010-06 BEL-S497-0010-06 Datasheet
60Kb / 1P
   1 TAP LEADING EDGE CONTROL PRECISE DELAY MODULES
S493-0005-06 BEL-S493-0005-06 Datasheet
60Kb / 1P
   1 TAP LEADING EDGE CONTROL PRECISE DELAY MODULES
S422-0025-10 BEL-S422-0025-10 Datasheet
67Kb / 1P
   10 TAP LEADING EDGE CONTROL STANDARD DELAY MODULES
S423-0025-02 BEL-S423-0025-02 Datasheet
62Kb / 1P
   5 TAP LEADING EDGE CONTROL STANDARD DELAY MODULES
S493-0025-02 BEL-S493-0025-02 Datasheet
62Kb / 1P
   5 TAP LEADING EDGE CONTROL PRECISE DELAY MODULES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com