Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M68732SL Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M68732SL
Description  SILICON MOS FET POWER AMPLIFIER, 330-380MHz, 7W, FM PORTABLE RADIO
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M68732SL Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M68732SL Datasheet HTML 1Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SILICON MOS FET POWER AMPLIFIER, 330-380MHz, 7W, FM PORTABLE RADIO
M68732SL
MITSUBISHI RF POWER MODULE
Nov. ´97
1
PIN:
Pin
: RF INPUT
VGG : GATE BIAS SUPPLY
VDD : DRAIN BIAS SUPPLY
PO
: RF OUTPUT
GND: FIN
BLOCK DIAGRAM
1
2
3
4
5
4
5
3
2
Symbol
Parameter
Test conditions
Limits
Min
Max
Unit
f
PO
ηT
2fO
ρin
-
Frequency range
Output power
Total efficiency
2nd. harmonic
Input VSWR
Load VSWR tolerance
VDD=7.2V,
VGG=3.5V,
Pin=50mW
VDD=9.2V, Pin=50mW,
PO=7W (VGG adjust), ZL=20:1
330
380
7
45
-25
No degradation or
destroy
MHz
W
%
dBc
-
-
Note. Above parameters, ratings, limits and test conditions are subject to change.
ELECTRICAL CHARACTERISTICS (Tc=25
°C, ZG=ZL=50Ω unless otherwise noted)
Symbol
Parameter
Conditions
Ratings
Unit
ABSOLUTE MAXIMUM RATINGS (Tc=25
°C unless otherwise noted)
Note. Above parameters are guaranteed independently.
V
9.2
VDD
Supply voltage
V
4
VGG
Gate bias voltage
mW
70
Pin
Input power
W
10
PO
Output power
°C
-30 to +100
TC (OP)
Operation case temperature
°C
-40 to +110
Tstg
Storage temperature
VGG
≤3.5V, ZG=ZL=50Ω
f=330-380MHz, ZG=ZL=50
f=330-380MHz, ZG=ZL=50
f=330-380MHz, ZG=ZL=50
Stability
4
ZG=50
Ω, VDD=4-9.2V,
Load VSWR
<4:1
-
-
No parasitic oscillation
OUTLINE DRAWING
H46
Dimensions in mm
30±0.2
26.6±0.2
21.2±0.2
0.45
6±1
23.9±1
13.7±1
18.8±1
2-R1.5±0.1
1
2
3
4
5


Similar Part No. - M68732SL

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M68732SH MITSUBISHI-M68732SH Datasheet
22Kb / 2P
   SILICON MOS FET POWER AMPLIFIER, 490-512MHz, 7W, FM PORTABLE RADIO
M68732SHA MITSUBISHI-M68732SHA Datasheet
96Kb / 2P
   SILICON MOS FET POWER AMPLIFIER, 470-520MHz, 6.7W, FM PORTABLE
More results

Similar Description - M68732SL

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M67799UHA MITSUBISHI-M67799UHA Datasheet
14Kb / 1P
   SILICON MOS FET POWER AMPLIFIER, 470-490MHz, 7W, FM PORTABLE RADIO
M68732H MITSUBISHI-M68732H Datasheet
26Kb / 2P
   SILICON MOS FET POWER AMPLIFIER, 450-470MHz, 7W, FM PORTABLE RADIO
M68732UL MITSUBISHI-M68732UL Datasheet
11Kb / 1P
   SILICON MOS FET POWER AMPLIFIER, 380-400MHz, 7W, FM PORTABLE RADIO
M68731H MITSUBISHI-M68731H Datasheet
28Kb / 3P
   SILICON MOS FET POWER AMPLIFIER, 150-175MHz, 7W, FM PORTABLE RADIO
M68732UH MITSUBISHI-M68732UH Datasheet
11Kb / 1P
   SILICON MOS FET POWER AMPLIFIER, 470-490MHz, 7W, FM PORTABLE RADIO
M68732L MITSUBISHI-M68732L Datasheet
25Kb / 2P
   SILICON MOS FET POWER AMPLIFIER, 400-430MHz, 7W, FM PORTABLE RADIO
M68739M MITSUBISHI-M68739M Datasheet
13Kb / 1P
   SILICON MOS FET POWER AMPLIFIER, 155-168MHz, 7W, FM PORTABLE RADIO
M68732SH MITSUBISHI-M68732SH Datasheet
22Kb / 2P
   SILICON MOS FET POWER AMPLIFIER, 490-512MHz, 7W, FM PORTABLE RADIO
M68731N MITSUBISHI-M68731N Datasheet
22Kb / 2P
   SILICON MOS FET POWER AMPLIFIER, 142-163MHz, 7W, FM PORTABLE RADIO
M67799SHA MITSUBISHI-M67799SHA Datasheet
30Kb / 2P
   SILICON MOS FET POWER AMPLIFIER, 490-512MHz, 7W, FM PORTABLE RADIO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com