Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S7AH-02C500 Datasheet(PDF) 7 Page - Bel Fuse Inc.

Part # S7AH-02C500
Description  NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 1.5A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S7AH-02C500 Datasheet(HTML) 7 Page - Bel Fuse Inc.

  S7AH-02C500 Datasheet HTML 1Page - Bel Fuse Inc. S7AH-02C500 Datasheet HTML 2Page - Bel Fuse Inc. S7AH-02C500 Datasheet HTML 3Page - Bel Fuse Inc. S7AH-02C500 Datasheet HTML 4Page - Bel Fuse Inc. S7AH-02C500 Datasheet HTML 5Page - Bel Fuse Inc. S7AH-02C500 Datasheet HTML 6Page - Bel Fuse Inc. S7AH-02C500 Datasheet HTML 7Page - Bel Fuse Inc. S7AH-02C500 Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2003 Bel Fuse Inc.
Specifications subject to change without notice. 07.03
POWER PRODUCTS
NON-ISOLATED DC/DC CONVERTERS
BP03x7AH-02C
3.3V Input / 5V Output / 1.5A
page 7
Mechanical
S7AH-02C
0.400
[10.16]
0.60
[15.24]
0.70
[17.78]
0.050
[1.27]
0.100
[2.54]
4x
0.400
[10.16]
0.012
[0.30]
0.050
[1.27]
0.020
[0.51]
0.320
[8.13]
0.780
[19.81]
0.055 [1.40] 2x
0.090 [2.29] 2x
0.004 [0.10]
0˚-5˚
R0.015
[R0.38] typ
R0.008
[R0.20] typ
0.100 [2.54]
0.855
[21.72]
0.065 [1.65]
0.110
[2.79]
Suggested PCB Pad Layout
Dimensions are in inches [millimeters].
Standard dimension tolerance is ±0.005 [0.13] unless otherwise noted.
1 2 3 4 5
6
7
n
i
P
n
o
i
t
c
n
u
F
1A
/
N
2n
i
V
+
3d
n
u
o
r
G
4o
V
+
5m
i
r
T
6A
/
N
7A
/
N


Similar Part No. - S7AH-02C500

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7AH-02A BEL-S7AH-02A Datasheet
329Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
S7AH-02A090 BEL-S7AH-02A090 Datasheet
329Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
S7AH-02A120 BEL-S7AH-02A120 Datasheet
329Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
S7AH-02A150 BEL-S7AH-02A150 Datasheet
329Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
S7AH-02A180 BEL-S7AH-02A180 Datasheet
329Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
More results

Similar Description - S7AH-02C500

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRAH-02C BEL-SRAH-02C Datasheet
127Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 1.5A
V7PC-04C BEL-V7PC-04C Datasheet
90Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 4A
VRPC-04C BEL-VRPC-04C Datasheet
96Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 4A
SRAH-05B BEL-SRAH-05B Datasheet
190Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 5A
S7DB-08B BEL-S7DB-08B Datasheet
289Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
VRPB-06B BEL-VRPB-06B Datasheet
182Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 6A
S7DB-12B BEL-S7DB-12B Datasheet
209Kb / 13P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 12A
SRDB-08B BEL-SRDB-08B Datasheet
420Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
SRAH-08B BEL-SRAH-08B Datasheet
346Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 8A
VRPC-10B BEL-VRPC-10B Datasheet
215Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 10A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com