Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSC11 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # CSC11
Description  Thick Film Resistor Networks Single-In-Line, Coated SIP 01, 03, 05 Schematics
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CSC11 Datasheet(HTML) 4 Page - Vishay Siliconix

  CSC11 Datasheet HTML 1Page - Vishay Siliconix CSC11 Datasheet HTML 2Page - Vishay Siliconix CSC11 Datasheet HTML 3Page - Vishay Siliconix CSC11 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.vishay.com
35
CSC
Vishay Dale
Document Number: 31509
Revision 02-Aug-02
For Technical Questions, contact: ff2aresistors@vishay.com
TEST
Thermal Shock
Short Time Overload
Low Temperature Operation
Moisture Resistance
Resistance to Soldering Heat
Shock
Vibration
Load Life
Terminal Strength
Insulation Resistance
Dielectric Withstanding Voltage
MAX.
R (Typical Test Lots)
± 0.50% ∆R
± 0.25% ∆R
± 0.25% ∆R
± 1.00% ∆R
± 0.25% ∆R
± 0.25% ∆R
± 0.25% ∆R
± 1.00% ∆R
± 0.25% ∆R
PERFORMANCE
Thick Film Resistor Networks, Single-In-Line, Coated SIP
1
2
3
n-1
n
CIRCUIT APPLICATIONS
01 Schematic
Pulse squaring and TTL dual-line terminators
The CSCxxx-05 circuits contain series pairs of resistors. Each series pair is
connected between two common lines. The junction of these resistor pairs
is connected to the input terminals. The 05 circuits are designed for TTL dual-
line termination and pulse squaring.
* "B" Profile available. Odd pin available in 5, 7, 9 and 11.
"A" Profile = 2 through 6 isolated resistors
The CSCxxx-03 single-in-line resistor networks provide the user with nomi-
nally equal resistors. Each resistor is isolated from all others. Commonly
used in the following applications:
• "Wired OR" Pull-up
• Long-Line Impedance Balancing
• Power Driven Pull-up
• LED Current Limiting
• Power Gate Pull-up
• ECL Output Pull-down
• Line Termination
• TTL Input Pull-down
* "B" Profile available.
"A" Profile = 3, 5, 7, 9 and 11 resistors with one pin common
The CSCxxx-01 single-in-line resistor networks provide the user with nomi-
nally equal resistors, each connected to a common pin (Pin No. 1). Com-
monly used in the following applications:
• "Wired OR" Pull-up
• Open Collector Pull-up
• Power Gate Pull-up
• TTL Input Pull-down
• MOS/ROM Pull-up/Pull-down
• TTL Unused Gate Pull-up
* "B" Profile available. Odd pin available in 5, 7, 9, and 11.
1
2
3
n-1
n
1
2
3
4
n-1
n
03 Schematic
05 Schematic
R1
R2
CONDITIONS
5 cycles between - 65
°C and + 125°C
2.5 x rated working voltage, 5 seconds
45 minutes at full rated working voltage at - 65
°C
240 hours with humidity ranging from 80% RH to 98% RH
Leads immersed in + 350
°C solder to within 1/16" of body for 3 seconds
Total of 18 shocks at 100 G's
12 hours at maximum of 20 G's between 10 and 2,000 Hz
1,000 hours at + 70
°C, rated power applied 1.5 hours “ON”, 0.5 hour
“OFF” for full 1000 hour period. Derated according to the curve.
4.5 pound pull for 30 seconds
10,000 Megohm (minimum)
No evidence of arcing or damage (200 V RMS for 1 minute)


Similar Part No. - CSC11

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSC1162 CDIL-CSC1162 Datasheet
96Kb / 3P
   NPN PLASTIC POWER TRANSISTOR
CSC1162B CDIL-CSC1162B Datasheet
96Kb / 3P
   NPN PLASTIC POWER TRANSISTOR
CSC1162C CDIL-CSC1162C Datasheet
96Kb / 3P
   NPN PLASTIC POWER TRANSISTOR
CSC1162D CDIL-CSC1162D Datasheet
96Kb / 3P
   NPN PLASTIC POWER TRANSISTOR
logo
Vishay Siliconix
CSC11A VISHAY-CSC11A Datasheet
401Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
More results

Similar Description - CSC11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MDP16 VISHAY-MDP16 Datasheet
226Kb / 4P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
Revision 06-Aug-02
MDP01 VISHAY-MDP01 Datasheet
302Kb / 5P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
Revision: 28-Jul-06
SOGC01 VISHAY-SOGC01 Datasheet
120Kb / 5P
   Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip, 01, 03, 05 Schematics
Revision: 25-Aug-06
MSM VISHAY-MSM Datasheet
137Kb / 5P
   Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ, Single-In-Line, Molded SIP; 01, 03, 05 Schematics
Revision: 25-Jul-08
CSC10A01560RGEK VISHAY-CSC10A01560RGEK Datasheet
397Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
logo
Vaishali Semiconductor
SOGC01 VAISH-SOGC01 Datasheet
156Kb / 2P
   Thick Film Resistor Networks, Dual-In-Line, Small Outline Molded Dip, 01, 03, 05 Schematics, 16 or 20 Pins
logo
Vishay Siliconix
CSC VISHAY-CSC Datasheet
401Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
MDM VISHAY-MDM Datasheet
134Kb / 5P
   Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ Dual-In-Line Package, 01, 03, 05 Schematics
Revision: 08-Jul-08
TRC VISHAY-TRC Datasheet
85Kb / 3P
   Thick Film Resistor/Capacitor Networks, Single-In-Line, Conformal Coated SIP
23-Jan-13
MSP VISHAY-MSP_17 Datasheet
101Kb / 5P
   Thick Film Resistor Networks, Single-In-Line, Molded SIP
Revision: 13-Feb-15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com