Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSC11 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # CSC11
Description  Thick Film Resistor Networks Single-In-Line, Coated SIP 01, 03, 05 Schematics
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CSC11 Datasheet(HTML) 3 Page - Vishay Siliconix

  CSC11 Datasheet HTML 1Page - Vishay Siliconix CSC11 Datasheet HTML 2Page - Vishay Siliconix CSC11 Datasheet HTML 3Page - Vishay Siliconix CSC11 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 31509
Revision 02-Aug-02
www.vishay.com
34
CSC
Vishay Dale
For Technical Questions, contact: ff2aresistors@vishay.com
"A" Profile
1.90
1.50
1.15
0.45
0.30
- 50
+ 25
+ 70
+ 125 + 150
CSC08A Package
CSC10A Package
CSC06A Package
03 Schematic
01 and 05 Schematics
Single Resistor
Ambient Temperature
°C
"B" Profile
- 50
+ 25
+ 70
+ 125 + 150
2.50
2.00
1.50
0.60
0.38
CSC08B Package
01 and 05 Schematics
03 Schematic
Single Resistor
CSC06B Package
CSC10B Package
Thick Film Resistor Networks, Single-In-Line, Coated SIP
Ambient Temperature
°C
Derating
Derating
CSC12B
CSC11B
CSC10B
CSC09B
CSC08B
CSC07B
CSC06B
CSC05B
CSC04B
"B" PROFILE + 70
°C PACKAGE RATINGS
1.90 watts
1.75 watts
1.60 watts
1.45 watts
1.30 watts
1.15 watts
1.00 watts
0.80 watts
0.60 watts
CSC12A
CSC11A
CSC10A
CSC09A
CSC08A
CSC07A
CSC06A
CSC05A
CSC04A
"A" PROFILE + 70
°C PACKAGE RATINGS
1.5 watts
1.37 watts
1.25 watts
1.12 watts
1.00 watts
0.87 watts
0.75 watts
0.62 watts
0.40 watts


Similar Part No. - CSC11

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSC1162 CDIL-CSC1162 Datasheet
96Kb / 3P
   NPN PLASTIC POWER TRANSISTOR
CSC1162B CDIL-CSC1162B Datasheet
96Kb / 3P
   NPN PLASTIC POWER TRANSISTOR
CSC1162C CDIL-CSC1162C Datasheet
96Kb / 3P
   NPN PLASTIC POWER TRANSISTOR
CSC1162D CDIL-CSC1162D Datasheet
96Kb / 3P
   NPN PLASTIC POWER TRANSISTOR
logo
Vishay Siliconix
CSC11A VISHAY-CSC11A Datasheet
401Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
More results

Similar Description - CSC11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MDP16 VISHAY-MDP16 Datasheet
226Kb / 4P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
Revision 06-Aug-02
MDP01 VISHAY-MDP01 Datasheet
302Kb / 5P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
Revision: 28-Jul-06
SOGC01 VISHAY-SOGC01 Datasheet
120Kb / 5P
   Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip, 01, 03, 05 Schematics
Revision: 25-Aug-06
MSM VISHAY-MSM Datasheet
137Kb / 5P
   Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ, Single-In-Line, Molded SIP; 01, 03, 05 Schematics
Revision: 25-Jul-08
CSC10A01560RGEK VISHAY-CSC10A01560RGEK Datasheet
397Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
logo
Vaishali Semiconductor
SOGC01 VAISH-SOGC01 Datasheet
156Kb / 2P
   Thick Film Resistor Networks, Dual-In-Line, Small Outline Molded Dip, 01, 03, 05 Schematics, 16 or 20 Pins
logo
Vishay Siliconix
CSC VISHAY-CSC Datasheet
401Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
MDM VISHAY-MDM Datasheet
134Kb / 5P
   Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ Dual-In-Line Package, 01, 03, 05 Schematics
Revision: 08-Jul-08
TRC VISHAY-TRC Datasheet
85Kb / 3P
   Thick Film Resistor/Capacitor Networks, Single-In-Line, Conformal Coated SIP
23-Jan-13
MSP VISHAY-MSP_17 Datasheet
101Kb / 5P
   Thick Film Resistor Networks, Single-In-Line, Molded SIP
Revision: 13-Feb-15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com