Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S7AH-02A Datasheet(PDF) 7 Page - Bel Fuse Inc.

Part # S7AH-02A
Description  NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S7AH-02A Datasheet(HTML) 7 Page - Bel Fuse Inc.

Back Button S7AH-02A Datasheet HTML 3Page - Bel Fuse Inc. S7AH-02A Datasheet HTML 4Page - Bel Fuse Inc. S7AH-02A Datasheet HTML 5Page - Bel Fuse Inc. S7AH-02A Datasheet HTML 6Page - Bel Fuse Inc. S7AH-02A Datasheet HTML 7Page - Bel Fuse Inc. S7AH-02A Datasheet HTML 8Page - Bel Fuse Inc. S7AH-02A Datasheet HTML 9Page - Bel Fuse Inc. S7AH-02A Datasheet HTML 10Page - Bel Fuse Inc. S7AH-02A Datasheet HTML 11Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2004 Bel Fuse Inc.
Specifications subject to change without notice. 03.04
POWER PRODUCTS
NON-ISOLATED DC/DC CONVERTERS
BP04x7AH-02A
12V Input / 0.9V – 5.0V Output / 2A
page 7
Control Specifications
General Specifications
1. Efficiency is measured at Vin=12V, full load and Ta=25° C.
2. See graphs on pages 17-25.
3. With remote on/off pin 1 open, unit on.
r
e
t
e
m
a
r
a
P
e
l
u
d
o
M
l
o
b
m
y
S
n
i
M
l
a
c
i
p
y
T
x
a
M
s
t
i
n
U
y
c
n
e
i
c
i
f
f
E
1
V
0
.
5
V
3
.
3
V
5
.
2
V
8
.
1
V
5
.
1
V
2
.
1
V
9
.
0
η
6
8
5
8
3
8
9
7
5
7
1
7
7
6
9
8
8
8
6
8
2
8
8
7
4
7
0
7
%
y
c
n
e
u
q
e
r
F
g
n
i
h
c
t
i
w
S
V
3
.
3
~
V
9
.
0
V
0
.
5
w
s
F
0
1
2
0
8
2
0
5
2
0
2
3
0
9
2
0
6
3
z
H
k
e
g
n
a
R
m
i
r
T
e
g
a
t
l
o
V
t
u
p
t
u
O
)
m
i
r
T
e
d
i
W
(
2
V
9
.
0
3
0
4%
e
g
n
a
R
m
i
r
T
e
g
a
t
l
o
V
t
u
p
t
u
O
)
m
i
r
T
w
o
r
r
a
N
(
2
V
0
.
5
V
3
.
3
V
5
.
2
V
8
.
1
V
5
.
1
V
2
.
1
V
9
.
0
0
9
0
9
0
9
0
9
0
9
0
9
-
-
0
1
1
0
1
1
0
1
1
0
1
1
0
1
1
0
1
1
0
1
1
%
t
h
g
i
e
Wll
A
9
.
4
g
r
e
t
e
m
a
r
a
P
e
l
u
d
o
M
l
o
b
m
y
S
n
i
M
l
a
c
i
p
y
T
x
a
M
s
t
i
n
U
f
f
O
/
n
O
e
t
o
m
e
R
3
ll
An
e
t
u
o
V
V
)
f
f
O
t
i
n
U
(
w
o
L
l
a
n
g
i
Sll
A3
.
0
-
1V
)
n
O
t
i
n
U
(
h
g
i
H
l
a
n
g
i
Sll
A8
.
2
2
.
3
1V


Similar Part No. - S7AH-02A

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7AH-02C BEL-S7AH-02C Datasheet
119Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 1.5A
S7AH-02C500 BEL-S7AH-02C500 Datasheet
119Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 1.5A
More results

Similar Description - S7AH-02A

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRAH-02A BEL-SRAH-02A Datasheet
336Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
X7PF-20A1A0 BEL-X7PF-20A1A0 Datasheet
203Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 12V Input 0.9V-5.0V/20A Output
SRAH-05A BEL-SRAH-05A Datasheet
511Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
S7AH-05A BEL-S7AH-05A Datasheet
504Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
V7PF-15A BEL-V7PF-15A Datasheet
74Kb / 2P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 15A
X7AH-03EXX0 BEL-X7AH-03EXX0 Datasheet
136Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/3A Output
V7PB-15E BEL-V7PB-15E Datasheet
179Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/15A Output
V7PB-10D BEL-V7PB-10D Datasheet
191Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 3.0V-13.2V Input 0.9V-5.0V/10A Output
S7AH-03A BEL-S7AH-03A Datasheet
165Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5V - 5.0V Output / 3A
SRAH-03A BEL-SRAH-03A Datasheet
173Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5V - 5.0V Output / 3A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com