Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC2373A Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74LVC2373A
Description  Octal D-type transparent latch with 5-volt tolerant inputs/outputs; damping resistor 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2373A Datasheet(HTML) 4 Page - NXP Semiconductors

  74LVC2373A Datasheet HTML 1Page - NXP Semiconductors 74LVC2373A Datasheet HTML 2Page - NXP Semiconductors 74LVC2373A Datasheet HTML 3Page - NXP Semiconductors 74LVC2373A Datasheet HTML 4Page - NXP Semiconductors 74LVC2373A Datasheet HTML 5Page - NXP Semiconductors 74LVC2373A Datasheet HTML 6Page - NXP Semiconductors 74LVC2373A Datasheet HTML 7Page - NXP Semiconductors 74LVC2373A Datasheet HTML 8Page - NXP Semiconductors 74LVC2373A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Philips Semiconductors
Product specification
74LVC2373A
74LVCH2373A
Octal D-type transparent latch with 5-volt tolerant
inputs/outputs; damping resistor (3-State)
1997 Mar 12
4
LOGIC DIAGRAM
LATCH
1
D
Q
LE LE
Q0
D0
LATCH
2
D
Q
LE LE
Q1
D1
LATCH
3
D
Q
LE LE
Q2
D2
LATCH
4
D
Q
LE LE
Q3
D3
LATCH
5
D
Q
LE LE
Q4
D4
LATCH
6
D
Q
LE LE
Q5
D5
LATCH
7
D
Q
LE LE
Q6
D6
LATCH
8
D
Q
LE LE
Q7
D7
LE
OE
SV00661
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCC
DC supply voltage (for max. speed performance)
2.7
3.6
V
VCC
DC supply voltage (for low-voltage applications)
1.2
3.6
V
VI
DC input voltage range
0
5.5
V
VI/O
DC input voltage range for I/Os
0
VCC
V
VO
DC output voltage range
0
VCC
V
Tamb
Operating free-air temperature range
–40
+85
°C
tr, tf
Input rise and fall times
VCC = 1.2 to 2.7V
VCC = 2.7 to 3.6V
0
0
20
10
ns/V
ABSOLUTE MAXIMUM RATINGS1
In accordance with the Absolute Maximum Rating System (IEC 134).
Voltages are referenced to GND (ground = 0V).
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
–0.5 to +6.5
V
IIK
DC input diode current
VI t0
–50
mA
VI
DC input voltage
Note 2
–0.5 to +5.5
V
VI/O
DC input voltage range for I/Os
–0.5 to VCC +0.5
V
IOK
DC output diode current
VO uVCC or VO t 0
±50
mA
VOUT
DC output voltage; output HIGH or LOW
Note 2
–0.5 to VCC +0.5
V
VOUT
DC output voltage; output 3-State
Note 2
–0.5 to +6.5
V
IOUT
DC output source or sink current
VO = 0 to VCC
±50
mA
IGND, ICC
DC VCC or GND current
±100
mA
Tstg
Storage temperature range
–60 to +150
°C
Power dissipation per package
PTOT
– plastic mini-pack (SO)
above +70
°C derate linearly with 8 mW/K
500
mW
– plastic shrink mini-pack (SSOP and TSSOP)
above +60
°C derate linearly with 5.5 mW/K
500
mW
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.


Similar Part No. - 74LVC2373A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2244 PHILIPS-74LVC2244 Datasheet
84Kb / 16P
   Octal buffer/line driver with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
1999 Sep 30
74LVC2244A PHILIPS-74LVC2244A Datasheet
84Kb / 16P
   Octal buffer/line driver with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
1999 Sep 30
logo
Nexperia B.V. All right...
74LVC2244A NEXPERIA-74LVC2244A Datasheet
255Kb / 14P
   Octal buffer/line driver; 30 Ω series termination; 5 V tolerant input/output; 3-state
Rev. 6 - 20 September 2021
74LVC2244ABQ NEXPERIA-74LVC2244ABQ Datasheet
255Kb / 14P
   Octal buffer/line driver; 30 Ω series termination; 5 V tolerant input/output; 3-state
Rev. 6 - 20 September 2021
logo
NXP Semiconductors
74LVC2244AD PHILIPS-74LVC2244AD Datasheet
84Kb / 16P
   Octal buffer/line driver with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
1999 Sep 30
More results

Similar Description - 74LVC2373A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC373A PHILIPS-74LVC373A Datasheet
103Kb / 12P
   Octal D-type transparent latch with 5-volt tolerant inputs/outputs 3-State
1998 Jul 29
74LVC573A PHILIPS-74LVC573A Datasheet
102Kb / 12P
   Octal D-type transparent latch with 5-volt tolerant inputs/outputs 3-State
1998 Jul 29
logo
Nexperia B.V. All right...
74LVC573A-Q100 NEXPERIA-74LVC573A-Q100 Datasheet
261Kb / 16P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
74LVC373A NEXPERIA-74LVC373A Datasheet
274Kb / 15P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 5 - 27 August 2021
logo
NXP Semiconductors
74LVC573A PHILIPS-74LVC573A_15 Datasheet
161Kb / 20P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 5-19 February 2013
logo
Nexperia B.V. All right...
74LVC573A NEXPERIA-74LVC573A Datasheet
274Kb / 16P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 8 - 27 August 2021
logo
NXP Semiconductors
74LVC373A PHILIPS-74LVC373A_15 Datasheet
150Kb / 19P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 3-22 November 2012
74LVC16373A PHILIPS-74LVC16373A Datasheet
83Kb / 10P
   16-bit D-type transparent latch with 5 Volt tolerant inputs/outputs 3-State
1998 Mar 17
74LVC841A PHILIPS-74LVC841A Datasheet
101Kb / 10P
   10-bit transparent latch with 5-volt tolerant inputs/outputs 3-State
1998 Jun 17
logo
Integrated Device Techn...
IDT74LVC373A IDT-IDT74LVC373A Datasheet
68Kb / 6P
   3.3V CMOS OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com