Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL260-3E Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # IL260-3E
Description  High Speed Five Channel Digital Couplers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IL260-3E Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  IL260-3E Datasheet HTML 1Page - List of Unclassifed Manufacturers IL260-3E Datasheet HTML 2Page - List of Unclassifed Manufacturers IL260-3E Datasheet HTML 3Page - List of Unclassifed Manufacturers IL260-3E Datasheet HTML 4Page - List of Unclassifed Manufacturers IL260-3E Datasheet HTML 5Page - List of Unclassifed Manufacturers IL260-3E Datasheet HTML 6Page - List of Unclassifed Manufacturers IL260-3E Datasheet HTML 7Page - List of Unclassifed Manufacturers IL260-3E Datasheet HTML 8Page - List of Unclassifed Manufacturers IL260-3E Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IL260 IL261
5
Notes: (Apply to both 3.3 V and 5 V specifications.)
1. Absolute Maximum ambient operating temperature means the device will not be damaged if operated under these conditions. It
does not guarantee performance.
2. PWD is defined as | t
PHL– tPLH |. %PWD is equal to the PWD divided by the pulse width.
3. t
PSK is equal to the magnitude of the worst case difference in tPHL and/or tPLH that will be seen between units at 25°C.
4. CM
H is the maximum common mode voltage slew rate that can be sustained while maintaining VO > 0.8 VDD. CML is the
maximum common mode input voltage that can be sustained while maintaining V
O < 0.8 V. The common mode voltage slew
rates apply to both rising and falling common mode voltage edges.
5. Device is considered a two terminal device: pins 1-8 shorted and pins 9-16 shorted.
6. Dynamic power consumption numbers are calculated per channel and are supplied by the channel’s input side power supply.


Similar Part No. - IL260-3E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL260-3B ETC-IL260-3B Datasheet
489Kb / 7P
   High Speed Five Channel Digital Coupler
IL260-3BTR13 ETC-IL260-3BTR13 Datasheet
489Kb / 7P
   High Speed Five Channel Digital Coupler
IL260-3BTR7 ETC-IL260-3BTR7 Datasheet
489Kb / 7P
   High Speed Five Channel Digital Coupler
More results

Similar Description - IL260-3E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL26X ETC-IL26X Datasheet
489Kb / 7P
   High Speed Five Channel Digital Coupler
logo
API Technologies Corp
DDF5311 APITECH-DDF5311 Datasheet
1Mb / 1P
   FIVE & SIX CHANNEL HIGH SPEED DRIVERS
DDF6311 APITECH-DDF6311 Datasheet
1Mb / 1P
   FIVE & SIX CHANNEL HIGH SPEED DRIVERS
logo
Silicon Laboratories
SI844X SILABS-SI844X Datasheet
1Mb / 32P
   FOUR AND FIVE-CHANNEL DIGITAL ISOLATORS
SI8650 SILABS-SI8650 Datasheet
759Kb / 44P
   LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
logo
Skyworks Solutions Inc.
SI8650 SKYWORKS-SI8650 Datasheet
1Mb / 42P
   Low Power Five-Channel Digital Isolator
December 3, 2021
SI844X SKYWORKS-SI844X Datasheet
991Kb / 31P
   FOUR AND FIVE-CHANNEL DIGITAL ISOLATORS
Revision 0.1 to Revision 1.0
logo
List of Unclassifed Man...
SI8450 ETC2-SI8450 Datasheet
462Kb / 36P
   LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
logo
Silicon Laboratories
SI8450 SILABS-SI8450 Datasheet
1Mb / 36P
   LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
SI8650 SILABS-SI8650_18 Datasheet
914Kb / 42P
   Low Power Five-Channel Digital Isolator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com