Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCH16373ADL Datasheet(PDF) 2 Page - NXP Semiconductors

Part # VCH16373ADL
Description  16-bit D-type transparent latch with 5 Volt tolerant inputs/outputs 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

VCH16373ADL Datasheet(HTML) 2 Page - NXP Semiconductors

  VCH16373ADL Datasheet HTML 1Page - NXP Semiconductors VCH16373ADL Datasheet HTML 2Page - NXP Semiconductors VCH16373ADL Datasheet HTML 3Page - NXP Semiconductors VCH16373ADL Datasheet HTML 4Page - NXP Semiconductors VCH16373ADL Datasheet HTML 5Page - NXP Semiconductors VCH16373ADL Datasheet HTML 6Page - NXP Semiconductors VCH16373ADL Datasheet HTML 7Page - NXP Semiconductors VCH16373ADL Datasheet HTML 8Page - NXP Semiconductors VCH16373ADL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74LVC16373A/
74LVCH16373A
16-bit D-type transparent latch with 5 Volt tolerant
inputs/outputs (3-State)
2
1998 Mar 17
853-2027 19112
FEATURES
5 volt tolerant inputs/outputs for interfacing with 5V logic
Wide supply voltage range of 1.2V to 3.6V
Complies with JEDEC standard no. 8-1A
CMOS low power consumption
MULTIBYTETM flow-through standard pin-out architecture
Low inductance multiple power and ground pins for minimum
noise and ground bounce
Direct interface with TTL levels
All data inputs have bus hold (74LVCH167373A only)
High impedance when V
CC = 0
DESCRIPTION
The 74LVC(H)16373A is a 16-bit D-type transparent latch featuring
separate D-type inputs for each latch and 3-State outputs for bus
oriented applications. One latch enable (LE) input and one output
enable (OE) are provided for each octal. Inputs can be driven from
either 3.3V or 5V devices. In 3-State operation, outputs can handle
5V. These features allow the use of these devices in a mixed
3.3V/5V environment.
The 74LVC(H)16373A consists of 2 sections of eight D-type
transparent latches with 3-State true outputs. When LE is HIGH,
data at the Dn inputs enter the latches. In this condition the latches
are transparent, i.e., a latch output will change each time its
corresponding D-input changes.
When LE is LOW the latches store the information that was present
at the D-inputs a set-up time preceding the HIGH-to-LOW transition
of LE. When OE is LOW, the contents of the eight latches are
available at the outputs. When OE is HIGH, the outputs go to the
high impedance OFF-state. Operation of the OE input does not
affect the state of the latches.
The 74LVCH16373A bus hold data inputs eliminates the need for
external pull up resistors to hold unused inputs.
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
1OE
1Q0
1Q1
GND
1Q2
1Q3
VCC
1Q5
GND
1Q6
1Q7
2Q0
2Q1
GND
1Q4
2Q2
2Q3
VCC
2Q4
2Q5
2D5
2D4
VCC
2D3
2D2
GND
2D1
2D0
1D7
1D6
GND
1D5
1D4
VCC
1D3
1D2
GND
1D1
1D0
1LE
21
22
23
24
25
26
27
28
GND
2Q6
2Q7
2OE
2LE
2D7
2D6
GND
SW00066
QUICK REFERENCE DATA
GND = 0V; Tamb = 25°C; tr = tf ≤ 2.5ns
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
Propagation delay
Dn to Qn
LE to Qn
CL = 50pF
VCC = 3.3V
3.0
3.4
ns
CI
Input capacitance
5.0
pF
CPD
Power dissipation capacitance per latch
VCC = 3.3V
26
pF
NOTES:
1. CPD is used to determine the dynamic power dissipation (PD in µW):
PD = CPD × VCC2 × fi + S (CL × VCC2 × fo) where:
fi = input frequency in MHz; CL = output load capacity in pF;
fo = output frequency in MHz; VCC = supply voltage in V;
S (CL × VCC2 × fo) = sum of outputs.
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
48-Pin Plastic SSOP Type III
–40
°C to +85°C
74LVC16373A DL
VC16373A DL
SOT370-1
48-Pin Plastic TSSOP Type II
–40
°C to +85°C
74LVC16373A DGG
VC16373A DGG
SOT362-1
48-Pin Plastic SSOP Type III
–40
°C to +85°C
74LVCH16373A DL
VCH16373A DL
SOT370-1
48-Pin Plastic TSSOP Type II
–40
°C to +85°C
74LVCH16373A DGG
VCH16373A DGG
SOT362-1


Similar Part No. - VCH16373ADL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
VCH16374ADGG PHILIPS-VCH16374ADGG Datasheet
82Kb / 10P
   16-bit edge triggered D-type flip-flop with 5 Volt tolerant inputs/outputs 3-State
1998 Mar 17
VCH16374ADL PHILIPS-VCH16374ADL Datasheet
82Kb / 10P
   16-bit edge triggered D-type flip-flop with 5 Volt tolerant inputs/outputs 3-State
1998 Mar 17
More results

Similar Description - VCH16373ADL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC373A PHILIPS-74LVC373A Datasheet
103Kb / 12P
   Octal D-type transparent latch with 5-volt tolerant inputs/outputs 3-State
1998 Jul 29
74LVC573A PHILIPS-74LVC573A Datasheet
102Kb / 12P
   Octal D-type transparent latch with 5-volt tolerant inputs/outputs 3-State
1998 Jul 29
74LVC841A PHILIPS-74LVC841A Datasheet
101Kb / 10P
   10-bit transparent latch with 5-volt tolerant inputs/outputs 3-State
1998 Jun 17
logo
Nexperia B.V. All right...
74LVC16373A-Q100 NEXPERIA-74LVC16373A-Q100 Datasheet
252Kb / 15P
   16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
logo
NXP Semiconductors
74LVCH16373A PHILIPS-74LVCH16373A Datasheet
114Kb / 17P
   16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
2003 Dec 08
logo
Nexperia B.V. All right...
74LVC16373A NEXPERIA-74LVC16373A Datasheet
261Kb / 15P
   16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 10 - 1 October 2021
logo
NXP Semiconductors
74LVC_LVCH16373A PHILIPS-74LVC_LVCH16373A_15 Datasheet
212Kb / 17P
   16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 8-6 January 2014
74LVC2373A PHILIPS-74LVC2373A Datasheet
117Kb / 12P
   Octal D-type transparent latch with 5-volt tolerant inputs/outputs; damping resistor 3-State
1997 Mar 12
74LVCH32373A PHILIPS-74LVCH32373A Datasheet
80Kb / 16P
   32-bit transparent D-type latch with 5 V tolerant inputs/outputs; 3-state
1999 Nov 24
logo
Nexperia B.V. All right...
74LVC573A-Q100 NEXPERIA-74LVC573A-Q100 Datasheet
261Kb / 16P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com