Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL261-3TR13 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # IL261-3TR13
Description  High Speed Five Channel Digital Couplers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IL261-3TR13 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  IL261-3TR13 Datasheet HTML 1Page - List of Unclassifed Manufacturers IL261-3TR13 Datasheet HTML 2Page - List of Unclassifed Manufacturers IL261-3TR13 Datasheet HTML 3Page - List of Unclassifed Manufacturers IL261-3TR13 Datasheet HTML 4Page - List of Unclassifed Manufacturers IL261-3TR13 Datasheet HTML 5Page - List of Unclassifed Manufacturers IL261-3TR13 Datasheet HTML 6Page - List of Unclassifed Manufacturers IL261-3TR13 Datasheet HTML 7Page - List of Unclassifed Manufacturers IL261-3TR13 Datasheet HTML 8Page - List of Unclassifed Manufacturers IL261-3TR13 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IL260 IL261
4
3.3 Volt Electrical Specifications
Electrical Specifications are Tmin to Tmax
Parameters
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Input Quiescent Current
IL260
IL261
IDD1
30
1.5
50
2.0
µA
mA
Output Quiescent Current
IL260
IL261
IDD2
6.5
5.5
10
8
mA
mA
Logic Input Current
Ii
-10
10
µA
VDD-0.1
VDD
IO = -20 µA, VI=VIH
Logic High Output Voltage
VOH
0.8*VDD
VDD-0.5
V
IO = -4 mA, VI=VIH
0
0.1
IO = 20 µA, VI=VIL
Logic Low Output Voltage
VOL
0.5
0.8
V
IO = 4 mA, VI=VIL
Switching Specifications
Maximum Data Rate
100
110
Mbps
CL = 15 pF
Minimum Pulse Width
PW
10
ns
50% Points, V
O
Propagation Delay Input to Output
(High to Low)
tPHL
12
18
ns
CL = 15 pF,
Propagation Delay Input to Output
(Low to High)
tPLH
12
18
ns
CL = 15 pF,
Pulse Width Distortion |t
PHL-tPLH|
(2)
PWD
2
3
ns
CL = 15 pF
Propagation Delay Skew (3)
tPSK
4
6
ns
CL = 15 pF
Output Rise Time (10-90%)
tR
2
4
ns
CL = 15 pF
Output Fall Time (10-90%)
tF
2
4
ns
CL = 15 pF
Common Mode Transient Immunity
(Output Logic High to Logic Low)(4)
|CMH|,|CML|
20
30
kV/
µs
V
CN = 300 V
Channel to Channel Skew
2
3
ns
CL = 15 pF
Dynamic Power Consumption(6)
200
240
µA/MHz
per channel
5 Volt Electrical Specifications
Electrical Specifications are Tmin to Tmax
Parameters
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Input Quiescent Current
IL260
IL261
IDD1
30
2.5
50
3.0
µA
mA
Output Quiescent Current
IL260
IL261
IDD2
10
8
15
12
mA
mA
Logic Input Current
Ii
-10
10
µA
VDD-0.1
VDD
IO = -20 µA, VI=VIH
Logic High Output Voltage
VOH
0.8*VDD
VDD-0.5
V
IO = -4 mA, VI=VIH
0
0.1
IO = 20 µA, VI=VIL
Logic Low Output Voltage
VOL
0.5
0.8
V
IO = 4 mA, VI=VIL
Switching Specifications
Maximum Data Rate
100
110
Mbps
CL = 15 pF
Minimum Pulse Width
PW
10
ns
50% Points, V
O
Propagations Delay Input to Output
(High to Low)
tPHL
10
15
ns
CL = 15 pF,
Propagations Delay Input to Output
(Low to High)
tPLH
10
15
ns
CL = 15 pF,
Pulse Width Distortion |t
PHL-tPLH|
(2)
PWD
2
3
ns
CL = 15 pF
Propagation Delay Skew (3)
tPSK
4
6
ns
CL = 15 pF
Output Rise Time (10-90%)
tR
1
3
ns
CL = 15 pF
Output Fall Time (10-90%)
tF
1
3
ns
CL = 15 pF
Common Mode Transient Immunity
(Output Logic High to Logic Low)
|CMH|,|CML|
20
30
kV/
µs
V
CN = 300 V
Channel to Channel Skew
2
3
ns
CL = 15 pF
Dynamic Power Consumption(6)
280
340
µA/MHz
per channel


Similar Part No. - IL261-3TR13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL261-3B ETC-IL261-3B Datasheet
489Kb / 7P
   High Speed Five Channel Digital Coupler
IL261-3BTR13 ETC-IL261-3BTR13 Datasheet
489Kb / 7P
   High Speed Five Channel Digital Coupler
IL261-3BTR7 ETC-IL261-3BTR7 Datasheet
489Kb / 7P
   High Speed Five Channel Digital Coupler
More results

Similar Description - IL261-3TR13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL26X ETC-IL26X Datasheet
489Kb / 7P
   High Speed Five Channel Digital Coupler
logo
API Technologies Corp
DDF5311 APITECH-DDF5311 Datasheet
1Mb / 1P
   FIVE & SIX CHANNEL HIGH SPEED DRIVERS
DDF6311 APITECH-DDF6311 Datasheet
1Mb / 1P
   FIVE & SIX CHANNEL HIGH SPEED DRIVERS
logo
Silicon Laboratories
SI844X SILABS-SI844X Datasheet
1Mb / 32P
   FOUR AND FIVE-CHANNEL DIGITAL ISOLATORS
SI8650 SILABS-SI8650 Datasheet
759Kb / 44P
   LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
logo
Skyworks Solutions Inc.
SI8650 SKYWORKS-SI8650 Datasheet
1Mb / 42P
   Low Power Five-Channel Digital Isolator
December 3, 2021
SI844X SKYWORKS-SI844X Datasheet
991Kb / 31P
   FOUR AND FIVE-CHANNEL DIGITAL ISOLATORS
Revision 0.1 to Revision 1.0
logo
List of Unclassifed Man...
SI8450 ETC2-SI8450 Datasheet
462Kb / 36P
   LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
logo
Silicon Laboratories
SI8450 SILABS-SI8450 Datasheet
1Mb / 36P
   LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
SI8650 SILABS-SI8650_18 Datasheet
914Kb / 42P
   Low Power Five-Channel Digital Isolator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com