Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0806-5400-01 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # 0806-5400-01
Description  DIPLEXER FILTER MODULES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0806-5400-01 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  0806-5400-01 Datasheet HTML 1Page - Bel Fuse Inc. 0806-5400-01 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CORPORATE
Bel Fuse Inc.
206 Van Vorst Street
Jersey City, NJ 07302
Tel
201-432-0463
Fax
201-432-9542
www.belfuse.com
FAR EAST
Bel Fuse Ltd.
8F / 8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel
852-2328-5515
Fax 852-2352-3706
www.belfuse.com
EUROPE
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Suite G7, Preston
Lancashire, PR1 8UD, U.K.
Tel
44-1772-556601
Fax 44-1772-888366
www.belfuse.com
©2005 Bel Fuse Inc.
Specifications subject to change without notice. 06.05
DIPLEXER FILTER MODULES
DOCSIS 2.0
CM02402
MECHANICAL
0806-5400-03
0806-5400-01
0.490
[12.45]
0.430
[10.92]
0.775 [19.69]
0.715 [18.16]
0.020
[0.51]
1.375 ±0.010
[34.93 ±0.25]
1.300
[33.02]
0.290
[7.37]
0.130 [3.30]
0.645 [16.38]
0.120 [3.05]
0.180 [4.57]
0.415 [10.54]
0.715 [18.16]
0.535
[13.59]
0.035
[0.89]
0.140
[3.56]
0.120
[3.05]
0.180
[4.57]
0.710
[18.03]
0.295
[7.49]
0.0984 ±0.005
[2.50 ±0.127]
0.170 [4.31]
Pin 4
Pin 3
Pin 2
Pin 1
0.520 [13.21]
0.205
[5.21]
1.055
[26.80]
0.0984 ±0.005
[2.50 ±0.127]
4x ø0.031 ±0.002
[ø0.79 ±0.05]
Suggested PCB Pad Layout
ø0.042 [ø1.07]
0.165 [4.18]
0.060 [1.52]
0.040 [1.02]
0.695 [17.65]
0.210 [5.33]
0.098 [2.50]
0.098
[2.50]
0.402
[10.21]
0.270
[6.86]
0.430
[10.92]
0.150
[3.81]
0.355
[9.02]
0.710
[18.03]
0.445
[11.30]
1.280
[32.51]
Dimensions are in inches [millimeters].
Standard dimension tolerance is ±0.020 [0.51] unless otherwise noted.


Similar Part No. - 0806-5400-01

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0806-5400-02 BEL-0806-5400-02 Datasheet
79Kb / 2P
   DIPLEXER FILTER MODULES
0806-5400-04 BEL-0806-5400-04 Datasheet
79Kb / 2P
   DIPLEXER FILTER MODULES
More results

Similar Description - 0806-5400-01

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0806-5400-02 BEL-0806-5400-02 Datasheet
79Kb / 2P
   DIPLEXER FILTER MODULES
logo
Linear Technology
DC1076A LINER-DC1076A_15 Datasheet
120Kb / 1P
   DIPLEXER FILTER
logo
MTRONPTI
SA0033 MTRONPTI-SA0033 Datasheet
136Kb / 1P
   Diplexer LC Filter
logo
M/A-COM Technology Solu...
MAFL-010465-CD0B20 MA-COM-MAFL-010465-CD0B20_15 Datasheet
183Kb / 3P
   Filter, MoCA Diplexer
MAFL-010465-CD0B20 MA-COM-MAFL-010465-CD0B20 Datasheet
183Kb / 3P
   Filter, MoCA Diplexer
logo
PCA ELECTRONICS INC.
EPB5215 PCA-EPB5215 Datasheet
43Kb / 1P
   VDSL Diplexer Filter Module
logo
KR Electronics, Inc.
3227 KR-3227 Datasheet
93Kb / 3P
   3 GHz Diplexer Filter
logo
MTRONPTI
LF9422 MTRONPTI-LF9422 Datasheet
298Kb / 2P
   Specification for a LC Filter Diplexer Filter
SA0066 MTRONPTI-SA0066 Datasheet
279Kb / 2P
   Specification for an Diplexer Cavity Filter Assembly
logo
TAI-SAW TECHNOLOGY CO.,...
TF0096A TAI-SAW-TF0096A Datasheet
292Kb / 8P
   Dual SAW Diplexer Filter 313.15/314 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com