Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA1112 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HFA1112
Description  850MHz, Low Distortion Programmable Gain Buffer Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1112 Datasheet(HTML) 4 Page - Intersil Corporation

  HFA1112 Datasheet HTML 1Page - Intersil Corporation HFA1112 Datasheet HTML 2Page - Intersil Corporation HFA1112 Datasheet HTML 3Page - Intersil Corporation HFA1112 Datasheet HTML 4Page - Intersil Corporation HFA1112 Datasheet HTML 5Page - Intersil Corporation HFA1112 Datasheet HTML 6Page - Intersil Corporation HFA1112 Datasheet HTML 7Page - Intersil Corporation HFA1112 Datasheet HTML 8Page - Intersil Corporation HFA1112 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
Application Information
Closed Loop Gain Selection
The HFA1112 features a novel design which allows the user
to select from three closed loop gains, without any external
components. The result is a more flexible product, fewer part
types in inventory, and more efficient use of board space.
This “buffer” operates in closed loop gains of -1, +1, or +2, and
gain selection is accomplished via connections to the
±inputs.
Applying the input signal to +IN and floating -IN selects a gain
of +1, while grounding -IN selects a gain of +2. A gain of -1 is
obtained by applying the input signal to -IN with +IN grounded.
The table below summarizes these connections:
PC Board Layout
The frequency response of this amplifier depends greatly on
the amount of care taken in designing the PC board. The
use of low inductance components such as chip
resistors and chip capacitors is strongly recommended,
while a solid ground plane is a must!
Attention should be given to decoupling the power supplies.
A large value (10
µF) tantalum in parallel with a small value
(0.1
µF) chip capacitor works well in most cases.
Terminated microstrip signal lines are recommended at the
input and output of the device. Capacitance directly on the
output must be minimized, or isolated as discussed in the
next section.
For unity gain applications, care must also be taken to
minimize the capacitance to ground seen by the amplifier’s
inverting input. At higher frequencies this capacitance will
tend to short the -INPUT to GND, resulting in a closed loop
gain which increases with frequency. This will cause
excessive high frequency peaking and potentially other
problems as well.
An example of a good high frequency layout is the
Evaluation Board shown in Figure 2.
Driving Capacitive Loads
Capacitive loads, such as an A/D input, or an improperly
terminated transmission line will degrade the amplifier’s
phase margin resulting in frequency response peaking and
possible oscillations. In most cases, the oscillation can be
avoided by placing a resistor (RS) in series with the output
prior to the capacitance.
Figure 1 details starting points for the selection of this
resistor. The points on the curve indicate the RS and CL
combinations for the optimum bandwidth, stability, and
settling time, but experimental fine tuning is recommended.
Picking a point above or to the right of the curve yields an
overdamped response, while points below or left of the curve
indicate areas of underdamped performance.
RS and CL form a low pass network at the output, thus
limiting system bandwidth well below the amplifier
bandwidth of 850MHz. By decreasing RS as CLincreases
Rise Time
(VOUT = 2V Step)
AV = -1
25
-
0.82
-
ns
AV = +1
25
-
1.06
-
ns
AV = +2
25
-
1.00
-
ns
Overshoot
(VOUT = 0.5V Step, Input tR/tF = 200ps,
Notes 2, 3, 4)
AV = -1
25
-
12
30
%
AV = +1
25
-
45
65
%
AV = +2
25
-
6
20
%
0.1% Settling Time (Note 3)
VOUT = 2V to 0V
25
-
11
-
ns
0.05% Settling Time
VOUT = 2V to 0V
25
-
15
-
ns
Overdrive Recovery Time
VIN = 5VP-P
25
-
8.5
-
ns
Differential Gain
AV = +1, 3.58MHz, RL = 150Ω
25
-
0.03
-
%
AV = +2, 3.58MHz, RL = 150Ω
25
-
0.02
-
%
Differential Phase
AV = +1, 3.58MHz, RL = 150Ω
25
-
0.05
-
Degrees
AV = +2, 3.58MHz, RL = 150Ω
25
-
0.04
-
Degrees
NOTES:
2. This parameter is not tested. The limits are guaranteed based on lab characterization, and reflect lot-to-lot variation.
3. See Typical Performance Curves for more information.
4. Overshoot decreases as input transition times increase, especially for AV = +1. Please refer to Typical Performance Curves.
Electrical Specifications VSUPPLY = ±5V, AV = +1, RL = 100Ω, Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
TEMP (oC)
MIN
TYP
MAX
UNITS
GAIN
(ACL)
CONNECTIONS
+INPUT (PIN 3)
-INPUT (PIN 2)
-1
GND
Input
+1 (Note)
Input
NC (Floating)
+2
Input
GND
NOTE: Use HFA1112A For Maximum Stability.
HFA1112, HFA1112A


Similar Part No. - HFA1112

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1112 INTERSIL-HFA1112 Datasheet
481Kb / 14P
   850MHz, Low Distortion Programmable Gain Buffer Amplifiers
HFA1112 INTERSIL-HFA1112 Datasheet
488Kb / 14P
   850MHz, Low Distortion Programmable Gain Buffer Amplifiers
logo
Renesas Technology Corp
HFA1112 RENESAS-HFA1112 Datasheet
814Kb / 14P
   850MHz, Low Distortion Programmable Gain Buffer Amplifiers
logo
Intersil Corporation
HFA1112/883 INTERSIL-HFA1112/883 Datasheet
446Kb / 18P
   Ultra High Speed Programmable Gain Buffer Amplifier
HFA1112883 INTERSIL-HFA1112883 Datasheet
446Kb / 18P
   Ultra High Speed Programmable Gain Buffer Amplifier
More results

Similar Description - HFA1112

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1112IPZ INTERSIL-HFA1112IPZ Datasheet
488Kb / 14P
   850MHz, Low Distortion Programmable Gain Buffer Amplifiers
HFA1112 INTERSIL-HFA1112_05 Datasheet
481Kb / 14P
   850MHz, Low Distortion Programmable Gain Buffer Amplifiers
HFA1112IP INTERSIL-HFA1112IP Datasheet
484Kb / 14P
   850MHz, Low Distortion Programmable Gain Buffer Amplifiers
July 27, 2005
logo
Renesas Technology Corp
HFA1112 RENESAS-HFA1112 Datasheet
814Kb / 14P
   850MHz, Low Distortion Programmable Gain Buffer Amplifiers
logo
Intersil Corporation
HFA-1112IP INTERSIL-HFA-1112IP Datasheet
488Kb / 14P
   850MHz, Low Distortion Programmable Gain Buffer Amplifiers
HFA1113 INTERSIL-HFA1113_05 Datasheet
490Kb / 16P
   850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier
HFA1113 INTERSIL-HFA1113 Datasheet
252Kb / 17P
   850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier
February 1999
logo
Renesas Technology Corp
HFA1113 RENESAS-HFA1113 Datasheet
955Kb / 16P
   850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier
July 11, 2005
logo
Intersil Corporation
HFA1100 INTERSIL-HFA1100_04 Datasheet
335Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
logo
Renesas Technology Corp
HFA1100 RENESAS-HFA1100 Datasheet
594Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com