Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MH4M365CNXJ-6 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # MH4M365CNXJ-6
Description  HYPER PAGE MODE 150994944-BIT ( 4194304-WORD BY 36-BIT ) DYNAMIC RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MH4M365CNXJ-6 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  MH4M365CNXJ-6 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MH4M365CNXJ-6 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MH4M365CNXJ-6 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MH4M365CNXJ-6 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MH4M365CNXJ-6 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MH4M365CNXJ-6 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MH4M365CNXJ-6 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MH4M365CNXJ-6 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MH4M365CNXJ-6 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MITSUBISHI
ELECTRIC
HYPER PAGE MODE 150994944-BIT ( 4194304-WORD BY 36-BIT ) DYNAMIC RAM
MITSUBISHI LSIs
MH4M365CXJ/CNXJ-5,-6,-7
Nov.8.96
(
/ 15 )
MIT-DS-0086-1.1
72pin single in-line package
Single 5.0V ± 10% supply
Low stand-by power dissipation
44mW (Max)
CMOS lnput level
Low operating power dissipation
MH4M365CXJ/CNXJ- 5
9.15W (Max)
MH4M365CXJ/CNXJ- 6
7.48W (Max)
MH4M365CXJ/CNXJ- 7
6.51W (Max)
Hyper-page mode , RAS-only refresh , CAS before RAS
refresh, Hidden refresh capabilities
All inputs and output directly TTL compatible
2048 refresh cycles every 32ms (A0 ~ A10)
MH4M365CXJ
Gold plating
MH4M365CNXJ
Nickel+solder plating
DESCRIPTION
FEATURES
Type name
access
time
(max.ns)
RAS
access
time
(max.ns)
CAS
(max.ns)
access
time
Address
time
(min.ns)
Cycle
dissipa-
(typ.mW)
Power
tion
APPLICATION
Main memory unit for computers, Microcomputer memory,
Refresh memory for CRT
50
60
13
15
25
30
90
110
MH4M365CXJ/CNXJ-6
MH4M365CXJ/CNXJ-5
MH4M365CXJ/CNXJ-7
70
20
35
130
5200
5920
7240
The MH4M365CXJ/CNXJ is 4194304-word x 36-bits dynamic
RAM.
This consists of eight industry standard 4M x 4 dynamic
RAMs in SOJ and four industry 4M x 1 dyanmic RAMs in SOJ.
The mounting of SOJ on a single in-line package provides any
application where high densities and large quantities of memory
are required. This is a socket-type memory module,suitable for
easy interchange or addition of modules.
1
45.NC
PIN CONFIGURATION (TOP VIEW)
[Double side]
- 5
- 6
PD1
PD2
PD3
PD4
Outline 72N9D-C
NC: NO CONNECTION
1.Vss
2.DQ0
3.DQ16
4.DQ1
5.DQ17
6.DQ2
7.DQ18
8.DQ3
11.NC
10.Vcc
11.NC
12.A0
13.A1
14.A2
15.A3
16.A4
17.A5
18.A6
20.DQ4
21.DQ20
22.DQ5
23.DQ21
24.DQ6
25.DQ22
26.DQ7
27.DQ23
28.A7
29.NC
30.Vcc
31.A8
32.A9
39.Vss
46.NC
49.DQ8
50.DQ24
51.DQ9
52.DQ25
53.DQ10
54.DQ26
55.DQ11
56.DQ27
57.DQ12
58.DQ28
59.Vcc
61.DQ13
60.DQ29
62.DQ30
63.DQ14
64.DQ31
65.DQ15
66.NC
67.PD1
68.PD2
69.PD3
70.PD4
71.NC
72.Vss
48.NC
40.CAS0
41.CAS2
42.CAS3
43.CAS1
44.RAS0
34.RAS2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
47.W
NC
NC
Vss Vss
NC
NC NC
Vss
33.NC
19.A10
35.MP2
36.MP0
37.MP1
38.MP3
- 7
NC
Vss
Vss
Vss


Similar Part No. - MH4M365CNXJ-6

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH4M36CJD-5 MITSUBISHI-MH4M36CJD-5 Datasheet
130Kb / 14P
   FAST PAGE MODE ( 4194304-WORD BY 36-BIT ) DYNAMIC RAM
MH4M36CJD-6 MITSUBISHI-MH4M36CJD-6 Datasheet
130Kb / 14P
   FAST PAGE MODE ( 4194304-WORD BY 36-BIT ) DYNAMIC RAM
MH4M36CJD-7 MITSUBISHI-MH4M36CJD-7 Datasheet
130Kb / 14P
   FAST PAGE MODE ( 4194304-WORD BY 36-BIT ) DYNAMIC RAM
More results

Similar Description - MH4M365CNXJ-6

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH4V36AM-6 MITSUBISHI-MH4V36AM-6 Datasheet
190Kb / 18P
   FAST PAGE MODE 150994944-BIT ( 4194304-WORD BY 36-BIT ) DYNAMIC RAM
MH4V6445BXJJ-5 MITSUBISHI-MH4V6445BXJJ-5 Datasheet
152Kb / 26P
   HYPER PAGE MODE 268435456-BIT (4194304-WORD BY 64-BIT)DYNAMIC RAM
MH4M36CJD-5 MITSUBISHI-MH4M36CJD-5 Datasheet
130Kb / 14P
   FAST PAGE MODE ( 4194304-WORD BY 36-BIT ) DYNAMIC RAM
M5M4V4265CJ MITSUBISHI-M5M4V4265CJ Datasheet
317Kb / 31P
   EDO (HYPER PAGE) MODE 4194304-BIT (262144-WORD BY 16-BIT) DYNAMIC RAM
M5M44405CJ MITSUBISHI-M5M44405CJ Datasheet
246Kb / 27P
   EDO ( HYPER PAGE MODE ) 4194304-BIT ( 1048576-WORD BY 4-BIT ) DYNAMIC RAM
M5M44265CJ MITSUBISHI-M5M44265CJ Datasheet
324Kb / 31P
   EDO (HYPER PAGE MODE) 4194304-BIT (262144-WORD BY 16-BIT) DYNAMIC RAM
M5M4V4405CJ MITSUBISHI-M5M4V4405CJ Datasheet
299Kb / 27P
   EDO (HYPER PAGE MODE) 4194304-BIT(1048576-WORD BY 4-BIT) DYNAMIC RAM
MH2M365CXJ-5 MITSUBISHI-MH2M365CXJ-5 Datasheet
226Kb / 15P
   HYPER PAGE MODE 75497472-BIT ( 2097152-WORD BY 36-BIT ) DYNAMIC RAM
MH1M365CXJ-5 MITSUBISHI-MH1M365CXJ-5 Datasheet
215Kb / 15P
   HYPER PAGE MODE 37748736-BIT ( 1048576-WORD BY 36-BIT ) DYNAMIC RAM
MH1M144CXTJ-6 MITSUBISHI-MH1M144CXTJ-6 Datasheet
115Kb / 14P
   FAST PAGE MODE 150994944-BIT (1048576-WORD BY 144-BIT)DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com