Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCH162374ADL Datasheet(PDF) 5 Page - NXP Semiconductors

Part # VCH162374ADL
Description  16-bit edge triggered D-type flip-flop with 30 ohmseries termination resistors; 5 V input/output tolerant; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

VCH162374ADL Datasheet(HTML) 5 Page - NXP Semiconductors

  VCH162374ADL Datasheet HTML 1Page - NXP Semiconductors VCH162374ADL Datasheet HTML 2Page - NXP Semiconductors VCH162374ADL Datasheet HTML 3Page - NXP Semiconductors VCH162374ADL Datasheet HTML 4Page - NXP Semiconductors VCH162374ADL Datasheet HTML 5Page - NXP Semiconductors VCH162374ADL Datasheet HTML 6Page - NXP Semiconductors VCH162374ADL Datasheet HTML 7Page - NXP Semiconductors VCH162374ADL Datasheet HTML 8Page - NXP Semiconductors VCH162374ADL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1999 Aug 05
5
Philips Semiconductors
Product specification
16-bit edge triggered D-type flip-flop with 30
Ω series
termination resistors; 5 V input/output tolerant; 3-state
74LVC162374A;
74LVCH162374A
Fig.3 Logic diagram.
handbook, full pagewidth
MNA435
2CP
D
CP
Q
2OE
to 7 other channels
FF2
2Q0
2D0
1CP
D
CP
Q
1OE
to 7 other channels
FF1
1Q0
1D0
Fig.4 IEC logic symbol.
handbook, halfpage
23
MNA436
37
12
11
9
8
6
5
47
46
44
43
41
40
38
1D7
1D0
1D1
1D2
1D3
1D4
1D5
1D6
2
3
1Q7
1Q6
1Q5
1Q4
1Q3
1Q2
1Q0
1Q1
26
22
20
19
17
16
36
35
33
32
30
29
27
2D5
2D0
2D1
2D2
2D3
2D4
13
14
2Q5
2Q4
2Q3
2Q2
2Q1
2Q0
24
25
2EN
1OE
1
1EN
1CP
2OE
2CP
48
C3
C2
1D
1
2D
2
2D7
2D6
2Q7
2Q6
Fig.5 Bus hold circuit.
handbook, halfpage
to internal circuit
MNA428
VCC
input


Similar Part No. - VCH162374ADL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
VCH162373ADGG PHILIPS-VCH162373ADGG Datasheet
88Kb / 17P
   16-bit D-type transparent latch with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
2004 Feb 05
VCH162373ADL PHILIPS-VCH162373ADL Datasheet
88Kb / 17P
   16-bit D-type transparent latch with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
2004 Feb 05
More results

Similar Description - VCH162374ADL

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVCH162374A NEXPERIA-74LVCH162374A Datasheet
244Kb / 14P
   16-bit edge-triggered D-type flip-flop with 30 Ω series termination resistors; 5 V input/output tolerant; 3-state
Rev. 5 - 20 April 2021
74LVC16374A-Q100 NEXPERIA-74LVC16374A-Q100 Datasheet
230Kb / 14P
   16-bit edge-triggered D-type flip-flop; 5 V tolerant; 3-state
74LVC16374A NEXPERIA-74LVC16374A Datasheet
242Kb / 13P
   16-bit edge-triggered D-type flip-flop; 5 V tolerant; 3-state
Rev. 13 - 27 September 2021
logo
NXP Semiconductors
74LVT162374 PHILIPS-74LVT162374 Datasheet
91Kb / 17P
   3.3 V 16-bit edge-triggered D-type flip-flop with 30 OHM termination resistors; 3-state
Rev. 03-17 January 2005
logo
Nexperia B.V. All right...
74LVT162374 NEXPERIA-74LVT162374 Datasheet
214Kb / 12P
   3.3 V 16-bit edge-triggered D-type flip-flop with 30 Ω termination resistors; 3-state
Rev. 4 - 1 October 2018
logo
NXP Semiconductors
74LVC16374A NXP-74LVC16374A Datasheet
175Kb / 19P
   16-bit edge-triggered D-type flip-flop with 5 V tolerant inputs/outputs; 3-state
Rev. 07-23 March 2010
74LVT162374 PHILIPS-74LVT162374 Datasheet
120Kb / 12P
   3.3V LVT 16-bit edge-triggered D-type flip-flop with 30 ohm termination resistors 3-State
Rev. 03-17 January 2005
74AVC16374 PHILIPS-74AVC16374 Datasheet
84Kb / 16P
   16-bit edge triggered D-type flip-flop; 3.6 V tolerant; 3-state
2000 Mar 09
logo
Nexperia B.V. All right...
74AVC16374 NEXPERIA-74AVC16374 Datasheet
1Mb / 16P
   16-bit edge triggered D-type flip-flop; 3.6 V tolerant; 3-state
Rev. 3 - 16 August 2013
74AVC16374-Q100 NEXPERIA-74AVC16374-Q100 Datasheet
772Kb / 16P
   16-bit edge triggered D-type flip-flop 3.6 V tolerant; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com