Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M6MGB162S4BVP Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M6MGB162S4BVP
Description  16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M6MGB162S4BVP Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M6MGB162S4BVP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M6MGB162S4BVP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M6MGB162S4BVP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M6MGB162S4BVP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M6MGB162S4BVP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M6MGB162S4BVP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M6MGB162S4BVP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M6MGB162S4BVP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M6MGB162S4BVP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
Sep. 1999 , Rev.2.0
MITSUBISHI LSIs
16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS
3.3V-ONLY FLASH MEMORY &
4,194,304-BIT (524,288-WORD BY 8-BIT) CMOS SRAM
Stacked-MCP (Multi Chip Package)
M6MGB/T162S4BVP
2
BLOCK DIAGRAM
DATA INPUTS/OUTPUTS
MULTIPLEXER
INPUT/OUTPUT
BUFFERS
DQ15 DQ14DQ13DQ12
DQ2DQ1DQ0
DQ3
WSM
16Mb Flash Memory
X-DECODER
Y-DECODER
Y-GATE / SENSE AMP.
F-CE#
OE#
WE#
F-VCC(3.3V)
GND (0V)
F-WP#
F-RP#
CUI
STATUS / ID REGISTER
128 WORD PAGE BUFFER
Main Block
32KW
F-RY/BY#
READY/BUSY OUTPUT
A18
A17
A16
A15
A14
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
ADDRESS
INPUTS
CHIP ENABLE INPUT
OUTPUT ENABLE INPUT
WRITE ENABLE INPUT
WRITE PROTECT INPUT
RESET/POWER DOWN INPUT
Main Block
32KW
28
Parameter Block5
16KW
Parameter Block6
16KW
Boot Block
16KW
Parameter Block3
16KW
Parameter Block4
16KW
Parameter Block1
16KW
Parameter Block2
16KW
Parameter Block7
16KW
A19
WSM
S-CE
WE#
OE#
524288 WORD x
8 BITS
CLOCK
GENERATOR
DQ 7
DQ 0
S-VCC
GND
S-A-1
4Mb SRAM
A0
A16
A17


Similar Part No. - M6MGB162S4BVP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M6MGB162S2BVP MITSUBISHI-M6MGB162S2BVP Datasheet
247Kb / 29P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY
More results

Similar Description - M6MGB162S4BVP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M6MGB166S4BWG MITSUBISHI-M6MGB166S4BWG Datasheet
264Kb / 30P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY
M6MGB162S2BVP MITSUBISHI-M6MGB162S2BVP Datasheet
247Kb / 29P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY
M6MGB166S2BWG MITSUBISHI-M6MGB166S2BWG Datasheet
257Kb / 30P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY
M6MGB160S2BVP MITSUBISHI-M6MGB160S2BVP Datasheet
269Kb / 30P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT / 2,097,152-WORD BY 8-BIT) CMOS 3.3V-ONLY FLASH MEMORY
M6MGB160S4BVP MITSUBISHI-M6MGB160S4BVP Datasheet
268Kb / 30P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT / 2,097,152-WORD BY 8-BIT) CMOS 3.3V-ONLY FLASH MEMORY
logo
Renesas Technology Corp
M5M29KE131BTP RENESAS-M5M29KE131BTP Datasheet
336Kb / 33P
   134,217,728-BIT (16,777,216-WORD BY 8-BIT / 8,388,608-WORD BY 16-BIT) CMOS FLASH MEMORY
logo
Mitsubishi Electric Sem...
M5M29GB160BVP MITSUBISHI-M5M29GB160BVP Datasheet
240Kb / 25P
   16,777,216-BIT (2097,152-WORD BY 8-BIT / 1048,576-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
M5M29GB161BWG MITSUBISHI-M5M29GB161BWG Datasheet
213Kb / 23P
   16,777,216-BIT (1048,576-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
logo
Renesas Technology Corp
M6MGB331S4BKT RENESAS-M6MGB331S4BKT Datasheet
171Kb / 3P
   33,554,432-BIT (2,097,152 - WORD BY 16-BIT/4,194,304-WORD BY 8-BIT) CMOS 3.3V-ONLY FLASH MEMORY & 4,194,304-BIT (262,144-WORD BY 16-BIT/524,288-WORD B
M6MGB331S8AKT RENESAS-M6MGB331S8AKT Datasheet
127Kb / 3P
   33,554,432-BIT (2,097,152 - WORD BY 16-BIT /4,194,304-WORD BY 8-BIT) CMOS FLASH MEMORY & 8,388,608-BIT (524,288-WORD BY 16-BIT /1,048,576-WORD BY 8-BI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com