Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V7PC-10A150S Datasheet(PDF) 5 Page - Bel Fuse Inc.

Part # V7PC-10A150S
Description  NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5 - 3.3V Output / 10A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

V7PC-10A150S Datasheet(HTML) 5 Page - Bel Fuse Inc.

  V7PC-10A150S Datasheet HTML 1Page - Bel Fuse Inc. V7PC-10A150S Datasheet HTML 2Page - Bel Fuse Inc. V7PC-10A150S Datasheet HTML 3Page - Bel Fuse Inc. V7PC-10A150S Datasheet HTML 4Page - Bel Fuse Inc. V7PC-10A150S Datasheet HTML 5Page - Bel Fuse Inc. V7PC-10A150S Datasheet HTML 6Page - Bel Fuse Inc. V7PC-10A150S Datasheet HTML 7Page - Bel Fuse Inc. V7PC-10A150S Datasheet HTML 8Page - Bel Fuse Inc. V7PC-10A150S Datasheet HTML 9Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2002 Bel Fuse Inc. Specifications subject to change without notice. 01.02
POWER PRODUCTS
NON-ISOLATED DC/DC CONVERTERS
BP01V7PC-10A
12V Input / 1.5 – 3.3V Output / 10A
page 5
General Specifications
Control Specifications
r
e
t
e
m
a
r
a
P
e
l
u
d
o
M
l
o
b
m
y
S
n
i
M
l
a
c
i
p
y
T
x
a
M
s
t
i
n
U
y
c
n
e
i
c
i
f
f
E
1
c
η
8
8
6
8
2
8
1
9
9
8
5
8
%
y
c
n
e
u
q
e
r
F
g
n
i
h
c
t
i
w
Sll
Aw
s
F0
8
10
0
20
2
2z
H
k
e
g
n
a
R
m
i
r
T
e
g
a
t
l
o
V
t
u
p
t
u
O
V
3
.
3
V
5
.
2
V
5
.
1
5
8
0
7
0
9
0
1
1
0
2
1
0
2
1
%
n
o
i
t
a
s
n
e
p
m
o
C
e
s
n
e
S
e
t
o
m
e
Rll
A
5
.
0V
t
h
g
i
e
Wll
A
5
.
9
g
r
e
t
e
m
a
r
a
P
e
l
u
d
o
M
l
o
b
m
y
S
n
i
M
l
a
c
i
p
y
T
x
a
M
s
t
i
n
U
f
f
O
/
n
O
e
t
o
m
e
Rll
An
e
t
u
o
V
V
)
f
f
O
t
i
n
U
(
w
o
L
l
a
n
g
i
Sll
A3
.
0
-
3
.
0V
)
n
O
t
i
n
U
(
h
g
i
H
l
a
n
g
i
Sll
A8
.
2
2
.
3
1V
1. Vin=12V, full load and Ta=25° C.


Similar Part No. - V7PC-10A150S

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
V7PC-10AT5 BEL-V7PC-10AT5 Datasheet
122Kb / 2P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 50% Tracking Output / 10A
V7PC-10AT5A BEL-V7PC-10AT5A Datasheet
95Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 12V Input Vref/2 / 10A Output
V7PC-10AT5S BEL-V7PC-10AT5S Datasheet
182Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 12V Input Vref/2 / 10A Output
V7PC-10AT5S BEL-V7PC-10AT5S Datasheet
95Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 12V Input Vref/2 / 10A Output
V7PC-10AT5X BEL-V7PC-10AT5X Datasheet
95Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 12V Input Vref/2 / 10A Output
More results

Similar Description - V7PC-10A150S

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
VRPC-10A BEL-VRPC-10A Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5- 3.3V Output / 10A
V7PA-03A BEL-V7PA-03A Datasheet
365Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5 - 3.3V Output / 3A
V7PC-07A BEL-V7PC-07A Datasheet
266Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5 - 3.3V Output / 7A
V7PC-10C BEL-V7PC-10C Datasheet
332Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.5 - 2.5V Output / 10A
VRPC-10C BEL-VRPC-10C Datasheet
259Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.5 - 2.5V Output / 10A
VRPC-10B BEL-VRPC-10B Datasheet
215Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 10A
V7PC-10B BEL-V7PC-10B Datasheet
291Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 10A
VRPB-10A BEL-VRPB-10A Datasheet
518Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.0 - 5.0V Output / 10A
V7PB-10A BEL-V7PB-10A Datasheet
511Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.0 - 5.0V Output / 10A
V7PC-10AT5S BEL-V7PC-10AT5S Datasheet
182Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 12V Input Vref/2 / 10A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com