Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL612A-5ETR13 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # IL612A-5ETR13
Description  Passive Input Digital Isolators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IL612A-5ETR13 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  IL612A-5ETR13 Datasheet HTML 1Page - List of Unclassifed Manufacturers IL612A-5ETR13 Datasheet HTML 2Page - List of Unclassifed Manufacturers IL612A-5ETR13 Datasheet HTML 3Page - List of Unclassifed Manufacturers IL612A-5ETR13 Datasheet HTML 4Page - List of Unclassifed Manufacturers IL612A-5ETR13 Datasheet HTML 5Page - List of Unclassifed Manufacturers IL612A-5ETR13 Datasheet HTML 6Page - List of Unclassifed Manufacturers IL612A-5ETR13 Datasheet HTML 7Page - List of Unclassifed Manufacturers IL612A-5ETR13 Datasheet HTML 8Page - List of Unclassifed Manufacturers IL612A-5ETR13 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
IL610 IL611 IL612
IL613 IL614
5
Electrical Specifications
Electrical Specifications are Tmin to Tmax unless otherwise stated.
Parameters
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Coil Input Impedance
ZCOIL
47||8
55||9
67||10
Ω||nH
TAMB = 25°C
Temperature Coeff of Coil Resistance
TC RCOIL
0.16
0.165
Ω/°C
Input Threshold for Logic High
I INH
2
mA
Input Threshold for Logic Low
I INL
10
mA
Quiescent Current
IL610, IDD1
IL610, IDD2
IL611, IDD1
IL611, IDD2
IL612, IDD1
IL612, IDD2
IL613, IDD1
IL613, IDD2
IL614, IDD1
IL614, IDD2
2
4
2
2
6
2
4
0
3
0
6
3
3
0
9
3
6
µA
mA
µA
mA
mA
mA
µA
mA
mA
mA
VDD= 5 V, IIN=0
Quiescent Current
IL610, IDD1
IL610, IDD2
IL611, IDD1
IL611, IDD2
IL612, IDD1
IL612, IDD2
IL613, IDD1
IL613, IDD2
IL614, IDD1
IL614, IDD2
1.3
2.6
1.3
1.3
4
1.3
2.6
0
2
0
4
2
2
0
6
2
4
µA
mA
µA
mA
mA
mA
µA
mA
mA
mA
VDD= 3.3 V, IIN=0
VDD-0.1
VDD
V
IO = -20 µA
Logic High Output Voltage(4)
VOH
VDD
VDD-0.5
IO = -4 mA
0
0.1
V
IO = 20 µA
Logic Low Output Voltage
VOL
0.5
0.8
IO = 4 mA
Logic Output Current
IO
4
7
mA
Switching Specifications CMOS Outputs
Data Rate
40
Mbps
50% Duty Cycle
Minimum Pulse Width
PW
25
ns
50% Points, Vo
Propagation Delay Input to Output
(High to Low)
tPHL
20
25
ns
CL = 15 pF,
I
COIL = 10 mA
Propagation Delay Input to Output
(Low to High)
tPLH
20
25
ns
CL = 15 pF,
I
COIL = 10 mA
Average Propagation Delay Drift
50
ps/°C
Pulse Width Distortion |t
PHL-tPLH|
(2)
PWD
7
10
ns
CL = 15 pF
Propagation Delay Skew (3)
tPSK
10
20
ns
CL = 15 pF
Output Rise Time (10-90%)
tR
2
4
ns
CL = 15 pF
Output Fall Time (10-90%)
tF
2
4
ns
CL = 15 pF
Common Mode Transient Immunity
|CMH|,|CML|
15
20
kV/
µs
V
T = 300 V
peak
Switching Specifications Open Drain Outputs
Parameters
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Data Rate
10
Mbps
50% Duty Cycle,
Rpullup = 1 kΩ
Minimum Pulse Width
PW
100
ns
50% Duty Cycle,
Rpullup = 1 kΩ
Propagation Delay Input to Output
(High to Low)
tPHL
20
25
ns
CL = 2 kΩ ||15 pF
Propagation Delay Input to Output
(Low to High)
tPLH
50
75
ns
CL = 2 kΩ ||15 pF
Common Mode Transient Immunity
|CMH|,|CML|
15
20
kV/
µs
VT = 300 Vpeak


Similar Part No. - IL612A-5ETR13

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL6083 IKSEMICON-IL6083 Datasheet
267Kb / 10P
   PWM Power Control IC with Interference Suppression
IL6083N IKSEMICON-IL6083N Datasheet
267Kb / 10P
   PWM Power Control IC with Interference Suppression
IL6083 IKSEMICON-IL6083_16 Datasheet
271Kb / 10P
   PWM Power Control IC with Interference Suppression
logo
Intersil Corporation
IL6336ACRZ INTERSIL-IL6336ACRZ Datasheet
686Kb / 31P
   6-Phase PWM Controller with Light Load Efficiency Enhancement and Current Monitoring
IL6336AIRZ INTERSIL-IL6336AIRZ Datasheet
686Kb / 31P
   6-Phase PWM Controller with Light Load Efficiency Enhancement and Current Monitoring
More results

Similar Description - IL612A-5ETR13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL71610M RENESAS-ISL71610M Datasheet
889Kb / 27P
   Radiation Tolerant Passive-Input Digital Isolator
Nov 11, 2022
ISL71610SLHM RENESAS-ISL71610SLHM Datasheet
489Kb / 18P
   Radiation Hardened Passive-Input Digital Isolator
Nov 11, 2022
logo
Texas Instruments
ISO7220A TI-ISO7220A_08 Datasheet
827Kb / 26P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
ISO7220A TI-ISO7220A_10 Datasheet
827Kb / 28P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
ISO7240 TI-ISO7240 Datasheet
755Kb / 23P
[Old version datasheet]   QUAD DIGITAL ISOLATORS
ISO7220A-Q1 TI1-ISO7220A-Q1 Datasheet
751Kb / 24P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
logo
PHOENIX CONTACT
2864655 PHOENIX-2864655 Datasheet
254Kb / 8P
   One- and two-channel passive isolators
logo
MORNSUN Science& Techno...
TA306W-11 MORNSUN-TA306W-11 Datasheet
712Kb / 3P
   12.5mm SLIM CASE PASSIVE SIGNAL ISOLATORS
logo
Texas Instruments
ISO7240 TI-ISO7240_1 Datasheet
767Kb / 25P
[Old version datasheet]   QUAD DIGITAL ISOLATORS
ISO7220A TI-ISO7220A Datasheet
734Kb / 25P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com