Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V7PC-10B150 Datasheet(PDF) 6 Page - Bel Fuse Inc.

Part # V7PC-10B150
Description  NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 10A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

V7PC-10B150 Datasheet(HTML) 6 Page - Bel Fuse Inc.

  V7PC-10B150 Datasheet HTML 1Page - Bel Fuse Inc. V7PC-10B150 Datasheet HTML 2Page - Bel Fuse Inc. V7PC-10B150 Datasheet HTML 3Page - Bel Fuse Inc. V7PC-10B150 Datasheet HTML 4Page - Bel Fuse Inc. V7PC-10B150 Datasheet HTML 5Page - Bel Fuse Inc. V7PC-10B150 Datasheet HTML 6Page - Bel Fuse Inc. V7PC-10B150 Datasheet HTML 7Page - Bel Fuse Inc. V7PC-10B150 Datasheet HTML 8Page - Bel Fuse Inc. V7PC-10B150 Datasheet HTML 9Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CORPORATE
Bel Fuse Inc.
206 Van Vorst Street
Jersey City, NJ 07302
Tel
201-432-0463
Fax
201-432-9542
www.belfuse.com
FAR EAST
Bel Fuse Ltd.
8F / 8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel
852-2328-5515
Fax 852-2352-3706
www.belfuse.com
EUROPE
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Suite G7, Preston
Lancashire, PR1 8UD, U.K.
Tel
44-1772-556601
Fax 44-1772-888366
www.belfuse.com
©2002 Bel Fuse Inc. Specifications subject to change without notice. 02.02
POWER PRODUCTS
NON-ISOLATED DC/DC CONVERTERS
BP02V7PC-10B
5V Input / 1.5 – 3.3V Output / 10A
page 6
Efficiency Data
Module 3.3V
90.0%
92.0%
94.0%
96.0%
98.0%
0.0 1.0
2.0 3.0 4.0
5.0 6.0
7.0 8.0 9.0 10.0 11.0
OUTPUT CURRENT
4.5V
5V
5.5V
Module 2.5V
88.0%
90.0%
92.0%
94.0%
96.0%
0.0 1.0
2.0 3.0 4.0 5.0
6.0 7.0 8.0 9.0 10.0 11.0
OUTPUT CURRENT
4.5V
5V
5.5V
Module 1.5V
86.0%
88.0%
90.0%
92.0%
94.0%
0.0 1.0 2.0
3.0 4.0 5.0 6.0 7.0 8.0
9.0 10.0 11.0
OUTPUT CURRENT
4.5V
5V
5.5V


Similar Part No. - V7PC-10B150

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
V7PC-10A BEL-V7PC-10A Datasheet
313Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5 - 3.3V Output / 10A
V7PC-10A150 BEL-V7PC-10A150 Datasheet
313Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5 - 3.3V Output / 10A
V7PC-10A150S BEL-V7PC-10A150S Datasheet
313Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5 - 3.3V Output / 10A
V7PC-10A250 BEL-V7PC-10A250 Datasheet
313Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5 - 3.3V Output / 10A
V7PC-10A250S BEL-V7PC-10A250S Datasheet
313Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5 - 3.3V Output / 10A
More results

Similar Description - V7PC-10B150

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
VRPC-10B BEL-VRPC-10B Datasheet
215Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 10A
VRPC-10A BEL-VRPC-10A Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5- 3.3V Output / 10A
V7PC-10C BEL-V7PC-10C Datasheet
332Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.5 - 2.5V Output / 10A
V7PC-10A BEL-V7PC-10A Datasheet
313Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5 - 3.3V Output / 10A
VRPC-10C BEL-VRPC-10C Datasheet
259Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.5 - 2.5V Output / 10A
VRPB-06B BEL-VRPB-06B Datasheet
182Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 6A
V7PB-06B BEL-V7PB-06B Datasheet
214Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 6A
V7PB-10B BEL-V7PB-10B Datasheet
242Kb / 18P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 10A
VRPB-10B BEL-VRPB-10B Datasheet
248Kb / 18P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 10A
SRAH-02C BEL-SRAH-02C Datasheet
127Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 1.5A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com