Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V7PC-10A150 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # V7PC-10A150
Description  NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5 - 3.3V Output / 10A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

V7PC-10A150 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  V7PC-10A150 Datasheet HTML 1Page - Bel Fuse Inc. V7PC-10A150 Datasheet HTML 2Page - Bel Fuse Inc. V7PC-10A150 Datasheet HTML 3Page - Bel Fuse Inc. V7PC-10A150 Datasheet HTML 4Page - Bel Fuse Inc. V7PC-10A150 Datasheet HTML 5Page - Bel Fuse Inc. V7PC-10A150 Datasheet HTML 6Page - Bel Fuse Inc. V7PC-10A150 Datasheet HTML 7Page - Bel Fuse Inc. V7PC-10A150 Datasheet HTML 8Page - Bel Fuse Inc. V7PC-10A150 Datasheet HTML 9Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2002 Bel Fuse Inc. Specifications subject to change without notice. 01.02
POWER PRODUCTS
NON-ISOLATED DC/DC CONVERTERS
BP01V7PC-10A
12V Input / 1.5 – 3.3V Output / 10A
page 2
Input Specifications
Absolute Maximum Ratings
Note: Use beyond the maximum ratings may cause a reliability degradation of the DC/DC
converter or may permanently damage the device.
Note: Input capacitance 470µF/16V, ESR = 0.03
Ω max at 100kHz @ 25° C.
1. With simulated source impedance of 500nH, 5Hz to 20MHz.
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
n
i
M
l
a
c
i
p
y
T
x
a
M
t
i
n
U
e
g
a
t
l
o
V
t
u
p
n
I
s
u
o
u
n
i
t
n
o
Cn
i
V3
.
0
-
5
1V
e
g
a
t
l
o
V
l
a
n
i
m
r
e
T
e
l
b
a
n
E
t
u
p
t
u
On
e
t
u
o
V3
.
0
-
5
1V
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
Ab
m
a
T0
0
7C
°
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sr
o
t
s
T0
4
-
0
0
1C
°
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
n
i
M
l
a
c
i
p
y
T
x
a
M
s
t
i
n
U
e
g
a
t
l
o
V
t
u
p
n
I
g
n
i
t
a
r
e
p
On
i
V8
.
0
1
2
.
3
1V
t
n
e
r
r
u
C
t
u
p
n
In
i
I
8
.
3A
t
n
e
r
r
u
C
t
u
p
n
I
d
a
o
L
o
N
0
5A
m
t
n
e
r
r
u
C
t
u
p
n
I
f
f
O
e
t
o
m
e
R
35
1A
m
t
n
e
r
r
u
C
e
l
p
p
i
R
d
e
t
c
e
l
f
e
R
t
u
p
n
I
1
0
5A
m
s
m
r
)
P
-
P
(
t
n
e
r
r
u
C
e
l
p
p
i
R
d
e
t
c
e
l
f
e
R
t
u
p
n
I
1
0
8
1k
p
A
m
I2
t
n
e
i
s
n
a
r
T
t
n
e
r
r
u
C
h
s
u
r
n
I
t
8
0
.
06
1
.
0A2s
d
l
o
h
s
e
r
h
T
e
g
a
t
l
o
V
n
O
n
r
u
T
7
.
9
V
d
l
o
h
s
e
r
h
T
e
g
a
t
l
o
V
f
f
O
n
r
u
T0
.
88
.
80
.
0
1V


Similar Part No. - V7PC-10A150

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
V7PC-10AT5 BEL-V7PC-10AT5 Datasheet
122Kb / 2P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 50% Tracking Output / 10A
V7PC-10AT5A BEL-V7PC-10AT5A Datasheet
95Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 12V Input Vref/2 / 10A Output
V7PC-10AT5S BEL-V7PC-10AT5S Datasheet
182Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 12V Input Vref/2 / 10A Output
V7PC-10AT5S BEL-V7PC-10AT5S Datasheet
95Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 12V Input Vref/2 / 10A Output
V7PC-10AT5X BEL-V7PC-10AT5X Datasheet
95Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 12V Input Vref/2 / 10A Output
More results

Similar Description - V7PC-10A150

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
VRPC-10A BEL-VRPC-10A Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5- 3.3V Output / 10A
V7PA-03A BEL-V7PA-03A Datasheet
365Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5 - 3.3V Output / 3A
V7PC-07A BEL-V7PC-07A Datasheet
266Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5 - 3.3V Output / 7A
V7PC-10C BEL-V7PC-10C Datasheet
332Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.5 - 2.5V Output / 10A
VRPC-10C BEL-VRPC-10C Datasheet
259Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.5 - 2.5V Output / 10A
VRPC-10B BEL-VRPC-10B Datasheet
215Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 10A
V7PC-10B BEL-V7PC-10B Datasheet
291Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 10A
VRPB-10A BEL-VRPB-10A Datasheet
518Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.0 - 5.0V Output / 10A
V7PB-10A BEL-V7PB-10A Datasheet
511Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.0 - 5.0V Output / 10A
V7PC-10AT5S BEL-V7PC-10AT5S Datasheet
182Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 12V Input Vref/2 / 10A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com