Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V7PC-07A330S Datasheet(PDF) 9 Page - Bel Fuse Inc.

Part # V7PC-07A330S
Description  NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5 - 3.3V Output / 7A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

V7PC-07A330S Datasheet(HTML) 9 Page - Bel Fuse Inc.

  V7PC-07A330S Datasheet HTML 1Page - Bel Fuse Inc. V7PC-07A330S Datasheet HTML 2Page - Bel Fuse Inc. V7PC-07A330S Datasheet HTML 3Page - Bel Fuse Inc. V7PC-07A330S Datasheet HTML 4Page - Bel Fuse Inc. V7PC-07A330S Datasheet HTML 5Page - Bel Fuse Inc. V7PC-07A330S Datasheet HTML 6Page - Bel Fuse Inc. V7PC-07A330S Datasheet HTML 7Page - Bel Fuse Inc. V7PC-07A330S Datasheet HTML 8Page - Bel Fuse Inc. V7PC-07A330S Datasheet HTML 9Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
CORPORATE
Bel Fuse Inc.
206 Van Vorst Street
Jersey City, NJ 07302
Tel
201-432-0463
Fax
201-432-9542
www.belfuse.com
FAR EAST
Bel Fuse Ltd.
8F / 8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel
852-2328-5515
Fax 852-2352-3706
www.belfuse.com
EUROPE
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Suite G7, Preston
Lancashire, PR1 8UD, U.K.
Tel
44-1772-556601
Fax 44-1772-888366
www.belfuse.com
©2002 Bel Fuse Inc. Specifications subject to change without notice. 01.02
POWER PRODUCTS
NON-ISOLATED DC/DC CONVERTERS
BP01V7PC-07A
12V Input / 1.5 – 3.3V Output / 7A
page 9
Mechanical
0.20
[5.08]
0.28
[7.11]
2.50 [63.50]
0.10 [2.54]
1.90 [48.26]
0.13
[3.30]
0.55
[13.97]
0.025
[0.64]
0.183
[4.65]
0.425
[10.79]
max
0.063
[1.60]
Dimensions are in inches [millimeters].
Standard dimension tolerance is ±0.005 [0.13] unless otherwise noted.
n
i
P
n
o
i
t
c
n
u
F
1o
V
+
2o
V
+
*
3n
i
P
o
N
4o
V
+
5d
n
u
o
r
G
6d
n
u
o
r
G
7n
i
V
+
8n
i
V
+
9n
i
P
o
N
0
1m
i
r
T
1
1f
f
O
/
n
O
e
t
o
m
e
R
*Pin 3 used for remote sense option.
1 2 3 4 5
6 7 8 9 10 11


Similar Part No. - V7PC-07A330S

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
V7PC-04C BEL-V7PC-04C Datasheet
90Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 4A
V7PC-04C500 BEL-V7PC-04C500 Datasheet
90Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 4A
V7PC-04C50N BEL-V7PC-04C50N Datasheet
90Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 4A
More results

Similar Description - V7PC-07A330S

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
V7PA-03A BEL-V7PA-03A Datasheet
365Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5 - 3.3V Output / 3A
VRPC-10A BEL-VRPC-10A Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5- 3.3V Output / 10A
V7PC-10A BEL-V7PC-10A Datasheet
313Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5 - 3.3V Output / 10A
SRDB-07A BEL-SRDB-07A Datasheet
256Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A
S7DB-07A BEL-S7DB-07A Datasheet
249Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A
S7AH-07C BEL-S7AH-07C Datasheet
254Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 7A
VRPB-06B BEL-VRPB-06B Datasheet
182Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 6A
VRPC-10C BEL-VRPC-10C Datasheet
259Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.5 - 2.5V Output / 10A
V7PB-06B BEL-V7PB-06B Datasheet
214Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 6A
V7PC-10B BEL-V7PC-10B Datasheet
291Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 10A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com