Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V7PC-10A Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # V7PC-10A
Description  NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5 - 3.3V Output / 10A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

V7PC-10A Datasheet(HTML) 1 Page - Bel Fuse Inc.

  V7PC-10A Datasheet HTML 1Page - Bel Fuse Inc. V7PC-10A Datasheet HTML 2Page - Bel Fuse Inc. V7PC-10A Datasheet HTML 3Page - Bel Fuse Inc. V7PC-10A Datasheet HTML 4Page - Bel Fuse Inc. V7PC-10A Datasheet HTML 5Page - Bel Fuse Inc. V7PC-10A Datasheet HTML 6Page - Bel Fuse Inc. V7PC-10A Datasheet HTML 7Page - Bel Fuse Inc. V7PC-10A Datasheet HTML 8Page - Bel Fuse Inc. V7PC-10A Datasheet HTML 9Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2002 Bel Fuse Inc. Specifications subject to change without notice. 01.02
POWER PRODUCTS
NON-ISOLATED DC/DC CONVERTERS
BP01V7PC-10A
12V Input / 1.5 – 3.3V Output / 10A
Nonisolated
Industry standard pinout
Fixed frequency
High efficiency means less power dissipation
Optimized for cost
Remote on/off
Undervoltage lockout
Over current and short circuit protection
Description
The Bel V7PC-10A series modules are non-isolated, step down DC/DC power converters that operate from a nominal 12V
source. These converters are available in a range of output voltages from 1.5V to 3.3V. They are packaged in an industry
standard single-in-line footprint and provide a maximum 10A output. Standard features include remote on/off, over current
protection and output voltage adjust. Remote sense is an optional feature. These products may be used almost anywhere
low-voltage silicon is employed and a 12V source is available. Typical applications include file servers, routers, line cards
and other computing and communications equipment.
Applications
page 1
V7PC-10A Series
Telecommunications
Networking
Computers and peripherals
Part Number Selection
t
u
p
t
u
O
e
g
a
t
l
o
V
t
u
p
n
I
e
g
a
t
l
o
V
t
u
p
t
u
O
.
x
a
M
t
n
e
r
r
u
C
t
u
p
t
u
O
.
x
a
M
r
e
w
o
P
l
a
c
i
p
y
T
y
c
n
e
i
c
i
f
f
E
r
e
b
m
u
N
t
r
a
P
r
e
b
m
u
N
t
r
a
P
n
o
i
t
p
O
e
s
n
e
S
e
t
o
m
e
R
V
3
.
3V
2
1A
0
1W
3
3%
1
90
3
3
A
0
1
-
C
P
7
VS
3
3
A
0
1
-
C
P
7
V
V
5
.
2V
2
1A
0
1W
5
2%
9
80
5
2
A
0
1
-
C
P
7
VS
5
2
A
0
1
-
C
P
7
V
V
5
.
1V
2
1A
0
1W
5
1%
5
80
5
1
A
0
1
-
C
P
7
VS
5
1
A
0
1
-
C
P
7
V
Options
Remote sense


Similar Part No. - V7PC-10A

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
V7PC-10AT5 BEL-V7PC-10AT5 Datasheet
122Kb / 2P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 50% Tracking Output / 10A
V7PC-10AT5A BEL-V7PC-10AT5A Datasheet
95Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 12V Input Vref/2 / 10A Output
V7PC-10AT5S BEL-V7PC-10AT5S Datasheet
182Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 12V Input Vref/2 / 10A Output
V7PC-10AT5S BEL-V7PC-10AT5S Datasheet
95Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 12V Input Vref/2 / 10A Output
V7PC-10AT5X BEL-V7PC-10AT5X Datasheet
95Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 12V Input Vref/2 / 10A Output
More results

Similar Description - V7PC-10A

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
VRPC-10A BEL-VRPC-10A Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5- 3.3V Output / 10A
V7PA-03A BEL-V7PA-03A Datasheet
365Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5 - 3.3V Output / 3A
V7PC-07A BEL-V7PC-07A Datasheet
266Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5 - 3.3V Output / 7A
V7PC-10C BEL-V7PC-10C Datasheet
332Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.5 - 2.5V Output / 10A
VRPC-10C BEL-VRPC-10C Datasheet
259Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.5 - 2.5V Output / 10A
VRPC-10B BEL-VRPC-10B Datasheet
215Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 10A
V7PC-10B BEL-V7PC-10B Datasheet
291Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 10A
VRPB-10A BEL-VRPB-10A Datasheet
518Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.0 - 5.0V Output / 10A
V7PB-10A BEL-V7PB-10A Datasheet
511Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.0 - 5.0V Output / 10A
V7PC-10AT5S BEL-V7PC-10AT5S Datasheet
182Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 12V Input Vref/2 / 10A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com