Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAZ4100 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # MAZ4100
Description  Zener Diodes Silicon planar type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MAZ4100 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  MAZ4100 Datasheet HTML 1Page - Panasonic Semiconductor MAZ4100 Datasheet HTML 2Page - Panasonic Semiconductor MAZ4100 Datasheet HTML 3Page - Panasonic Semiconductor MAZ4100 Datasheet HTML 4Page - Panasonic Semiconductor MAZ4100 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
MAZ4xxx Series
SKE00004DED
1
10−1
10−1
102
10
1
Pulse width t
W (s)
Heat sink
Thickness t
= 1.6 mm
Copper foil t
= 0.035 mm
Anode side
φ 3 mm
Cathode side
φ 3 mm
Lead distance 5 mm
1
10−1
10
102
103
104
110
102
Zener current I
Z (mA)
MAZ4033
MAZ4024
MAZ4300
MAZ4068
MAZ4120
MAZ4200
MAZ4047
−3
−2
−1
0
1
0
20
40
60
80
100
120
Zener current I
Z (mA)
Tj
= 25°C to 150°C
MAZ4043
MAZ4039
MAZ4036
MAZ4033
MAZ4030
MAZ4024
MAZ4027
−6
−2
2
6
10
048
12
16
20
24
Zener current I
Z (mA)
Tj
= 25°C to 150°C
MAZ4091
MAZ4082
MAZ4075
MAZ4062
MAZ4056
MAZ4047
MAZ4068
MAZ4051
SZ  IZ
SZ  IZ
Zth  tW
RZ  IZ


Similar Part No. - MAZ4100

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZ4100 PANASONIC-MAZ4100 Datasheet
76Kb / 6P
   Silicon planar type
MAZ4100 PANASONIC-MAZ4100 Datasheet
72Kb / 5P
   Silicon planar type
MAZ4100 PANASONIC-MAZ4100 Datasheet
107Kb / 7P
   Silicon planar type
MAZ4100 PANASONIC-MAZ4100 Datasheet
104Kb / 7P
   Silicon planar type
MAZ4100-H PANASONIC-MAZ4100-H Datasheet
76Kb / 6P
   Silicon planar type
More results

Similar Description - MAZ4100

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA3180 PANASONIC-MA3180 Datasheet
108Kb / 7P
   Zener Diodes Silicon planar type
MAZ7051 PANASONIC-MAZ7051 Datasheet
96Kb / 4P
   Zener Diodes Silicon planar type
logo
Zowie Technology Corpor...
MM1Z2B4H ZOWIE-MM1Z2B4H Datasheet
167Kb / 2P
   SILICON PLANAR ZENER DIODES Halogen-free type
MM3Z2B4H ZOWIE-MM3Z2B4H Datasheet
151Kb / 2P
   SILICON PLANAR ZENER DIODES Halogen-free type
logo
New Jersey Semi-Conduct...
RD2.0E NJSEMI-RD2.0E Datasheet
346Kb / 5P
   500 mW PLANAR TYPE SILICON ZENER DIODES
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com