Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

93LC86ATIOTG Datasheet(PDF) 2 Page - Microchip Technology

Part # 93LC86ATIOTG
Description  16K Microwire Compatible Serial EEPROM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC86ATIOTG Datasheet(HTML) 2 Page - Microchip Technology

  93LC86ATIOTG Datasheet HTML 1Page - Microchip Technology 93LC86ATIOTG Datasheet HTML 2Page - Microchip Technology 93LC86ATIOTG Datasheet HTML 3Page - Microchip Technology 93LC86ATIOTG Datasheet HTML 4Page - Microchip Technology 93LC86ATIOTG Datasheet HTML 5Page - Microchip Technology 93LC86ATIOTG Datasheet HTML 6Page - Microchip Technology 93LC86ATIOTG Datasheet HTML 7Page - Microchip Technology 93LC86ATIOTG Datasheet HTML 8Page - Microchip Technology 93LC86ATIOTG Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
93AA86A/B/C, 93LC86A/B/C, 93C86A/B/C
DS21797G-page 2
© 2005 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings (†)
VCC.............................................................................................................................................................................7.0V
All inputs and outputs w.r.t. VSS ......................................................................................................... -0.6V to VCC +1.0V
Storage temperature ...............................................................................................................................-65°C to +150°C
Ambient temperature with power applied ................................................................................................-40°C to +125°C
ESD protection on all pins
......................................................................................................................................................≥ 4kV
TABLE 1-1:
DC CHARACTERISTICS
NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
All parameters apply over the specified
ranges unless otherwise noted.
Industrial (I):
TA = -40°C to +85°C, VCC = +1.8V to 5.5V
Automotive (E):
TA = -40°C to +125°C, VCC = +2.5V to 5.5V
Param.
No.
Symbol
Parameter
Min
Typ
Max
Units
Conditions
D1
VIH1
VIH2
High-level input voltage
2.0
0.7 VCC
VCC +1
VCC +1
V
V
VCC
≥ 2.7V
VCC < 2.7V
D2
VIL1
VIL2
Low-level input voltage
-0.3
-0.3
0.8
0.2 VCC
V
V
VCC
≥ 2.7V
VCC < 2.7V
D3
VOL1
VOL2
Low-level output voltage
0.4
0.2
V
V
IOL = 2.1 mA, VCC = 4.5V
IOL = 100
μA, VCC = 2.5V
D4
VOH1
VOH2
High-level output voltage
2.4
VCC - 0.2
V
V
IOH = -400
μA, VCC = 4.5V
IOH = -100
μA, VCC = 2.5V
D5
ILI
Input leakage current
±1
μAVIN = VSS or VCC
D6
ILO
Output leakage current
±1
μAVOUT = VSS or VCC
D7
CIN,
COUT
Pin capacitance (all inputs/
outputs)
——
7
pF
VIN/VOUT = 0V (Note 1)
TA = 25°C, FCLK = 1 MHz
D8
ICC write Write current
500
3
mA
μA
FCLK = 3 MHz, VCC = 5.5V
FCLK = 2 MHz, VCC = 2.5V
D9
ICC read
Read current
100
1
500
mA
μA
μA
FCLK = 3 MHz, VCC = 5.5V
FCLK = 2 MHz, VCC = 3.0V
FCLK = 2 MHz, VCC = 2.5V
D10
ICCS
Standby current
1
5
μA
μA
I – Temp
E – Temp
CLK = CS = 0V
ORG = DI
PE = VSS or VCC
(Note 2) (Note 3)
D11
VPOR
VCC voltage detect
1.5
3.8
V
V
(Note 1)
93AA86A/B/C, 93LC86A/B/C
93C86A/B/C
Note 1:
This parameter is periodically sampled and not 100% tested.
2:
ORG and PE pin not available on ‘A’ or ‘B’ versions.
3:
Ready/Busy status must be cleared from DO, see Section 3.4 “Data Out (DO)”.


Similar Part No. - 93LC86ATIOTG

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93LC86AT-E/CH MICROCHIP-93LC86AT-E/CH Datasheet
738Kb / 38P
   1K-16K Microwire Compatible Serial EEPROMs
2007
93LC86AT-E/MC MICROCHIP-93LC86AT-E/MC Datasheet
738Kb / 38P
   1K-16K Microwire Compatible Serial EEPROMs
2007
93LC86AT-E/MS MICROCHIP-93LC86AT-E/MS Datasheet
738Kb / 38P
   1K-16K Microwire Compatible Serial EEPROMs
2007
93LC86AT-E/OT MICROCHIP-93LC86AT-E/OT Datasheet
738Kb / 38P
   1K-16K Microwire Compatible Serial EEPROMs
2007
93LC86AT-E/P MICROCHIP-93LC86AT-E/P Datasheet
738Kb / 38P
   1K-16K Microwire Compatible Serial EEPROMs
2007
More results

Similar Description - 93LC86ATIOTG

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93LC86C-ISN MICROCHIP-93LC86C-ISN Datasheet
431Kb / 26P
   16K Microwire Compatible Serial EEPROM
01/26/04
93AA86A MICROCHIP-93AA86A_12 Datasheet
776Kb / 38P
   16K Microwire Compatible Serial EEPROM
11/29/11
logo
Catalyst Semiconductor
CAT93C86 CATALYST-CAT93C86_06 Datasheet
447Kb / 13P
   16K-Bit Microwire Serial EEPROM
CAT93C86 CATALYST-CAT93C86 Datasheet
409Kb / 9P
   16K-Bit Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C86 ONSEMI-CAT93C86 Datasheet
121Kb / 13P
   16K-Bit Microwire Serial EEPROM
Doc. No. MD-1091 Rev. R
CAT93C86-C ONSEMI-CAT93C86-C Datasheet
620Kb / 13P
   16K-Bit Microwire Serial EEPROM
Rev. S
logo
Microchip Technology
93LC86-I MICROCHIP-93LC86-I Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
93C76 MICROCHIP-93C76 Datasheet
84Kb / 12P
   8K/16K 5.0V Microwire Serial EEPROM
1996
93LC76 MICROCHIP-93LC76 Datasheet
86Kb / 12P
   8K/16K 2.5V Microwire Serial EEPROM
1996
950211BFLF MICROCHIP-950211BFLF Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com