Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

93LC86ATIOTG Datasheet(PDF) 9 Page - Microchip Technology

Part # 93LC86ATIOTG
Description  16K Microwire Compatible Serial EEPROM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC86ATIOTG Datasheet(HTML) 9 Page - Microchip Technology

Back Button 93LC86ATIOTG Datasheet HTML 5Page - Microchip Technology 93LC86ATIOTG Datasheet HTML 6Page - Microchip Technology 93LC86ATIOTG Datasheet HTML 7Page - Microchip Technology 93LC86ATIOTG Datasheet HTML 8Page - Microchip Technology 93LC86ATIOTG Datasheet HTML 9Page - Microchip Technology 93LC86ATIOTG Datasheet HTML 10Page - Microchip Technology 93LC86ATIOTG Datasheet HTML 11Page - Microchip Technology 93LC86ATIOTG Datasheet HTML 12Page - Microchip Technology 93LC86ATIOTG Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
© 2005 Microchip Technology Inc.
DS21797G-page 9
93AA86A/B/C, 93LC86A/B/C, 93C86A/B/C
2.6
Erase/Write Disable and Enable
(EWDS/EWEN)
The 93XX86A/B/C powers up in the Erase/Write
Disable (EWDS) state. All programming modes must be
preceded by an Erase/Write Enable (EWEN) instruction.
Once the EWEN instruction is executed, programming
remains enabled until an EWDS instruction is executed
or VCC is removed from the device.
To protect against accidental data disturbance, the
EWDS
instruction can be used to disable all Erase/Write
functions
and
should
follow
all
programming
operations.
Execution
of
a
READ
instruction
is
independent of both the EWEN and EWDS instructions.
FIGURE 2-3:
EWDS TIMING
FIGURE 2-4:
EWEN TIMING
2.7
Read
The READ instruction outputs the serial data of the
addressed memory location on the DO pin. A dummy
zero bit precedes the 8-bit (If ORG pin is low or A-Version
devices) or 16-bit (If ORG pin is high or B-version
devices) output string.
The output data bits will toggle on the rising edge of the
CLK and are stable after the specified time delay (TPD).
Sequential read is possible when CS is held high. The
memory data will automatically cycle to the next register
and output sequentially.
FIGURE 2-5:
READ TIMING
CS
CLK
DI
10
00
0
x
•••
x
TCSL
1x
CS
CLK
DI
00
1
1
x
TCSL
•••
CS
CLK
DI
DO
11
0
An
•••
A0
High-Z
0
Dx
•••
D0
Dx
•••
D0
•••
Dx
D0


Similar Part No. - 93LC86ATIOTG

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93LC86AT-E/CH MICROCHIP-93LC86AT-E/CH Datasheet
738Kb / 38P
   1K-16K Microwire Compatible Serial EEPROMs
2007
93LC86AT-E/MC MICROCHIP-93LC86AT-E/MC Datasheet
738Kb / 38P
   1K-16K Microwire Compatible Serial EEPROMs
2007
93LC86AT-E/MS MICROCHIP-93LC86AT-E/MS Datasheet
738Kb / 38P
   1K-16K Microwire Compatible Serial EEPROMs
2007
93LC86AT-E/OT MICROCHIP-93LC86AT-E/OT Datasheet
738Kb / 38P
   1K-16K Microwire Compatible Serial EEPROMs
2007
93LC86AT-E/P MICROCHIP-93LC86AT-E/P Datasheet
738Kb / 38P
   1K-16K Microwire Compatible Serial EEPROMs
2007
More results

Similar Description - 93LC86ATIOTG

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93LC86C-ISN MICROCHIP-93LC86C-ISN Datasheet
431Kb / 26P
   16K Microwire Compatible Serial EEPROM
01/26/04
93AA86A MICROCHIP-93AA86A_12 Datasheet
776Kb / 38P
   16K Microwire Compatible Serial EEPROM
11/29/11
logo
Catalyst Semiconductor
CAT93C86 CATALYST-CAT93C86_06 Datasheet
447Kb / 13P
   16K-Bit Microwire Serial EEPROM
CAT93C86 CATALYST-CAT93C86 Datasheet
409Kb / 9P
   16K-Bit Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C86 ONSEMI-CAT93C86 Datasheet
121Kb / 13P
   16K-Bit Microwire Serial EEPROM
Doc. No. MD-1091 Rev. R
CAT93C86-C ONSEMI-CAT93C86-C Datasheet
620Kb / 13P
   16K-Bit Microwire Serial EEPROM
Rev. S
logo
Microchip Technology
93LC86-I MICROCHIP-93LC86-I Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
93C76 MICROCHIP-93C76 Datasheet
84Kb / 12P
   8K/16K 5.0V Microwire Serial EEPROM
1996
93LC76 MICROCHIP-93LC76 Datasheet
86Kb / 12P
   8K/16K 2.5V Microwire Serial EEPROM
1996
950211BFLF MICROCHIP-950211BFLF Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com