Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S7AH-05C180 Datasheet(PDF) 10 Page - Bel Fuse Inc.

Part # S7AH-05C180
Description  NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2- 2.5V Output / 5A
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S7AH-05C180 Datasheet(HTML) 10 Page - Bel Fuse Inc.

Back Button S7AH-05C180 Datasheet HTML 6Page - Bel Fuse Inc. S7AH-05C180 Datasheet HTML 7Page - Bel Fuse Inc. S7AH-05C180 Datasheet HTML 8Page - Bel Fuse Inc. S7AH-05C180 Datasheet HTML 9Page - Bel Fuse Inc. S7AH-05C180 Datasheet HTML 10Page - Bel Fuse Inc. S7AH-05C180 Datasheet HTML 11Page - Bel Fuse Inc. S7AH-05C180 Datasheet HTML 12Page - Bel Fuse Inc. S7AH-05C180 Datasheet HTML 13Page - Bel Fuse Inc. S7AH-05C180 Datasheet HTML 14Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2002 Bel Fuse Inc.
Specifications subject to change without notice. 11.02
POWER PRODUCTS
NON-ISOLATED DC/DC CONVERTERS
BP02x7AH-05C
3.3V Input / 1.2V – 2.5V Output / 5A
page 10
Output Voltage Set-Point Adjustment
Vo
Trim
Gnd
Vo
Trim
Gnd
Trim Down Test Circuit
Trim Up Test Circuit
Output Voltage Set-Point Adjustment
x7AH-05C250 Trim Resistor Calculation
Rtrim down =
9.5565
Vo – Vo, adj
– 20.32
) Kohm
(
Rtrim up =
4.496
Vo, adj – Vo
– 14.7
) Kohm
(


Similar Part No. - S7AH-05C180

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7AH-05A BEL-S7AH-05A Datasheet
504Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
S7AH-05A090 BEL-S7AH-05A090 Datasheet
504Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
S7AH-05A100 BEL-S7AH-05A100 Datasheet
504Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
S7AH-05A120 BEL-S7AH-05A120 Datasheet
504Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
S7AH-05A150 BEL-S7AH-05A150 Datasheet
504Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
More results

Similar Description - S7AH-05C180

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRAH-05C BEL-SRAH-05C Datasheet
210Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 5A
S7AH-05B BEL-S7AH-05B Datasheet
182Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 5A
SRAH-05B BEL-SRAH-05B Datasheet
190Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 5A
S7AH-07C BEL-S7AH-07C Datasheet
254Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 7A
VRPB-10C BEL-VRPB-10C Datasheet
229Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 10A
VRPC-10C BEL-VRPC-10C Datasheet
259Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.5 - 2.5V Output / 10A
X7AH-03C1A0 BEL-X7AH-03C1A0 Datasheet
155Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input 0.9V-2.5V/3A Output
S7DB-08C BEL-S7DB-08C Datasheet
179Kb / 13P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 8A
V7PC-10C BEL-V7PC-10C Datasheet
332Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.5 - 2.5V Output / 10A
V7PD-15C BEL-V7PD-15C Datasheet
347Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 15A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com