Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY5DU561622ALT-K Datasheet(PDF) 9 Page - Hynix Semiconductor

Part # HY5DU561622ALT-K
Description  256M-S DDR SDRAM
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5DU561622ALT-K Datasheet(HTML) 9 Page - Hynix Semiconductor

Back Button HY5DU561622ALT-K Datasheet HTML 5Page - Hynix Semiconductor HY5DU561622ALT-K Datasheet HTML 6Page - Hynix Semiconductor HY5DU561622ALT-K Datasheet HTML 7Page - Hynix Semiconductor HY5DU561622ALT-K Datasheet HTML 8Page - Hynix Semiconductor HY5DU561622ALT-K Datasheet HTML 9Page - Hynix Semiconductor HY5DU561622ALT-K Datasheet HTML 10Page - Hynix Semiconductor HY5DU561622ALT-K Datasheet HTML 11Page - Hynix Semiconductor HY5DU561622ALT-K Datasheet HTML 12Page - Hynix Semiconductor HY5DU561622ALT-K Datasheet HTML 13Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Rev. 0.4/ May. 02
9
HY5DU56422A(L)T
HY5DU56822A(L)T
HY5DU561622A(L)T
SIMPLIFIED COMMAND TRUTH TABLE
Command
CKEn-1
CKEn
CS
RAS
CAS
WE
ADDR
A10/
AP
BA
Note
Extended Mode Register Set
H
X
LLLL
OP code
1,2
Mode Register Set
H
X
LLLL
OP code
1,2
Device Deselect
HX
H
XXX
X1
No Operation
L
HHH
Bank Active
H
X
L
L
H
H
RA
V
1
Read
H
X
LHLH
CA
L
V
1
Read with Autoprecharge
H1,3
Write
HX
L
H
L
L
CA
L
V
1
Write with Autoprecharge
H1,4
Precharge All Banks
HX
L
L
H
L
X
HX
1,5
Precharge selected Bank
LV
1
Read Burst Stop
H
X
L
H
H
L
X
1
Auto Refresh
H
H
LLL
H
X
1
Self Refresh
Entry
H
L
LLL
H
X
1
Exit
L
H
H
XXX
1
L
HHH
Precharge Power
Down Mode
Entry
H
L
H
XXX
X
1
L
HHH
1
Exit
L
H
H
XXX
1
L
HHH
1
Active Power
Down Mode
Entry
H
L
H
XXX
X
1
L
VVV
1
Exit
L
H
X
1
Note :
1. LDM/UDM states are Don’t Care. Refer to below Write Mask Truth Table.
2. OP Code(Operand Code) consists of A0~A11 and BA0~BA1 used for Mode Register setting duing Extended MRS or MRS.
Before entering Mode Register Set mode, all banks must be in a precharge state and MRS command can be issued after tRP
period from Prechagre command.
3. If a Read with Autoprecharge command is detected by memory component in CK(n), then there will be no command presented
to activated bank until CK(n+BL/2+tRP).
4. If a Write with Autoprecharge command is detected by memory component in CK(n), then there will be no command presented
to activated bank until CK(n+BL/2+1+tDPL+tRP). Last Data-In to Prechage delay(tDPL) which is also called Write Recovery Time
(tWR) is needed to guarantee that the last data has been completely written.
5. If A10/AP is High when Precharge command being issued, BA0/BA1 are ignored and all banks are selected to be
precharged.
( H=Logic High Level, L=Logic Low Level, X=Don’t Care, V=Valid Data Input, OP Code=Operand Code, NOP=No Operation )


Similar Part No. - HY5DU561622ALT-K

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU561622CT-D HYNIX-HY5DU561622CT-D Datasheet
249Kb / 34P
   256M-P DDR SDRAM
HY5DU561622CT-D4 HYNIX-HY5DU561622CT-D4 Datasheet
249Kb / 34P
   256M-P DDR SDRAM
HY5DU561622CT-D43 HYNIX-HY5DU561622CT-D43 Datasheet
249Kb / 34P
   256M-P DDR SDRAM
HY5DU561622CTP HYNIX-HY5DU561622CTP Datasheet
198Kb / 30P
   256M(16Mx16) gDDR SDRAM
HY5DU561622CTP-28 HYNIX-HY5DU561622CTP-28 Datasheet
198Kb / 30P
   256M(16Mx16) gDDR SDRAM
More results

Similar Description - HY5DU561622ALT-K

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD2516KCTA-SI ELPIDA-EDD2516KCTA-SI Datasheet
579Kb / 52P
   256M bits DDR SDRAM 256M bits DDR SDRAM
logo
Hynix Semiconductor
HY5DU561622FLTP-5 HYNIX-HY5DU561622FLTP-5 Datasheet
185Kb / 28P
   256M(16Mx16) DDR SDRAM
HY5DU561622FLTP-5I HYNIX-HY5DU561622FLTP-5I Datasheet
184Kb / 28P
   256M(16Mx16) DDR SDRAM
HY5DU56422BT-D4 HYNIX-HY5DU56422BT-D4 Datasheet
235Kb / 32P
   256M-P DDR SDRAM
logo
Elpida Memory
EDD2516AKTA ELPIDA-EDD2516AKTA Datasheet
509Kb / 49P
   256M bits DDR SDRAM
EDD2508AKTA ELPIDA-EDD2508AKTA Datasheet
494Kb / 50P
   256M bits DDR SDRAM
logo
Hynix Semiconductor
HY5DU56422CT-D4 HYNIX-HY5DU56422CT-D4 Datasheet
249Kb / 34P
   256M-P DDR SDRAM
logo
Elpida Memory
EDD2516AMTA-6B-E ELPIDA-EDD2516AMTA-6B-E Datasheet
378Kb / 33P
   256M bits DDR SDRAM
EDD2504AJTA ELPIDA-EDD2504AJTA Datasheet
497Kb / 50P
   256M bits DDR SDRAM
EDD2508ARTA-5B ELPIDA-EDD2508ARTA-5B Datasheet
380Kb / 33P
   256M bits DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com