Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APC82247S Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # APC82247S
Description  T1/E1/J1 SMD Line Interface Hybrid for PMC Octal LIU
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

APC82247S Datasheet(HTML) 1 Page - Bel Fuse Inc.

  APC82247S Datasheet HTML 1Page - Bel Fuse Inc. APC82247S Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2003 Bel Fuse Inc. Specifications subject to change without notice. 05.20.03
Page 1
RX
TX
6
9
8
11
GND
VCC
7
1
2
3
5
4
10
T1/E1/J1 SMD Line Interface Hybrid for PMC Octal LIU
APC82247s
INCLUDES: ISOLATION TRANSFORMERS, PROTECTION COMPONENTS (LINE AND CHIP SIDE)
SAFETY COMPONENTS: SRDA3.3-4 (SEMTECH), FUSE F1250T (TELELINK), SIDACTOR- P1800SC (TECCOR)
LINE SIDE
IC SIDE
SCHEMATIC
MECHANICAL
0.5
2.2
42.5 Max
13.0 MAX
SEATED HEIGHT
0.10 MAX
8.5 Max
Side View
Front View
Bottom View
Recommended PCB Layout
3.0
+/- 0.2
10.0
1
2
3 4 5
7 8 9
6
10 11
5.0 IN 2
PLACES
11.0
1
7.62
2.54 PITCH
IN 7 PLACES
1.0
10.16
NOTE: ALL DIMENSIONS IN MM
FEATURES
Suitable for all T1/E1/J1 applications
Compatible with PMC4318 3108 Octal LIU chip
Minimum Board Space requirements
Designed for multiple interface line cards
Surface Mount Footprint
In order to maintain the overvoltage/overcurrent capability of the module, the recommendations for the tracking between
the Line and the Tip and Ring port of the module are as follows:
Trace width = 0.025in
1oz Copper
Trace separation between Tip and Ring 0.025 in minimum to the line part of the module
Longitudinal protection circuit designed to meet FCC part 68, Telcordia GR1089 for 1st level and 2nd level lighting and
1st level power line cross events and EMC EN300 386-2 (European Standard)
Safety UL 60950 and IEC 60950: Pending approvals


Similar Part No. - APC82247S

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
APC82246 BEL-APC82246 Datasheet
75Kb / 1P
   T1/E1/J1 Line Interface Hybrid for Intel Octal LIU
APC82246S BEL-APC82246S Datasheet
190Kb / 3P
   T1/E1/J1 SMD Line Interface Hybrid for Intel Octal LIU
More results

Similar Description - APC82247S

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
APC82246S BEL-APC82246S Datasheet
190Kb / 3P
   T1/E1/J1 SMD Line Interface Hybrid for Intel Octal LIU
APC82246 BEL-APC82246 Datasheet
75Kb / 1P
   T1/E1/J1 Line Interface Hybrid for Intel Octal LIU
logo
PMC-Sierra, Inc
PM4318 PMC-PM4318 Datasheet
2Mb / 244P
   OCTAL E1/T1/J1 LINE INTERFACE DEVICE
logo
Cirrus Logic
CS61884 CIRRUS-CS61884_05 Datasheet
1Mb / 71P
   Octal T1/E1/J1 Line Interface Unit
CS61884 CIRRUS-CS61884 Datasheet
1Mb / 72P
   Octal T1/E1/J1 Line Interface Unit
CDB61884 CIRRUS-CDB61884 Datasheet
406Kb / 22P
   Octal T1/E1/J1 Line Interface Evaluation Board
logo
Exar Corporation
XRT86VL38 EXAR-XRT86VL38 Datasheet
2Mb / 180P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38_07 Datasheet
2Mb / 183P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38_2 Datasheet
2Mb / 160P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VX38_0906 EXAR-XRT86VX38_0906 Datasheet
551Kb / 53P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com